Part Number Hot Search : 
28F800 SAA2023 SMB10 ESJC07 SAA2023 ESJC07 R1100 H2014
Product Description
Full Text Search
 

To Download 551-3508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3mm, Flat Top LED CBI(R) Circuit Board Indicator In-line, 3 Leaded Bi-Color
4.83 [.190] 3.80 [.150] 9.65 [.380]
551-3508
PART NO. 551-3508 COLOR Red/Green
7.11 [.280] 3.81 [.150]
3.09 [.122]
1.78 [.070]
2.54 [.100] .608 [.020] 1.70 [.067] 1.60 [.063] 2.54 1.90 1.90 [.100] [.075] [.075] STABILIZER PIN 2.03 [.080] 2.54 [.100] 1.90 1.90 [.075] [.075]
GREEN ANODE
COMMON CATHODE
RECOMMENDED P.C. BOARD LAYOUT
1.09 [.043]
Dimensions in mm [inches]
Features
* Common Cathode simplifies design, and provides amber as a third color * Locating pin provides stability during soldering * Multiple CBIs form horizontal LED arrays on 4.2mm (0.1650") center-lines * High Contrast, UL 94 V-0 rated, black housing * * * * * Oxygen index: 31.5% Polymer content: PBT, 1.055 g Housing stand-offs facilitate PCB cleaning Solderability per MIL-STD-202F, method 208F LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
4
Tolerance note: As noted, otherwise:
* LED Protrusion: 0.04 mm [0.016] * CBI Housing: 0.02mm[0.008]
Typical Operating Characteristics (TA=25C)
Part Number 551-3508 Color Red/Green Peak Wavelength nm 630/560 IV mcd 4/4
See LED data sheet for additional information See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
VF Volts 2/2.1
Test Current (mA) 20
LED Data sheet 3TF-9484
Page # 4-69
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
4-21
3mm LED Bi-Color Non-Tinted, Diffused
3TD-9664, 3TD-986x, 3TF-9484
TYPE *3TD-9664 *3TD-9868 *3TD-9869 *3TF-9484 COLOR Red/Green Red/Green Yellow/Green Red/Green
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
Red/Green
Red/Green
Yellow/Green
Red/Green
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mW/C) From 25C *Derating (mA/ C) From 50C Peak Current (mA)
Pulse width 10s
-9664 75/75 .85/.85 100/100 -30/+85 -30/+100
-9868 100/100 30/30 .4*/.4* 30/30 -55/+100 -55/+100
-9869 60/100 20/30 .25*/.4* 80/120 -55/+100 -55/+100
-9484 75/75 30/30 .33*/.67* 100/100 -30/+85 -30/+100
4
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
260C, 6 seconds, 1.6 mm from case (9484 only) 260C, 5 seconds, 1.6 mm from case (except 9484)
Solder Adherence per MIL-STD-202E, Method 208C
Red/Green Red/Green Yellow/Green Red/Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA *IF=10mA Peak Wavelength (nm) Peak Viewing Angle (21/2) Forward Voltage (V) IF=20mA Reverse Voltage (V) IR=100A Min. Typical Typical Typical Typical Max.
-9664 4/6 8/12 630/560 80 2/2.1 2.5/2.5
-9868 2.5*/3.7* 4.7*/10* 635/565 60/60 2/2.1 2.8/2.8
-9869 2.5*/2.5* 4.3*/6.3* 585/565 80/80 2.1/2.1 2.8/2.8
-9484 2/2 4/4 630/560
2/2.1 2.5/2.5
Min.
5
5
5
5
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
4-69


▲Up To Search▲   

 
Price & Availability of 551-3508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X