Part Number Hot Search : 
74LS72 CT1612DB NP0H3A3 FDMS7680 1207AP KMM53 A2201 74LS72
Product Description
Full Text Search
 

To Download 500ASSP1M2Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SERIES 5 0 0 A
SWITCHES SUB-MINIATURE SLIDE SWITCHES
SPECIFICATIONS Ratings: Electrical Life: Contact Resistance: Insulation Resistance: Dielectric Strength: Operating Temperature: MATERIALS Case: Housing: Slide Handle: Contact & Terminals:
3 A @ 120 VAC 1 A @ 250 VAC 50,000 make-and-break cycles at full load 10 m max. typical @ 2-4 VDC 100mA for both silver and gold plated contacts 1,000M min. 1,000 V rms at sea level -30C to 85C Diallyl phthalate (DAP) Stainless steel Nylon Gold or Silver plated copper alloy
HOW TO ORDER
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
Series
Model No.
Termination
Contact Material
500A
SSP1 SSP3 M2 M6 Q=Silver R=Gold
EXAMPLE
500A SSP1 M2 R
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
171
SERIES 5 0 0 A SUB-MINIATURE SLIDE SWITCHES
SWITCHES
Model No. SSP-1 SSP-3 Term. Comm.
Switching Position
ON ON 2-1
NONE OFF OPEN
ON ON 2-3
SPDT
Schematic 2 Comm.
1 3
( ) = Momentary
TERMINATION OPTIONS
P.C. MOUNTING
M2
PC PIN
P.C. MOUNTING
M6
CONTACT MATERIAL OPTIONS
Q Fixed Terminal: Silver plated copper alloy Moving Contact: Silver plated copper alloy Rating: 3 Amps with resistive load @ 120VAC or 28VDC 1 Amp with resistive load @ 250VAC R Fixed Terminal: Copper alloy with gold plate over nickel plate Moving Contact: Copper alloy with gold plate over nickel plate Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
172
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.


▲Up To Search▲   

 
Price & Availability of 500ASSP1M2Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X