Part Number Hot Search : 
IRFS4 TE4935 C2328 43650 CAXXXXXX 5KP120 TE4935 1N5235BT
Product Description
Full Text Search
 

To Download 4B06B-100-5R6LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ro VE LEA HS RS D CO I O N F R E M SA E PL R IA E NT *
Features
4B06
B-51 00282-5R6

Lead free versions available (RoHS compliant*) Overcurrent/lightning protection to BELLCORE GR-1089 Typical application is secondary protection on telecom line cards UL497A recognition Thermal fuse links
4B06B-512-RC - Surge Line Protection Module
Matched Pair of Resistors
Electrical Characteristics
Resistance Values (R1 = R2) .............................................5.6 - 100 Resistance Tolerance..................................................................5 % TCR ..................................................................................100 ppm/C Ratio Tolerance ...........................................................................2 % Temperature Range...................................................-40 C to +85 C
Product Dimensions
33.02 MAX. (1.300)
3.18 (.125) MAX. 3.43 .381 (.135 0.015) 1.91 (.075) MAX. 0.36 (.014) MAX.
Physical Characteristics
Body Style ................................................................Open Frame SIP Substrate Material ........................................................96 % Alumina Lead Frame Material .......................................Copper, solder coated Flammability .....................................................Conforms to UL94V-0 Wave Soldering .................................................260 C for 3 seconds
11.43 MAX. (.450)
123 1.27 (.050) 2 PLCS. 20.32 (.800)
11 12 13 2.54 (.100) 4 PLCS.
Functional Characteristics (per Bellcore GR-1089)
First Level Lightning Surge Resistors will remain within tolerance after testing. 1000 Volts Peak, 100 Amp Peak Current, Max. Rise/Min. Decay Time 10x1000 s, 60 Seconds Between Pulses: Number of Pulses ..............................25 each resistor each polarity ..........................................................25 simultaneous each polarity 2500 Volts Peak, 500 Amp Peak Current, Max. Rise/Min. Decay Time 2x10 s, 60 Seconds Between Pulses: Number of Pulses .............................10 simultaneous each polarity First Level AC Power Fault Resistors will remain within tolerance after testing. 50 Vrms, 0.33 Amp Short Circuit Current: Duration...........................................................................15 minutes 100 Vrms, 0.17 Amp Short Circuit Current: Duration...........................................................................15 minutes 600 Vrms, 1.00 Amp Short Circuit Current: Duration ........................................................60 One-second pulses Second Level Lightning Surge Resistor package must fail safely causing no fire, electrical, or framentation hazard. 5000 Volts Peak, 500 Amp Peak Current, Max. Rise/Min. Decay Time 2x10 s: Number of Pulses ...............................1 simultaneous each polarity Second Level AC Power Fault Resistor package must fail safely causing no fire, electrical, or framentation hazard.
DIMENSIONS: MILLIMETERS (INCHES)
Electrical Schematic
R1
1 F1
2
3
11 12 13 F2 R2
How To Order
4B 06 B - 512 - XXX LF
Model (4B = Open Frame) Number of Pins Physical Configuration Electrical Configuration 512 = Matched pair of resistors plus thermal fuse Resistance Code * 5R6 = 5.6 * 100 = 10 * 500 = 50 * 101 = 100 Lead Free Option Blank = Standard Product LF = Lead Free / RoHS Compliant Product
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 * FAX +41-41 7685510 Americas: TEL +1-909 781-5500 * FAX +1-909 781-5700
bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV. 07/06


▲Up To Search▲   

 
Price & Availability of 4B06B-100-5R6LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X