Part Number Hot Search : 
ST211 GT40RR21 C2751 HPI6FFR4 CVA2415 IL223AT MF194SC CD401
Product Description
Full Text Search
 

To Download 3T110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA, U.S.A. 92253 Tel: 760-564-8656 * Fax: 760-564-2414
TWO TERMINAL THYRISTOR SERIES
SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
FEATURES
* UL94V-O Fammability Classification * ESD Prootection >40 kilovolts * Low Capacitance for T1/E1 Trunk and Line card applications * High Surgae Current Capability (See Electrical Characteristics) * Peak Off-State Voltage from 58 to 300 volts * Meet IEC100-4-4 & 5 Industry Requirement * Provides Protection in Accorfance with FCC Part 68, UL1459, Bellcore 189, ITU-TK, 20 & k. 21
DEVICE SYMBOL
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic over glass passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.015 ounces, 0.4 grams
MECHANICAL DATA
Case: JEDEC DO214AA. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 12mm tape (EIA STD RS-481) Weight: 0.003 ounces, 0.093 grams)
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414
Electrical Characteristics @ 25 C Ambient Temperature
PART NUMBER MARKING CODE FOR SMD PACKAGE REPETITIVE PEAK OFFSTAGE VOLTAGE SWITCHING VOLTAGE @ 100V/ s Vs VOLTS 77 88 98 130 160 180 220 260 300 350 400 77 88 98 130 160 180 220 260 300 350 400 MINIMUM SWITCHING SURGE ON-STAGE TYPICAL HOLDING CURRENT RATING CURRENT CAPACITANCE CURRENT IPP @ 2V, 1MHZ IS IT dl/dt = 1A/ms C 10x1000 mA A pF s IH Amps mA 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 800.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 50.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 60 60 60 60 40 40 40 30 30 30 30 60 60 60 60 40 40 40 30 30 30 30
VDRM
3T064A 3T072A 3T080A 3T110A 3T130A 3T150A 3T180A 3T230A 3T260A 3T310A 3T350A 3T064B 3T072B 3T080B 3T110B 3T130B 3T150B 3T180B 3T230B 3T260B 3T310B 3T350B GC GD GE GF GG GH GI GJ GK GL GM GP GQ GR GS GT GU GV GW GX GY GZ VOLTS 58.00 65.00 75.00 90.00 120.00 140.00 160.00 190.00 220.00 275.00 300.00 58.00 65.00 75.00 90.00 120.00 140.00 160.00 190.00 220.00 275.00 300.00
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414
8/6/2002


▲Up To Search▲   

 
Price & Availability of 3T110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X