Part Number Hot Search : 
1753518 PFR852 2N6190 ADF4159 SMCJ12A KA2402D RF530N PJU664HF
Product Description
Full Text Search
 

To Download 3B37-J-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Isolated, Thermocouple Input 3B37
FEATURES
Interfaces, amplifies, & filters input voltages from a J, K, T, E, R, S, or B-type thermocouple. High accuracy internal cold junction compensation. Module provides simultaneous precision voltage and current outputs. Current output withstands 130V rms without damage. All 3B37 series modules are mix-and-match and Hot Swappable.
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
Industrial signal conditioning Industrial signal isolation Industrial signal filtering
Figure 1. 3B37 Functional Block Diagram
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a low-cost, versatile method of transferring analog transducer signals to a data acquisition, monitoring or control system without the inherent noise, non-linearity, drift and extraneous voltages. The modules are designed to directly accept analog signals from Thermocouples, RTD's, AC and DC Strain Gages, Torque Transducers, Frequency Transducers, LVDTs, millivolt or process current signals. The modules amplify, isolate, linearize and convert the transducer output signals to standardized analog inputs for high-level analog I/O subsystems. The 3B Series Subsystem consists of a 10" relay rack with universal mounting backplane and a family of plug-in (up to 16 per rack) input and output signal conditioning modules. Eight and four channel backplanes are also available. Each backplane incorporates screw terminals for sensor inputs and current outputs and a 26-pin connector for high-level singleended voltage outputs to the user's equipment. The input modules feature complete signal conditioning circuitry optimized for specific sensors or analog signals and provide two simultaneous high-level analog outputs: 0 to +10V (or +10V) and 4-20 mA (or 0-20 mA).
Output modules accept 0 to +10V (or +10V) single-ended signals and provide an isolated 4-20 mA (or 0-20 mA) process signal. All modules feature a universal pin-out and may be readily hot-swapped under full power and interchanged without disrupting field wiring. The Analog Devices 3B Series Signal Conditioning Subsystem is designed to easily handle signal conditioning problems in measurement and control applications. Some typical uses are in microcomputer-based data acquisition systems, programmable controllers, analog recorders, dedicated control systems, and any other applications where monitoring of temperature, pressure, flow and analog signals are required. Since each input module features two simultaneous outputs, the voltage output can be used to provide an input to a microprocessor-based data acquisition or control system while the current output can be used for analog transmission, operator interface, or an analog backup system. Each input module is a single-channel signal conditioner which plugs into a socket on the backplane and accepts its signal from the input screw terminals. All input modules provide input protection, amplification and filtering of the input signal, accuracy of +0.1%, low drift of +1 uV/oC (low-level input modules), and feature two high-level analog outputs that are compatible with most process instrumentation. The isolated input modules also provide +1500 V peak isolation. The choice of a specific 3B module depends upon the type of input signal. Input modules are available to accept millivolt, volt, process current, thermocouple, RTD, AC and DC strain gage, frequency and LVDT inputs. The voltage output of each module is available from the sysem I/O connector while the current output is available on the output screw terminals.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
3B37 GENERAL DESCRIPTION
The 3B37 is a single-channel signal conditioning module that interfaces, amplifies and filters input voltages from a J, K, T, E, R, S or B-type thermocouple and provides isolated simultaneous voltage and current outputs linear with input voltage. High accuracy internal cold junction compensation and a predictable upscale open circuit indication provide a complete signal conditioning solution. To accurately measure low level signals in electrically noisy environments, +1500 V peak of galvanic transformer-based isolation with a common mode rejection (CMR) of 160 dB @ 50/60 Hz and a normal mode rejection (NMR) of 60 dB @ 50/60 Hz are provided. The current output withstands 130 V rms without damage and interfaces user equipment through screw terminals located on the 3B Series backplane. This plug-in, mix-and-match, hot-swappable module is easily field calibrated via front-panel zero and span adjustments for both voltage and current outputs. Accurate and System Ready - Internal cold-junction compensation largely corrects errors arising from parasitic thermocouples formed by thermocouple connection to the input screw terminals, providing an accuracy of +0.5oC over the +5oC to +45oC ambient temperature range. The module generates a predictable upscale signal to indicate an open thermocouple; for a downscale response, connect a 47M, 0.25 Watt resistor across screw terminals 2 and 4 on the 3B Series backplane 3B Series Custom Ranging Program - Externallyprogrammable version Model 3B37-X-00, enable the user to configure a special input range by using the optional plug-on . AC1310 ranging card, which houses user-supplied resistors to determine zero and span. To facilitate selecting resistors, a Windows program, 3B-Custom, calculates resistor values based on the user-desired input/output ranges.
Inside the 3B37 Module - A chopper-stabilized low-drift input amplifier assures stable long-term stability. At the amplifier input, a zero-scale input voltage is subtracted from the input signal to set the zero-scale value. For user convenience, the zero and span optionally can be factory configured to meet custom needs (Model 3B37-CUSTOM) or can be externally programmed (Model 3B37-X-00) via user-supplied resistors inserted in the optional AC1310 plug-on ranging card. Zero suppression can exceed 100% of the input range. This enables suppression of a zero-scale input value amny times larger that the total span for precise expanded-scale measurements of a selection portion of an input signal. The differential input circuit on the field side is fully floating, eliminating the need for any input grounding. Signal isolation by transformer coupling users a proprietary modulation technique for linear, stable and reliable performance. A demodulator on the computer side of the signal transformer recovers the original signa, which is then filtered and buffered to provide a low-noise, low-impedance output voltage, this output also drives a voltage-to-current (V/I) converter to provide a simultaneous current output for interfacing versatility.
.
Figure 2
Rev. 0 | Page 2 of 8
3B37
3B37 Models Available
Model 3B37-X-00 3B37-J-01 3B37-K-02 3B37-T-03 3B37-E-04 3B37-R-05 3B37-S-05 3B37-B-06 3B37-Custom
1 2
Input Type Type J, K, T, E, R, S, or B Type J Type K Type T Type E Type R Type S Type B Type J, K, T, E, R, S, or B
Input Range Externally Programmable 2 -100C to +100C (-148F to +1400F) -100C to +1350C (-148F to +2462F) -100C to +400C (-148F to +752F) 0C to +900C (+32F to +1652F) 0C to +1750C (+32F to +3182F) 0C to +1750C (+32F to +3182F) 0C to +1800C (+32F to +3272F) *
Output Ranges1 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA 0 V to +10 V & 0 mA to 20 mA *
Output current range may be user programmed to 4 mA to 20 mA using jumper supplied. Requires AC1310 ranging card. * Custom Input/Output ranges are available. Refer to configuration guide.
3B37 Specifications
(typical @ +25C and 15 V dc, and +24 V dc Power) Description Input Ranges Standard Ranges Custom Ranges Refer to Model Table 5 mV to 500 mV Output Ranges Voltage (RL > 2 K) Current (RL = 0 to 850)
1
Model 3B37
0 V to +10 V; -10 V to +10 V 4 mA to 20 mA or 0 mA to 20 mA 0 mA to 31 mA Accuracy2
Maximum Current Output Span
Initial @ +25C Nonlinearity
0.1% Span + CJC Sensor Error 0.01% Span Stability vs. Temperature
Voltage Output Zero Span Current Output3 Zero Span Zero and Span Adjustment Range
4 5
0.02C/C 25 ppm of Reading/C
25 ppm of Span/C 25 ppm of Reading/C 5% of Span
Cold Junction Compensation (CJC) Initial Accuracy @ +25C
0.5 C 0.5C (0.0125C/C) +15 nA
Accuracy vs. Temperature, +5C to +45C Input Bias Current
Rev. 0 | Page 3 of 8
3B37
Input Resistance 15 M Noise Input, 0.1 Hz to 10 Hz Bandwidth Output, 100 kHz Bandwidth Bandwidth, -3 dB Output Rise Time, 10% to 90% Span Open Input Response Open Input Detection Time 0.2 V rms 50 V rms 3 Hz 200 ms Upscale 10 seconds Common-Mode Voltage (CMV) Input-to-Output, Continuous Transient 1500 V peak, maximum ANSI/IEEE C37.90.1-1989 Common Mode Rejection (CMR) 1 k Source Imbalance, 50/60 Hz Normal Mode Rejection, 50/60 Hz 160 dB 60 dB Input Protection Continuous Transient Voltage Output Protection Current Output Protection 220 V rms maximum ANSI/IEEE C37.90.1-1989 Continuous Short to Ground 130 V rms, continuous Power Supply Voltages 6 15 V dc Supplies Rated Operation Current Sensitivity +24 V dc Loop Supply Rated Operation Current Sensitivity Mechanical Dimensions +12 V dc to +30 V dc +27 mA @ lout = 20 mA 0.0002% span/V 3.15" x 3.395" x 0.775" (80.0 mm x 86.2 mm x 19.7 mm) Environmental Temperature Range Rated Performance Storage Relative Humidity, 24 hours RFI Susceptibility
1 2 3
(11.5 V dc to 16.5 V dc) 12 mA 0.01% span/V
-25C to +85C -55C to +85C 0 to 95% @ +60C noncondensing 0.5% Span error @ 400 MHz, 5 Watt, 3 ft
For a 0 mA to 20 mA range, a typical minimum output current is 10 A. Includes the combined effects of repeatability, hysteresis, and nonlinearity. With respect to the voltage output. 4 A wide range of custom zero suppression and span is available with the 3B30-00 and 3B31-00 models, using the AC1310 ranging card. 5 When used with the CJC temperature sensor provided on the 3B Series backplane. 6 +24 V dc loop power is required for driving the current output at loads up to 850. If a current output load of 400 or less is applied, +15 V dc is sufficient for loop power. If only voltage output is used, loop power is not required.
Rev. 0 | Page 4 of 8
3B37 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 3B37 Input Field Connections
Table 1. Pin Function Descriptions--
Pin No. 1 2 3 4 Description n/c + n/c
Figure 4 . Model 3B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 5 of 8
3B37 OUTLINE DIMENSIONS
Figure 5. Outline Dimensions
Rev. 0 | Page 6 of 8
3B37 NOTES
Rev. 0 | Page 7 of 8
3B37 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. D01116-0-9/04(0)
Rev. 0 | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of 3B37-J-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X