Part Number Hot Search : 
ALN2400 HER308G MA27V19 MCU0805 ML63295A MHF2805S ADV7533 TDA8932B
Product Description
Full Text Search
 

To Download 3590P-2-502L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Bushing mount Optional AR pin feature Plastic or metal shaft and bushings Wirewound Solder lugs or PC pins Sealable (Full body seal)
Designed for use in HMI applications
*R
3590 - Precision Potentiometer
Electrical Characteristics1
Standard Resistance Range........................................................................................200 to 100 K ohms Total Resistance Tolerance................................................................................................................5 % Independent Linearity...................................................................................................................0.25 % Effective Electrical Angle ...............................................................................................3600 +10 , -0 Absolute Minimum Resistance .....................................1 ohm or 0.1 % maximum (whichever is greater) Noise .................................................................................................................100 ohms ENR maximum Dielectric Withstanding Voltage (MIL-STD-202, Method 301) Sea Level ..............................................................................................................1,500 VAC minimum Power Rating (Voltage Limited By Power Dissipation or 450 VAC, Whichever is Less) +40 C ........................................................................................................................................2 watts +125 C........................................................................................................................................0 watt Insulation Resistance (500 VDC) ......................................................................1,000 megohms minimum Resolution .............................................................................................See recommended part numbers
5.08 .38 (.200 .015) 5.08 .38 (.200 .015) 6.99 .38 (.275 .015)
1 2
3
10.31 + .00/- .13 (.406+.000/-.005) BUSHING DIAMETER (SEE PART NUMBERS) .81 (.032) SHAFT DIAMETER (SEE PART NUMBERS)
.25 (.010) 7.92 (.312) 18.6 .4 (.732 .015) STANDOFFS 15.54 R (.612)
Environmental Characteristics
1
Operating Temperature Range .......................................................................................+1 C to +125 C Storage Temperature Range .........................................................................................-55 C to +125 C Temperature Coefficient Over Storage Temperature Range2 ...........................50 ppm/C maximum/unit Vibration..............................................................................................................................................15 G Wiper Bounce ...............................................................................................0.1 millisecond maximum Shock..................................................................................................................................................50 G Wiper Bounce ...............................................................................................0.1 millisecond maximum Load Life ...................................................................................................................1,000 hours, 2 watts Total Resistance Shift...................................................................................................2 % maximum Rotational Life (No Load)................................................................................1,000,000 shaft revolutions Total Resistance Shift...................................................................................................5 % maximum Moisture Resistance (MIL-STD-202, Method 103, Condition B) Total Resistance Shift...................................................................................................2 % maximum IP Rating Sealed Versions (-3, -4, -7, and -8) ...............................................................................................IP 65 Unsealed Versions (-1 -2, -5, and -6) ............................................................................................IP 40
1.19 (PLASTIC VERSIONS) (.047) .81 .25 (METAL VERSIONS) (.032 .010) 20.62 .81 (.812 .032) 12.2 (.48)
11.81 (.465) 22 .38 DIA. (.875 .015) 12.70 DIA. (.500) MOUNTING SURFACE
Mechanical Characteristics
1
Stop Strength .............................................................................................45 N-cm (64 oz.-in.) minimum Mechanical Angle...........................................................................................................3600 +10 , -0 Torque (Starting & Running).................................................0.35 N-cm (0.5 oz.-in.) maximum (unsealed) 1.1 N-cm (1.5 oz.-in.) maximum (sealed) Mounting ............................................................................................55-80 N-cm (5-7 lb.-in.) (plastic) 170-200 N-cm (15-18 in.-lb.) (metal) Shaft Runout ......................................................................................................0.13 mm (0.005 in.) T.I.R. Lateral Runout....................................................................................................0.20 mm (0.008 in.) T.I.R. Shaft End Play ...................................................................................................0.25 mm (0.010 in.) T.I.R. Shaft Radial Play................................................................................................0.13 mm (0.005 in.) T.I.R. Pilot Diameter Runout........................................................................................0.08 mm (0.003 in.) T.I.R. Backlash ............................................................................................................................1.0 maximum Weight ........................................................................................................................Approximately 19 G Terminals ................................................................................................................Solder lugs or PC pins Soldering Condition Manual Soldering ..............................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 C (700 F) max. for 3 seconds Wave Soldering ........................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 C (500 F) max. for 5 seconds Wash processes ......................................................................................................Not recommended Marking......................................................Manufacturer's name and part number, resistance value and tolerance, linearity tolerance, wiring diagram, and date code. Ganging (Multiple Section Potentiometers) .....................................................................1 cup maximum Hardware...........................One lockwasher and one mounting nut is shipped with each potentiometer.
NOTE: For Anti-rotation pin add 91 after configuration dash number. Example: -2 becomes -291 to add AR pin.
RECOMMENDED PC BOARD MOUNTING HOLE LOCATIONS HOLE DIAMETER FMS 2.08 (.082) CCW CW 2 1 3 CW 5.08 5.08 6.99 (.200) (.200) (.275) TOLERANCES: EXCEPT WHERE NOTED .51 .13 DECIMALS: .XX .XXX (.02), (.005) FRACTIONS: 1/64 MM DIMENSIONS: (IN.)
Recommended Part Numbers
Resistance () 1,000 2,000 5,000 10,000 20,000 50,000 100,000 Resolution (%) .029 .023 .025 .020 .019 .013 .009
SHAFT & BUSHING CONFIGURATIONS (Bushing - DxL, Shaft - D) (-1) Plastic Bushing (3/8 " x 5/16 ") and Shaft (.2480 + .001, - .002) (-2) Metal Bushing (3/8 x 5/16 ) and Shaft (.2497 + .0000, - .0009) (-3) Sealed, Plastic Bushing (3/8 " x 5/16 ") and Shaft (.2480 + .001, - .002) (-4) Sealed, Metal Bushing (3/8 " x 5/16 ") and Shaft (.2497 + .0000, - .0009) (-5) Metric, Plastic Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .076 mm) (-6) Metric, Metal Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .023 mm) (-7) Metric, Sealed, Plastic Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .076 mm) (-8) Metric, Sealed, Metal Bushing (9 mm x 7.94 mm) and Shaft (6 mm + 0, - .023 mm)
(Printed Circuit) 3590P-2-102L 3590P-2-202L 3590P-2-502L 3590P-2-103L 3590P-2-203L 3590P-2-503L 3590P-2-104L
(Solder Lug) 3590S-2-102L 3590S-2-202L 3590S-2-502L 3590S-2-103L 3590S-2-203L 3590S-2-503L 3590S-2-104L
(Solder Lug) 3590S-1-102L 3590S-1-202L 3590S-1-502L 3590S-1-103L 3590S-1-203L 3590S-1-503L 3590S-1-104L
BOLDFACE LISTINGS ARE IN STOCK AND READILY AVAILABLE THROUGH DISTRIBUTION. FOR OTHER OPTIONS CONSULT FACTORY. TERMINALS: L = RoHS COMPLIANT BLANK = STANDARD
REV. 06/06 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 3590P-2-502L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X