Part Number Hot Search : 
FJ128 2SC1623W TTINY MMSZ5226 S541A MMSZ5226 4536Z B1426
Product Description
Full Text Search
 

To Download 2QSP16-TJ1-472LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Applications

Lead free versions available RoHS compliant (lead free version)* Multiple isolated resistors Stable thin-film-on-silicon technology Ultra-miniature packages to JEDEC standards
Series bus resistance Pull-up/pull-down Ideal for space-constrained applications
*R
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
General Information Package Schematic
Isolated resistor networks are commonly used in digital circuits where series resistors are required on the system bus. Fabricated with Tantalum Nitride and Nickel Chromium technology on Silicon, these resistors feature excellent stability, TCR and tracking performance. This product series is available in a range of miniature package types conforming to JEDEC standards.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Electrical & Environmental Characteristics
Electrical Characteristics
Resistance Range Tolerance: Absolute Ratio TCR: Absolute Tracking Operating Voltage
Symbol
R
Minimum
10 0.5 % 0.1 %
Nominal
Maximum
100 K 5 % 2 %
Unit
ppm/C ppm/C V V C C Watt Watt Watt Watt Watt Watt
100
150 25 50
Environmental Characteristics
ESD Operating Temperature Storage Temperature Power Rating per Resistor @ 70 C Power Rating per Package @ 70 C: QSOP: 16 Pin 20, 24 Pin 28 Pin NBSOIC: 8 Pin 14, 16 Pin TJ Tstg 2K -55 -65 +125 +150 0.1 0.75 1.00 1.12 0.60 1.00
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Narrow-Body SOIC Package Dimensions
A 1.27 TYP. (.050) 3.81 - 3.99 (.150 - .157)
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
PIN 1
0.36 - 0.46 (.014 - .018)
1.35 - 1.75 (.053 - .069)
.10 - .25 (.004 - .010)
.10 - .25 (.004 - .010)
0-8 0-8 .19 - .25 (.007 - .010) 5.80 - 6.20 (.228 - .244)
.19 - .25 (.007 - .010)
.41 - 1.27 (.016 - .050)
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
Model 2QSP16 2QSP20 2QSP24 2QSP28
4.80 8.56 8.56 9.80
-
4.98 8.74 8.74 9.98
A (.189 (.337 (.337 (.386
-
.196) .344) .344) .393)
Model 2NBS08 2NBS14 2NBS16
A 4.80 - 4.98 (.189 - .196) 8.56 - 8.74 (.337 - .344) 9.80 - 9.98 (.386 - .393)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MS-012.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
QSOP Package Power Temperature Derating Curve Narrow-Body SOIC Package Power Temperature Derating Curve
1.25 WATTS 1.0 .75 .50 .25 0
2QSP28 2QSP20, 2QSP24 2QSP16
1.0 WATTS .8 .6 .4 .2
2NBS14, 2NBS16 2NBS08
25
125 150 AMBIENT TEMPERATURE ( C )
50
75
100
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C )
Schematic
Standard Resistance Values
Resistance (ohms) 10 22 33 39 47 51 Resistance Code 100 220 330 390 470 510 680 121 221 271 331 471 511 681 102 222 472 502 822 103 183 203 473 503 104
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
8 PIN 14 PIN 16 PIN 20 PIN 24 PIN 28 PIN
68 120 220 270 330 470 510 680 1K
Typical Part Marking
Represents total content. Layout may vary.
PIN COUNT MODEL CIRCUIT PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK QSP16J 1-102 YYWW GRADE RESISTANCE CODE DATE CODE
2.2 K 4.7 K 5K 8.2 K 10 K 18 K 20 K 47 K 50 K 100 K
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 16 Pin 20, 24 Pin 28 Pin NBSOIC 8 Pin 14 Pin 16 Pin
A0 6.4 (0.252) 6.5 (0.256) 6.5 (0.256) 6.4 (0.252) 6.5 (0.256) 6.5 (0.256)
B0 5.2 (0.205) 9.0 (0.354) 10.3 (0.406) 9.0 (0.354) 9.0 (0.354) 9.0 (0.354)
K0 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083)
Width 12 (0.472) 16 (0.630) 16 (0.630) 12 (0.472) 16 (0.630) 16 (0.630)
Pitch 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315)
No. of Pieces No. of Pieces per 13 " reel per tube 3,500 3,500 3,500 3,500 3,500 3,500 98 56 49 98 56 49
How To Order
2 QSP 16 - T J 1 - 472 __
Product Class Thin-Film-on-Silicon Standard Package Style QSP = QSOP NBS = Narrow-Body SOIC Pin Count QSP = 16, 20, 24, 28 NBS = 8, 14, 16 Dispensing R = Reel T = Tube Standard Grade Tolerance J= 5 % G= 2 % F= 1 % Circuit 1 = Isolated Resistance Value Code 1st two digits are significant, 3rd digit = number of zeros to follow to give resistance value in ohms.
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
04/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2QSP16-TJ1-472LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X