Part Number Hot Search : 
S10ML1X 4520B TMP89 CR706A AM252 AM252 AM252 SF166C
Product Description
Full Text Search
 

To Download 2N4854U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL TRANSISTOR
Qualified per MIL-PRF-19500/421 Devices
2N3838 2N4854 2N4854U
Qualified Level
JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current
Sym
VCEO VCBO VEBO IC
2N3838(2)
40 60 5.0 600 One Trans Total Devic e
0.35
2N4854, U
40 60 5.0 600 One Total Trans Device
0.30(3) 1.0(5) 0.60 2.0
Unit
Vdc Vdc Vdc mAdc
TO-78* 2N4854
Tstg Lead to Case Voltage Vdc 120 1) TC rating do not apply to Surface Mount devices (2N4854U) 2) For TA > +250C Derate linearly 1.43 mW/0C (one transistor) 2.00 mW/0C (both transistors) 3) For TA > +250C Derate linearly 1.71 mW/0C (one transistor) 3.43 mW/0C (both transistors) 4) For TC > +250C Derate linearly 4.0 mW/0C (one transistor) 8.0 mW/0C (both transistors) 5) For TC > +250C Derate linearly 5.71 mW/0C (one transistor) 11.43 mW/0C (both transistors)
@ TA = +250C @ TC = + 250C(1) Operating & Storage Junction Temp. Range Operating & Storage Junction Temp. Range Total Power Dissipation
PT TJ
0.25(2)
0.7
(4)
1.4
200 -55 to +200
W W 0 C 0 C
6 Pin Surface Mount* 2N4854U
6 Lead Flatpack* 2N3838
*See MILPRF19500/421 for package dimensions.
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO(1) 2N3838 2N4854, U ICBO(2) Min. 40
Max.
Unit Dc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current IC = 10 mAdc Collector-Base Cutoff Current VCB = 60 Vdc Collector-Base Cutoff Current VCB = 50 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc VEB = 3.0 Vdc
10 50 10 10 10
Adc Adc Adc Adc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
42103 Page 1 of 2
2N3838, 2N4854, 2N4854U JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio IC = 150 mAdc, VCE = 1 Vdc IC = 100 Adc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 300 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc 50 35 50 75 100 35
hFE
300
VCE(sat) VBE(sat) 0.80
0.40 1.25
Vdc Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz Forward Current Transfer Ratio, Magnitude IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz Small-Signal Common Emitter Input Impedance IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz Small-Signal Common Emitter Output Admittance IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Noise Figure IC = 100 Adc, VCE = 10 Vdc, f = 1.0 kHz, RG =1.0 k hfe 60 2.0 1.5 300 10 9.0 50 8.0 8.0 k hmo pF dB
hfe
hje hoe Cobo NF
SWITCHING CHARACTERISTICS
Turn-On Time (See Figure 4 of MIL-PRF-19500/421) Turn-Off Time (See Figure 5 of MIL-PRF-19500/421) Pulse Response (See Figure 6 of MIL-PRF-19500/421) Collector-Emitter Non-Latching Voltage (See Figure 7 of MIL-PRF-19500/421)
t t t
on
45 300 18 40
s s s Vdc
off
on + toff
VCEO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
42103 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N4854U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X