Part Number Hot Search : 
HPI6FFR4 MBRF1050 SMB13 PMN40LN ZT751 U4793B V640MU 16100
Product Description
Full Text Search
 

To Download 2CTA-470470M-Q20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Applications

Lead free versions available RoHS compliant (lead free version)* 18 RC terminators tied to a common node Stable thin-film-on-silicon technology Ultra-miniature packages to JEDEC standards
High-speed bus termination Low power consumption Ideal for space-constrained applications
*R
Thin Film on Silicon 2CTA AC Terminator x 18
General Information Package Schematic
The AC Terminator is used to provide termination for clock and data lines where transmission line effects would otherwise cause wave reflections or signal ringing. These Silicon-based, Tantalum-Nitride resistors and capacitors feature excellent stability, temperature coefficients and tracking performance. This product series conforms to JEDEC standards.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
Electrical & Environmental Characteristics
Electrical Characteristics
Resistance Range Resistor Tolerance Power Rating per Resistor @ 70 C Capacitor Range Capacitor Tolerance Capacitor Breakdown Voltage Operating Voltage
Symbol
R
Minimum
33
Nominal
10 %
Maximum
100 0.1 180
Unit
Watt pF pF V V V
C
33 25 20 % 35
50 2K -55 -65
Environmental Characteristics
ESD Operating Temperature Storage Temperature Power Rating per Package @ 70 C TJ Tstg +125 +150 1.0 C C Watt
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTA AC Terminator x 18
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Model 2QSP20
A 8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
QSOP Package Power Temperature Derating Curve
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
1.25 WATTS 1.0 .75 .50 .25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C ) 2QSP20
.10 - .25 (.004 - .010)
Typical Part Marking
0-8 .19 - .25 (.007 - .010)
Represents total content. Layout may vary.
PRODUCT FUNCTION RESISTANCE CODE/ CAPACITANCE CODE PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK PIN COUNT CTA20Q 470330M YYWW PACKAGE STYLE GRADE
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
DATE CODE
Standard RC Values
R1 Value (ohms) 100 33 47 C1 Value (pF) 100 47 47 Cap. BV (typ.) 25 50 50 Part Number (Tape & Reel) 2CTA-101/101M-Q20R 2CTA-330/470M-Q20R 2CTA-470/470M-Q20R Part Number (Tubes) 2CTA-101/101M-Q20T 2CTA-330/470M-Q20T 2CTA-470/470M-Q20T
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTA AC Terminator x 18
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 20 Pin
A0 6.5 (0.256)
B0 9.0 (0.354)
K0 2.1 (0.083)
Width 16 (0.630)
Pitch 8 (0.315)
No. of Pieces No. of Pieces per 13 " reel per tube 3,500 56
How To Order
2 CTA-101/101 M-Q 20 R __
Product Class Thin-Film-on-Silicon Product Function CTA = AC Terminator x 18 Resistance Value Code 1st two digits are significant, 3rd digit = number of zeros to follow to give resistance value in ohms. Capacitance Code 1st two digits are significant, 3rd digit = number of zeros to follow to give capacitor value in pF. Standard Grade R Tol. C Tol. M = 10 % 20 % Standard Package Style Q = QSOP Pin Count Q = 20 Dispensing R = Reel T = Tube
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
04/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2CTA-470470M-Q20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X