Part Number Hot Search : 
045CT S20D30C APTM5 AN7531SA F16A60CT 2SC5356 SK2045C HD74H
Product Description
Full Text Search
 

To Download 225125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Subminiature Glass Body
2AG
Fast-Acting Fuse 224/225 Series
UL (R)
(R)
(R)
The 2AG Fast-Acting fuses are available in cartridge form or with axial leads. Axial leaded fuses are board washable. 2AG fuses provide the same performance characteristics as their 3AG counterpart, while occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 1 second, Maximum
AGENCY APPROVALS: 0.1 - 3.5A are Listed by Underwriters Laboratories and Certified by CSA. 4 - 10A are recognized under the Components Program of Underwriters Laboratories. 1 through 10 ampere approved by METI. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATINGS:
0.1-3.5A 4 -10A 0.1-1A 1.5-3.5A 10,000 ampere at 125 VAC 500 ampere at 125 VAC 35 ampere at 250 VAC 100 ampere at 250 VAC PACKAGING OPTIONS: 224 Series available on Tape and Reel per
4.5 (.177") 14.48 (.57") 14.48 (.57")
225 000 Series
4.7 (.184")
224 000 Series
.635 (.025")
38.1 (1.50") TYP.
EIA-296. For 1500 pieces per reel, add packaging suffix DRT1. See page 8 for pitch Dimensions. 224, 225 series available in bulk packaging. For 1000 pieces bulk add packaging suffix M. PATENTED ORDERING INFORMATION:
Cartridge Catalog Number 225.100 225.125 225.250 225.375 225.500 225.750 225 001 225 01.5 225 002 225 02.5 225 003 225 03.5 225 004 225 005 225 006 225 007 225 008 225 010 Axial Lead Catalog Number 224.100 224.125 224.250 224.375 224.500 224.750 224 001 224 01.5 224 002 224 02.5 224 003 224 03.5 224 004 224 005 224 006 224 007 224 008 224 010 Ampere Rating 1/10 1/8 1/4 3/8 1/2 3/4 1 11/2 2 21/2 3 31/2 4 5 6 7 8 10 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 125 125 125 125 125 125 Nominal Resistance Cold Ohms 6.15 3.90 1.15 0.395 0.265 0.152 0.102 0.0705 0.0490 0.0365 0.0310 0.0258 0.0233 0.0179 0.0147 0.0123 0.0100 0.00675 Nominal Melting I 2t A2 Sec. 0.000750 0.00286 0.0300 0.171 0.365 1.05 2.22 0.800 1.50 2.68 4.62 6.70 9.40 17.00 22.1 40.0 56.0 116.0
100
Axial Lead Material: Solder coated copper.
Average Time Current Curves
1/4A 3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A 6A 7A 8A 10A 1/10A 1/8A
11
AXIAL LEAD AND CARTRIDGE FUSES
0.1 1 10 100 CURRENT IN AMPERES 1000
10
TIME IN SECONDS
(R)
1
0.1
2AG Special 350V
(R)
Fast-Acting Fuse
The 220 007 subminiature fuse is intended for fluorescent lighting ballast protection or similar applications up to 350V. AXIAL LEAD PART NUMBER: 220 007 (ampere rating of 3A). DIMENSIONS: Same as 224 Series. ELECTRICAL CHARACTERISTICS: Same as 224 Series. INTERRUPTING RATING: 100 amperes at 350 VAC. Contact Littelfuse concerning other ampere ratings.
0.01
0.001
w w w. l i t t e l f u s e . c o m
395


▲Up To Search▲   

 
Price & Availability of 225125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X