Part Number Hot Search : 
78030 TC55V 93C06B1 MCC26 D1033 62512 780208 A5800
Product Description
Full Text Search
 

To Download 1101M2S3ABE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K 1000 Series Miniature Slide Switches
Features/Benefits * Variety of actuators and terminations * Panel mount tabs available * Epoxy terminal seal--compatible with
bottom-wash cleaning
Typical Applications * Test & measurement equipment * Telecommunications * Computer & peripherals
* RoHS compliant
Models Available
Specifications
Materials
CASE: diallyl phthalate (DAP), (UL 94V-0). ACTUATOR: Nylon, black, standard. HOUSING: Stainless steel. SWITCH SUPPORT: Brass or steel, matte-tin plated. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page I-16 for additional contact materials. CENTER CONTACT & ALL TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page J-15 for additional contact materials. TERMINAL SEAL: Epoxy. Refer to Soldering and Cleaning in Technical Data chapter
NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
J Slide
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material: 6 AMPS @ 120 V AC or 28 V DC, 3 AMPS @ 250 V AC. See page J-15 for additional ratings. ELECTRICAL LIFE: 100,000 make-and-break cycles at full load on models with B, K or P contact material; 40,000 cycles on models with G, Q, L, M, S or R contact material. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to 65C SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging).
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-11 through J-15. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all "bottom-wash" PCB cleaning methods.
Switch Function 1101 SP On-None-On 1103 SP On-Off-On 1108 SP Mom-None-On 1201 DP On-None-On 1203 DP On-Off-On Mounting Style M2 PC mount without tabs M1 Panel mount with tabs Actuator S3 .200" high S1 .040" high S2 .140" high S4 .285" high S5 .370" high S6 .485" high T3 .200" high
Terminations A Right angle, PC thru-hole C PC Thru-hole AV2 Vertical right angle, PC thru-hole Z Solder lug V3 V-bracket V4 V-bracket W .750" long, wire wrap Z3 Quick connect
Contact Material B Gold Q Silver K Gold, tin-lead M Silver, tin-lead G Gold over silver L Gold over silver, tin-lead P Gold, matte-tin S Silver, matte-tin R Gold over silver, matte-tin
Seal E Epoxy D No epoxy seal I Epoxy potted base Actuator Color 2 Black 1 White 3 Red 7 Blue
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-10
www.ittcannon.com
C&K 1000 Series Miniature Slide Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 NO. POLES MODEL NO. POS. 2 POS. 3 POS. 1 CONNECTED TERMINALS POS. 2 POS. 3 SCHEMATIC ON ON MOM. NONE OFF NONE ON ON ON 1-2 N/A OPEN N/A 2-3 SPDT
1101
SP
1103 1108
SPDT
J Slide
Actuator shown in position 1 Terminal Nos. For Reference Only NONE OFF ON 2-1,5-4 OPEN 2-3,5-6 DPDT ON
Part number shown: 1101M2S3CQE2
1201
DP
ON ON
1203 DPDT
Actuator shown in position 1
Part number shown: 1201M2S3CQE2
Terminal Nos. For Reference Only
MOM. = Momentary All models with all options when ordered with G, L, M, S or R contact material.
MOUNTING STYLE
M2
PC MOUNTING WITHOUT TABS
M1
PANEL MOUNTING WITH TABS
NOTE: Available with A, AV2, C, V3, V4, W terminations only.
NOTE: Available with C, W, Z, Z3 terminations only. No mounting hardware supplied. PANEL MOUNTING
All actuators except T3. Single pole
For T3 actuator only. Double pole Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-11
www.ittcannon.com
C&K 1000 Series Miniature Slide Switches
ACTUATOR COLOR
ACTUATOR
ACTUATOR
S3
.200" HIGH
S2
.140" HIGH
S1
.040" HIGH
S4
.285" HIGH
* * 110X models only. 120X models only. *
*
J Slide
S5
.370" HIGH
S6
.485" HIGH
T3
.200" HIGH OPTION CODE ACTUATOR COLOR BLACK WHITE RED BLUE GRAY
2
* * *
1 3 7 9
120X models only.
Other colors available, consult Customer Service Center.
* Subtract .014 (0,36) from actuator height, all models with A, AV2, V3, V4 terminations.
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE
PC MOUNTING
SPDT & DPDT
Not available with K, L, M, P, S or R contact materials.
SPDT & DPDT
Z3
QUICK CONNECT
W
WIRE WRAP
.750 (19,05)
Not available with K, L, M, P, S or R contact materials. Mating quick connector available; order part number 530100000, page J-15.
SPDT & DPDT
SPDT & DPDT
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-12
www.ittcannon.com
C&K 1000 Series Miniature Slide Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
1101M2S3ABE2 Horizontal Actuation
SECTION A-A Actuator Shown In Pos. 1
SPDT
Not available with M1 mounting style, I seal option. Terminal bend radii and lead-in manufacturing option.
J Slide
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
1201M2S3ABE2 Horizontal Actuation
DPDT
Actuator Shown In Pos. 1
SECTION A-A Not available with M1 mounting style, I seal option. Terminal bend radii and lead-in manufacturing option.
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
PC MOUNTING
1101M2S3AV2BE2 Vertical Actuation
Actuator Shown In Pos. 1
SECTION A-A
SPDT
Not available with M1 mounting style, I seal option. Terminal bend radii and lead-in manufacturing option.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-13
www.ittcannon.com
C&K 1000 Series Miniature Slide Switches
TERMINATIONS
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH PC MOUNTING
J Slide
SECTION A-A Actuator Shown In Pos. 1 Not available with M1 mounting style, I seal option. Terminal bend radii and lead-in manufacturing option.
1201M2S3AV2BE2 Vertical Actuation
DPDT
V3, V4
VERTICAL MOUNT, V-BRACKET PC MOUNTING
OPTION CODE
DIM `A' .350 (8,89) .525 (13,34)
V3 V4
1101M2S3__BE2
SPDT
Not available with M1 mounting style and I seal. Actuator Shown In Pos. 1
V3, V4
VERTICAL MOUNT, V-BRACKET PC MOUNTING
OPTION CODE
DIM `A' .400 (10,16) .575 (14,61)
V3 V4
1201M2S3__BE2
DPDT
Actuator Shown In Pos. 1 Not available with M1 mounting style and I seal.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-14
www.ittcannon.com
C&K 1000 Series Miniature Slide Switches
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT YES NO YES YES NO YES YES NO YES RoHS COMPLIANT YES YES YES YES YES YES YES GOLD OVER YES YES SILVER 2,3 SILVER
4,5
CONTACT MATERIAL
TERMINAL PLATING GOLD 3
RATINGS
B K P Q M S G L R
GOLD 1
TIN-LEAD 6 MATTE-TIN 7 GOLD 3 TIN-LEAD 6 MATTE-TIN 7 GOLD 3 TIN-LEAD 6 MATTE-TIN 7
LOW LEVEL/ DRY CIRCUIT 0.4 VA MAX. @ 20 V AC OR DC MAX.
POWER
6 AMPS @ 120 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
LOW LEVEL/DRY CIRCUIT OR POWER
0 4 VA MAX @ 20 V AC OR DC MAX OR 6 AMPS @ 120 V AC OR 0.4 MAX. 28 V DC; 3 AMPS @ 250 V AC.
J Slide
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3 4 5 6 7
CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, with gold plate over nickel plate. CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, silver plated. CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with G, L, M, Q, S or R contact material.
B contact material standard with all terminations except C, Z, Z3.. Q contact material standard with C, Z, Z3 terminations. K, L, M, P, S or R contact materials not available with Z, Z3 terminations.
SEAL
E
EPOXY SEAL
D
NO EPOXY SEAL
I
EPOXY POTTED BASE
NOTE: Available with C, W, W3, Z, Z3 terminations only.
AVAILABLE HARDWARE
Fits Z3 Termination female connector
PART NO.
530100000
Available in loose pieces.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-15
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 1101M2S3ABE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X