Part Number Hot Search : 
Z5234 D4235G 10012 C00RP PDF246 1N2815A TCA520B BTS734L1
Product Description
Full Text Search
 

To Download 100BGQ030J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20996 rev. E 12/02
100BGQ030 100BGQ030J
SCHOTTKY RECTIFIER 100 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform @ TC IDC VRRM IFSM @ tp = 5 s sine VF @100 Apk typical @TJ TJ range Maximum 100BGQ030 100 110 141 30 4500 0.48 150 - 55 to 150
Description/ Features Units
A C A V A V C C The 100BGQ030 Schottky rectifier has been optimized for ultra low forward voltage drop specifically for low voltage output in high current AC/DC power supplies. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, reverse battery protection, and redundant power subsystems. 150C TJ operation High Frequency Operation Ultra low forward voltage drop Continuous High Current operation Guard ring for enhanced ruggedness and long term reliability
PowIRtabTM package
Case Styles 100BGQ030 100BGQ030J
www.irf.com
1
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 30 VRWM Max. Working Peak Reverse Voltage (V)
100BGQ030
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IF(RMS) RMS Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non-RepetitiveAvalancheEnergy Repetitive Avalanche Current
100BGQ Units
100 141 4500 850 36 8 A mJ A A A TC = 107C
Conditions
50% duty cycle @ TC = 110C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
TJ = 25 C, IAS = 8 Amps, L = 1.12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Forward Voltage Drop (1) (2)
100BGQ Units
Typ. Max.
Conditions
@ 50A @ 100A @ 50A @ 100A TJ = 25 C TJ = 125C TJ = 125 C TJ = 150 C TJ = TJ max. VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C Measured from tab to mounting plane TJ = 25 C TJ = 150 C VR = rated VR VR = 15V VR = 30V
0.46 0.48 0.55 0.58 0.35 0.37 0.48 0.51
V V V V mA mA mA mA V m pF nH V/ s
IRM
Reverse Leakage Current (1)
0.6 80
2.4 160
260 460 800 1100 VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance (Rated VR) 0.252 2.4 3800 3.5 10000
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle < 2% (2) VFM = VF(TO) + rt x IF
100BGQ Units
-55 to 150 -55 to 150 0.50 0.20 5 (0.18) Min. Max. 1.2 (10) 2.4 (20) C C C/W C/W g (oz.) N*m (Ibf-in) DCoperation
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
Mounting surface , smooth and greased
PowIRtabTM
2
www.irf.com
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
1000 1000 T J = 150C Reverse Current - I R (mA) 100 125C 100C 10 75C 50C 25C
1
Instantaneous Forward Current - I F (A)
100
0.1
0.01
0
5
10
15
20
25
30
TJ = 150C TJ = 125C TJ = 25C 10 (pF) 10000
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1
Junction Capacitance - C
T J = 25C
T
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1000
0
5
10
15
20
25
30
35
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1 Thermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
0.1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
Single Pulse (Thermal Resistance)
Notes:
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak TJ = PDM x Z thJC+ T C 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
150 Allowable Case Temperature - (C) Average Power Loss - (Watts) 140 130 120 110 Square wave (D = 0.50) 100 80% Rated V R applied 90
see note (3)
100
DC
D = 0.20 D = 0.25 80 D = 0.33 D = 0.50 D = 0.75 60 RMS Limit DC 40
20
80
0
20
40
60
80
100 120 140 160
0
0
20
40
60
80 100 120 140 160
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive Surge Current - I FSM (A) 10000
Fig. 6 - Forward Power Loss Characteristics
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02
+
DUT
IRFP460 Rg = 25 ohm
Vd = 25 Volt
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
Outline Table
Case Style PowIRtabTM Dimensions in millimeters and (inches)
Case Style PowIRtabTM "J" version Dimensions in millimeters and (inches)
www.irf.com
5
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
Ordering Information Table
Device Code
100 BGQ 030
1 1 2 3 4 6 2 3
J
4
Current Rating Essential Part Number Voltage code: Code = VRRM none = PowIRtabTM standard J = Short Lead Version
*************************************************** This model has been developed by Wizard SPICE MODEL GENERATOR (1999) ( International Rectifier Corporation ) contains Proprietary Information *************************************************** SPICE Model Diode is composed by a simple diode plus paralled VCG2T ***************************************************
This model
.SUBCKT 100bgq30 ANO CAT D1 ANO 1 DMOD (0.24359) *Define diode model . MODEL DMOD D ( IS=1.07823961851333E-04A, N=1.0394338412755, BV=30V, + IBV=0.125061622097042A,RS= 0.000316667,CJO=2.88578786999339E-08, +VJ=1.30385147429609,XTI=2,EG=0.697469117594151) ***************************************************** * Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES (R=1, TC1=6.48759701319255) GP1 ANO CAT VALUE= {-ABS (I(VX)) *(EXP((((-2.690102E-03/ 6.487597)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-1))+1)*9.995116E-02*ABS(V(ANO,CAT)))-1)} ***************************************************** .ENDS 100bgq30 Thermal Model Subcircuit .SUBCKT 100bgq30T 5 1 CTHERM1 5 4 3.02E+3 CTHERM2 4 3 4.96E+1 CTHERM3 3 2 3.84E+4 CTHERM4 2 1 3.02E+6 RTHERM1 RTHERM2 RTHERM3 RTHERM4 5 4 3 2 4 3 2 1 1.02E-1 3.83E-1 6.09E-2 1.00E-5
.ENDS 100bgq30T
6
www.irf.com
100BGQ030, 100BGQ030J
Bulletin PD-20996 rev. E 12/02
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/02
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 100BGQ030J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X