Part Number Hot Search : 
MM3Z5V6 UPD75208 2SC47 SP8861HP MS7200L M3900622 AP1625W NJ8821
Product Description
Full Text Search
 

To Download 100BGQ015J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20995 rev. F 12/02
100BGQ015 100BGQ015J
SCHOTTKY RECTIFIER 100 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform @ TC IDC VRRM IFSM @ tp = 5 s sine VF @100 Apk typical @TJ TJ range Maximum 100BGQ015 100 91 141 15 5000 0.38 125 - 55 to 125
Description/ Features Units
A C A V A V C C 125C TJ operation (VR < 5V) Optimized for OR-ing applications High frequency operation Ultra low forward voltage drop Continuous High Current operation Guard ring for enhanced ruggedness and long term reliability The 100BGQ015 Schottky rectifier has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies. The proprietary barrier technology allows for reliable operation up to 125 C junction temperature. Typical applications are in parallel switching power supplies, converters, reverse battery protection, and redundant power subsystems.
PowIRtabTM package
Case Styles 100BGQ015 100BGQ015J
www.irf.com
1
100BGQ015, 100BGQ015J
Bulletin PD-20995 rev. F 12/02
Voltage Ratings
Part number
VR VR Max. DC Reverse Voltage (V) Max. DC Reverse Voltage (V) @ TJ = 100 C @ TJ = 125 C
100BGQ015
15 5
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IF(RMS) RMS Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non-RepetitiveAvalancheEnergy Repetitive Avalanche Current
100BGQ Units
100 141 5000 1000 9 2 A mJ A A A TC = 88C
Conditions
50% duty cycle @ TC = 91C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
TJ = 25 C, IAS = 2 Amps, L = 4.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 3 x VR typical
Electrical Specifications
Parameters
VFM Forward Voltage Drop (1) (2)
100BGQ Units
Typ. Max.
Conditions
@ 50A @ 100A @ 50A @ 100A TJ = 25 C TJ = 100 C TJ = 25 C TJ = 125 C VR = rated VR
0.34 0.37 0.42 0.46 0.26 0.29 0.38 0.42
V V V V mA mA mA A V m pF nH V/ s
IRM
Reverse Leakage Current (1)
7
18
580 870 480 700 1 VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance (Rated VR) 1.2 2.45 3800 3.5 10000 0.155
TJ = 100 CVR = 12V TJ = 125 CVR = 5V TJ = TJ max. VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C Measured from tab to mounting plane
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle < 2% (2) VFM = VF(TO) + rt x IF
100BGQ Units
-55 to 125 -55 to 150 0.50 0.20 5 (0.18) Min. Max. 1.2 (10) 2.4 (20) C C C/W C/W g (oz.) N*m (Ibf-in) DC operation
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance,Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
Mounting surface , smooth and greased
PowIRtabTM
2
www.irf.com
100BGQ015, 100BGQ015J
Bulletin PD-20995 rev. F 12/02
1000 1000 T J = 100C Reverse Current - I R (mA) 75C
100
50C 10 25C
Instantaneous Forward Current - I F (A)
100 T J = 125C T J = 100C T J = 25C
1
0
2
4
6
8
10
12
14
16
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000
10
(pF)
1
Junction Capacitance - C
T J = 25C
T
0
0.25
0.5
0.75
1
1.25
1.5
1000
0
2
4
6
8
10
12
14
16
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1 Thermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
0.1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
Single Pulse (Thermal Resistance)
Notes:
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak TJ = PDM x Z thJC+ T C 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
100BGQ015, 100BGQ015J
Bulletin PD-20995 rev. F 12/02
130 Allowable Case Temperature - (C)
Average Power Loss - (Watts) 100 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC 40
120 110 100 90 80 70 60 50 0
see note (3)
80
DC
60
Square wave (D = 0.50) 5 V applied
20
0
0
20
40
60
80
100 120 140 160
20
40
60
80
100 120 140 160
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive Surge Current - I FSM (A) 10000
Fig. 6 - Forward Power Loss Characteristics
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02
+
DUT
IRFP460 Rg = 25 ohm
Vd = 25 Volt
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
100BGQ015, 100BGQ015J
Bulletin PD-20995 rev. F 12/02
Outline Table
Case Style PowIRtabTM Dimensions in millimeters and (inches)
Case Style PowIRtabTM "J" version Dimensions in millimeters and (inches)
www.irf.com
5
100BGQ015, 100BGQ015J
Bulletin PD-20995 rev. F 12/02
Ordering Information Table
Device Code
100 BGQ 015
1 1 2 3 4 6 2 3
J
4
Current Rating Essential Part Number Voltage code: Code = VRRM none = PowIRtabTM standard J = Short Lead Version
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/02
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 100BGQ015J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X