![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10BASE-2 & 10BASE-T MAUs Mini Transceivers VAP00105 Bel's10Base-2 and 10Base-T MAUs support media conversion between PCs and other peripheral devices in a networking environment. 0801-2940-18 10Base-T Ethernet MAU * MAU mini transceiver for 10Base-T Ethernet twisted pair applications Supports media conversion between PC workstations and other peripheral devices via the AUI port to twisted pair cabling MAU transceivers enable media conversion to a variety of peripheral devices such as printers, fax machines, copiers, and disk drives Compliant with IEEE 802.3 standards Fully certified to FCC Class B, CISPR Class B, UL, CSA, CE and TUV-Rheinland Operating temperature 0 to +70 C Storage temperature -20 to +100 C * 0801-2940-20 10Base-2 Ethernet MAU MAU mini transceiver for 10Base-2 Ethernet thin coax applications Supports media conversion between PC workstations and other peripheral devices via the AUI port to thin coaxial cabling MAU transceivers enable media conversion to a variety of peripheral devices such as printers, fax machines, copiers, and disk drives Compliant with IEEE 802.3 standards Fully certified to FCC Class B, CISPR Class B, UL, CSA, CE and TUV-Rheinland Operating temperature 0 to +70 C Storage temperature -20 to +100 C * * * * * * * * * * * * (c)2000 Bel Fuse Inc. Specifications subject to change without notice. 06.00 Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com 10BASE-2 & 10BASE-T MAUs VAP00105 Mini Transceivers MECHANICAL 0801-2940-18 Twisted Pair Transceiver IEEE 802.3 10Base-T 0801-2940-18 2.75 [69.85] max LNK PWR ON SQE 0.630 [16.00] max 2.46 0.03 [62.48 0.76] 1.635 [41.53] max Ethernet Transceiver This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause undesired operations. LR89493 CG LISTED 9B94 1950 Made in Macau / Fabrique aux Macau 0801-2940-20 0801-2940-20 Thin Coax Transceiver IEEE 802.3 10Base-2 3.485 [88.52] max PWR SQE ON 0.630 [16.00] max 2.46 0.10 [62.48 2.54] 1.635 [41.53] max Ethernet Transceiver This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause undesired operations. LR89493 CG LISTED 9B94 1950 Made in Macau / Fabrique aux Macau Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted. (c)2000 Bel Fuse Inc. Specifications subject to change without notice. 06.00 CORPORATE Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com FAR EAST Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com |
Price & Availability of 0801-2940-18
![]() |