Part Number Hot Search : 
BP5319X MGFS39 N208C H8S2169 NL27WZ14 ON1538 FDMC6679 H8S2169
Product Description
Full Text Search
 

To Download ZMM30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM1 THRU ZMM200
SILICON PLANAR ZENER DIODES
Features
Silicon Planar Zener Diodes in MiniMELF case especially for automatic insertion. The Zener voltages are graded according to the international E 24 standard. Smaller voltage tolerances and higher Zener voltages on request. These diodes are also available in DO-35 case with the type designation ZPD1 thru ZPD51. These diodes are delivered taped. Details see Taping. Weight approx. : 0.05g
DIMENSIONS DIM A B C inches Min. 0.134 0.055 0.008 Max. 0.142 0.059 0.016 Min. 3.4 1.40 0.2 mm Max. 3.6 1.50 0.4 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Zener current see Table "Characteristics" Power dissipation at Tamb=25 Junction temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Ptot Tj TS
500
1)
mW
175 -55 to +175
Characteristics
Thermal resistance junction to ambient Air
at Tamb=25
Symbols Min. Typ. Max. Units
RthA
-
-
0.3
1)
K/mW
Note: (1) Valid provided that electrodes are kept at ambient temperature.
1
Z e n e r v o lta g e ra n g e Ty p e V znom V
ZM M 1
3)
1)
D yn a m ic re sista n ce
2)
R e v e rs e le a ka g e c u rre n t IR a n d IR mA A <100 <50 <10 <4 <2 <2 <2 <1 < 0 .5 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 <200 <100 <50 <40 <40 <40 <40 <20 <10 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <5 <5 <5 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10
2)
Te m p . co e ffic ie n t o f Z e n e r Vo lta g e T K VZ V 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6 .2 6 .8 7 .5 8 .2 9 .1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 11 0 120 130 150 % /K -0 .2 6 ... -0 .2 3 -0 .0 9 ... -0 .0 6 -0 .0 9 ... -0 .0 6 -0 .0 9 ... -0 .0 6 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 6 ... -0 .0 3 -0 .0 5 ... + 0 .0 2 -0 .0 2 ... + 0 .0 2 -0 .0 5 ... + 0 .0 5 0 .0 3 ... 0 .0 6 0 .0 3 ... 0 .0 7 0 .0 3 ... 0 .0 7 0 .0 3 ... 0 .0 8 0 .0 3 ... 0 .0 9 0 .0 3 ... 0 .1 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2
I Z T fo r V Z T mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 1 1 1 1 1 1 1 1 1
r z jT a n d r z jk a t I Z K
at VR
V 0 .7 ... 0 .8 1 .9 ... 2 .1 2 .2 8 ... 2 .5 6 2 .5 ... 2 .9 2 .8 ... 3 .2 3 .1 ... 3 .5 3 .4 ... 3 .8 3 .7 ... 4 .1 4 .0 ... 4 .6 4 .4 ... 5 .0 4 .8 ... 5 .4 5 .2 ... 6 .0 5 .8 ... 6 .6 6 .4 ... 7 .2 7 .0 ... 7 .9 7 .7 ... 8 .7 8 .5 ... 9 .6 9 .4 ... 1 0 .6 1 0 .4 ... 11 .6 11 .4 ... 1 2 .7 1 2 .4 ... 1 4 .1 1 3 .8 ... 1 5 .6 1 5 .3 ... 1 7 .1 1 6 .8 ... 1 9 .1 1 8 .8 ... 2 1 .2 2 0 .8 ... 2 3 .3 2 2 .8 ... 2 5 .6 2 5 .1 ... 2 8 .9 2 8 ... 3 2 3 1 ... 3 5 3 4 ... 3 8 3 7 ... 4 1 4 0 ... 4 6 4 4 ... 5 0 4 8 ... 5 4 5 2 ... 6 0 5 8 ... 6 6 6 4 ... 7 2 7 0 ... 7 9 7 7 ... 8 7 8 5 ... 9 6 9 4 ... 1 0 6 1 0 4 ... 11 6 11 4 ... 1 2 7 1 2 4 ... 1 4 1 1 3 8 ... 1 5 6 1 5 3 ... 1 7 1 1 6 8 ... 1 9 1 1 8 8 ... 2 1 2 <8 <85 <85 <85 <85 <85 <85 <85 <75 <60 <35 <25 <10 <8 <7 <7 <10 <15 <20 <20 <26 <30 <40 <50 <55 <55 <80 <80 <80 <80 <80 <90 <90 < 11 0 <125 <135 <150 <200 <250 <300 <450 <450 <600 <800 <950 <1250 <1400 <1700 <2000 <50 <600 <600 <600 <600 <600 <600 <600 <600 <600 <550 <450 <200 <150 <50 <50 <50 <70 <70 <90 < 11 0 < 11 0 <170 <170 <220 <220 <220 <220 <220 <220 <220 <500 <500 <600 <700 <700 <1000 <1000 <1000 <1500 <2000 <5000 <5000 <5500 <6000 <6500 <7000 <8500 <10000
A
0 .7 5 2 .0 2 .4 2 .7 3 .0 3 .3 3 .6 3 .9 4 .3 4 .7 5 .1 5 .6 6 .2 6 .8 7 .5 8 .2 9 .1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 11 0 120 130 150 160 180 200
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .2 5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1
Z M M 2 .0 Z M M 2 .4 Z M M 2 .7 Z M M 3 .0 Z M M 3 .3 Z M M 3 .6 Z M M 3 .9 Z M M 4 .3 Z M M 4 .7 Z M M 5 .1 Z M M 5 .6 Z M M 6 .2 Z M M 6 .8 Z M M 7 .5 Z M M 8 .2 Z M M 9 .1 ZM M 10 Z M M 11 ZM M 12 ZM M 13 ZM M 15 ZM M 16 ZM M 18 ZM M 20 ZM M 22 ZM M 24 ZM M 27 ZM M 30 ZM M 33 ZM M 36 ZM M 39 ZM M 43 ZM M 47 ZM M 51 ZM M 56 ZM M 62 ZM M 68 ZM M 75 ZM M 82 ZM M 91 ZM M 100 Z M M 11 0 ZM M 120 ZM M 130 ZM M 150 ZM M 160 ZM M 180 ZM M 200
Notes: (1) Tested with pulses tp=20ms. (2) Valid provided that electrodes are kept at ambient temperature. (3) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be F instead of Z. Connect the cathode electrode to the negative pole. 2
RATINGS AND CHARACTERISTIC CURVES
3
RATINGS AND CHARACTERISTIC CURVES
4
RATINGS AND CHARACTERISTIC CURVES
5
RATINGS AND CHARACTERISTIC CURVES
6
RATINGS AND CHARACTERISTIC CURVES
7
RATINGS AND CHARACTERISTIC CURVES
8


▲Up To Search▲   

 
Price & Availability of ZMM30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X