Part Number Hot Search : 
ZMY27 STPS3150 263002B NTE4973 CR10K LF212ES 1DL42 BM3900AE
Product Description
Full Text Search
 

To Download X40430S14-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Information 4kbit EEPROM
X40430/X40431
DESCRIPTION The X40430/31 combines power-on reset control, watchdog timer, supply voltage supervision, secondary and third voltage supervision, manual reset, and Block LockTM protect serial EEPROM in one package. This combination lowers system cost, reduces board space requirements, and increases reliability. Applying voltage to VCC activates the power on reset circuit which holds RESET/RESET active for a period of time. This allows the power supply and system oscillator to stabilize before the processor can execute code. Low VCC detection circuitry protects the user's system from low voltage conditions, resetting the system when VCC falls below the minimum VTRIP1 point. RESET/ RESET is active until VCC returns to proper operating level and stabilizes. A second and third voltage monitor circuit tracks the unregulated supply to provide a power fail warning or monitors different power supply voltage. Three common low voltage combinations are available, however, Xicor's unique circuits allows the threshold for either voltage monitor to be reprogrammed to meet special needs or to fine-tune the threshold for applications requiring higher precision.
Triple Voltage Monitor with Integrated CPU Supervisor
FEATURES * Triple voltage detection and reset assertion --Three standard reset threshold settings (4.6V/2.9V/1.7V, 4.4V/2.6V/1.7V, 2.9V/1.7V/2.4V) --Adjust low voltage reset threshold voltages using special programming sequence --Reset signal valid to VCC = 1V --Monitor three voltages or detect power fail * Fault detection register * Selectable power on reset timeout * Selectable watchdog timer interval * Debounced manual reset input * Low power CMOS --30A typical standby current, watchdog on --10A typical standby current, watchdog off * 4Kbits of EEPROM --16 byte page write mode --Self-timed write cycle --5ms write cycle time (typical) * Built-in inadvertent write protection --Power-up/power-down protection circuitry --Block lock protect 0, 1/4, 1/2, all of EEPROM * 400kHz I2C interface * 2.4V to 5.5V power supply operation * Available packages --14-lead SOIC, TSSOP BLOCK DIAGRAM
V3MON
V3 Monitor Logic
V2MON
+ VTRIP3 + VTRIP2 -
V3FAIL
V2 Monitor Logic
V2FAIL
SDA WP
Data Register Command Decode Test & Control Logic
Fault Detection Register Status Register EEPROM Array
Watchdog and Reset Logic
WDO
MR
SCL
VCC
(V1MON)
VCC Monitor Logic
+ VTRIP1 -
Power on, Manual Reset Low Voltage Reset Generation
RESET X40430 RESET X40431 LOWLINE
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
1 of 24
X40430/X40431 - Preliminary Information
A manual reset input provides debounce circuitry for minimum reset component count. The Watchdog Timer provides an independent protection mechanism for microcontrollers. When the microcontroller fails to restart a timer within a selectable time out interval, the device activates the WDO signal. The user selects the interval from three preset values. Once selected, the interval does not change, even after cycling the power. PIN CONFIGURATION
X40430 14-Pin SOIC, TSSOP V2FAIL V2MON LOWLINE NC MR RESET VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC WDO V3FAIL V3MON WP SCL SDA V2FAIL V2MON LOWLINE NC MR RESET VSS X40431 14-Pin SOIC, TSSOP 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC WDO V3FAIL V3MON WP SCL SDA
The memory portion of the device is a CMOS Serial EEPROM array with Xicor's Block Lock protection. The array is internally organized as x 8. The device features a 2-wire interface and software protocol allowing operation on an I2C bus. The device utilizes Xicor's proprietary Direct WriteTM cell, providing a minimum endurance of 1,000,000 cycles and a minimum data retention of 100 years.
PIN DESCRIPTION Pin
1 2
Name
V2FAIL V2MON
Function
V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and goes HIGH when V2MON exceeds VTRIP2. There is no power up reset delay circuitry on this pin. V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes LOW. This input can monitor an unregulated power supply with an external resistor divider or can monitor a second power supply with no external components. Connect V2MON to VSS or VCC when not used. Early Low VCC Detect. This CMOS output signal goes LOW when VCC < VTRIP1 and goes high when VCC > VTRIP1. No connect. Manual Reset Input. Pulling the MR pin LOW initiates a system reset. The RESET/RESET pin will remain HIGH/LOW until the pin is released and for the tPURST thereafter. RESET Output. (X40431) This open drain pin is an active LOW output which goes LOW whenever VCC falls below VTRIP voltage or if manual reset is asserted. This output stays active for the programmed time period (tPURST) on power up. It will also stay active until manual reset is released and for tPURST thereafter. RESET Output. (X40430) This pin is an active HIGH CMOS output which goes HIGH whenever VCC falls below VTRIP voltage or if manual reset is asserted. This output stays active for the programmed time period (tPURST) on power up. It will also stay active until manual reset is released and for tPURST thereafter. Ground
3 4 5 6
LOWLINE NC MR RESET/ RESET
7
VSS
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
2 of 24
X40430/X40431 - Preliminary Information
PIN DESCRIPTION (Continued) Pin
8
Name
SDA
Function
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open drain output and may be wire ORed with other open drain or open collector outputs. This pin requires a pull up resistor and the input buffer is always active (not gated). Watchdog Input. A HIGH to LOW transition on the SDA (while SCL is toggled from HIGH to LOW and followed by a stop condition) restarts the Watchdog timer. The absence of this transition within the watchdog time out period results in WDO going active. Serial Clock. The Serial Clock controls the serial bus timing for data input and output. Write Protect. WP HIGH prevents writes to any location in the device (including all the registers). It has an internal pull down resistor. V3 Voltage Monitor Input. When the V3MON input is less than the VTRIP3 voltage, V3FAIL goes LOW. This input can monitor an unregulated power supply with an external resistor divider or can monitor a third power supply with no external components. Connect V3MON to VSS or VCC when not used. V3 Voltage Fail Output. This open drain output goes LOW when V3MON is less than VTRIP3 and goes HIGH when V3MON exceeds VTRIP3. There is no power up reset delay circuitry on this pin. WDO Output. WDO is an active LOW, open drain output which goes active whenever the watchdog timer goes active.
Supply Voltage
9 10 11
SCL WP V3MON
12 13 14
V3FAIL WDO VCC
PRINCIPLES OF OPERATION Power On Reset Applying power to the X40430/31 activates a Power On Reset Circuit that pulls the RESET/RESET pins active. This signal provides several benefits. - It prevents the system microprocessor from starting to operate with insufficient voltage. - It prevents the processor from operating prior to stabilization of the oscillator. - It allows time for an FPGA to download its configuration prior to initialization of the circuit. - It prevents communication to the EEPROM, greatly reducing the likelihood of data corruption on power up. When VCC exceeds the device VTRIP1 threshold value for tPURST (selectable) the circuit releases the RESET (X40431) and RESET (X40430) pin allowing the system to begin operation.
Figure 1. Connecting a Manual Reset Push-Button
X40430 System Reset RESET MR Manual Reset VCC
Manual Reset By connecting a push-button directly from MR to ground, the designer adds manual system reset capability. The MR pin is LOW while the push-button is closed and RESET/RESET pin remains HIGH/LOW until the push-button is released and for tPURST thereafter.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
3 of 24
X40430/X40431 - Preliminary Information
Low Voltage VCC (V1 Monitoring) During operation, the X40430 monitors the VCC level and asserts RESET if supply voltage falls below a preset minimum VTRIP1. The RESET signal prevents the microprocessor from operating in a power fail or brownout condition. The RESET/RESET signal remains active until the voltage drops below 1V. It also remains active until VCC returns and exceeds VTRIP1 for tPURST. Low Voltage V2 Monitoring The X40430 also monitors a second voltage level and asserts V2FAIL if the voltage falls below a preset minimum VTRIP2. The V2FAIL signal is either ORed with RESET to prevent the microprocessor from operating in a power fail or brownout condition or used to interrupt the microprocessor with notification of an impending power failure. The V2FAIL signal remains active until the V2MON drops below 1V (V2MON falling). It also remains active until V2MON returns and exceeds VTRIP2 by 0.2V. Low Voltage V3 Monitoring The X40430 also monitors a third voltage level and asserts V3FAIL if the voltage falls below a preset minimum VTRIP3. The V3FAIL signal is either ORed with RESET to prevent the microprocessor from operating in a power fail or brownout condition or used to interrupt the microprocessor with notification of an impending power failure. The V3FAIL signal remains active until the V3MON drops below 1V (V3MON falling). It also remains active until V3MON returns and exceeds VTRIP3 by 0.2V. Early Low VCC Detection (LOWLINE) This CMOS output goes LOW earlier than RESET/ RESET whenever VCC falls below the VTRIP1 voltage and returns high when VCC exceeds the VTRIP1 voltage. There is no power up delay circuitry (tPURST) on this pin. Figure 2. Two Uses of Multiple Voltage Monitoring
V2MON X40430 Unreg. Supply R R 5V Reg VCC RESET V2MON V2FAIL
System Reset
Resistors selected so 3V appears on V2MON when unregulated supply reaches 6V. V2MON VCC V3MON X40431 Unreg. Supply 5V Reg 4V Reg 3V Reg VCC RESET V2MON V2FAIL V3MON V3FAIL System Reset
Notice: No external components required to monitor three voltages.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
4 of 24
X40430/X40431 - Preliminary Information
Figure 3. VTRIPX Set/Reset Conditions
VTRIPX (X = 1, 2, 3) VCC/V2MON/V3MON
VP WDO
SCL
0
7
0
7
0
7
SDA A0h 00h tWC
WATCHDOG TIMER The Watchdog Timer circuit monitors the microprocessor activity by monitoring the SDA and SCL pins. The microprocessor must toggle the SDA pin HIGH to LOW periodically, while SCL also toggles from HIGH to LOW (this is a start bit) followed by a stop condition prior to the expiration of the watchdog time out period to prevent a WDO signal going active. The state of two nonvolatile control bits in the Status Register determine the watchdog timer period. The microprocessor can change these watchdog bits by writing to the X40430/ 31 control register (also refer to page 20). Figure 4. Watchdog Restart
.6s SCL 1.3s
precision is needed in the threshold value, the X40430 trip points may be adjusted. The procedure is described below, and uses the application of a high voltage control signal. Setting a VTRIPx Voltage (x=1, 2, 3) There are two procedures used to set the threshold voltages (VTRIPx), depending if the threshold voltage to be stored is higher or lower than the present value. For example, if the present VTRIPx is 2.9 V and the new VTRIPx is 3.2 V, the new voltage can be stored directly into the VTRIPx cell. If however, the new setting is to be lower than the present setting, then it is necessary to "reset" the VTRIPx voltage before setting the new value. Setting a Higher VTRIPx Voltage (x=1, 2, 3) To set a VTRIPx threshold to a new voltage which is higher than the present threshold, the user must apply the desired VTRIPx threshold voltage to the corresponding input pin (Vcc(V1MON), V2MON or V3MON). The Vcc(V1MON), V2MON and V3MON must be tied together during this sequence. Then, a programming voltage (Vp) must be applied to the WDO pin before a START condition is set up on SDA. Next, issue on the SDA pin the Slave Address A0h, followed by the Byte Address 01h for VTRIP1, 09h for VTRIP2, and 0Dh for VTRIP3, and a 00h Data Byte in order to program VTRIPx. The STOP bit following a valid write operation initiates the programming sequence. Pin WDO must then be brought LOW to complete the operation
SDA
Timer Start
V1, V2 AND V3 THRESHOLD PROGRAM PROCEDURE The X40430 is shipped with standard V1, V2 and V3 threshold (VTRIP1, VTRIP2, VTRIP3) voltages. These values will not change over normal operating and storage conditions. However, in applications where the standard thresholds are not exactly right, or if higher
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
5 of 24
X40430/X40431 - Preliminary Information
Note: This operation does not corrupt the memory array. Setting a Lower VTRIPx Voltage (x=1, 2, 3) In order to set VTRIPx to a lower voltage than the present value, then VTRIPx must first be "reset" according to the procedure described below. Once VTRIPx has been "reset", then VTRIPx can be set to the desired voltage using the procedure described in "Setting a Higher VTRIPx Voltage". Resetting the VTRIPx Voltage To reset a VTRIPx voltage, apply the programming voltage (Vp) to the WDO pin before a START condition is set up on SDA. Next, issue on the SDA pin the Slave Address A0h followed by the Byte Address 03h for VTRIP1, 0Bh for VTRIP2, and 0Fh for VTRIP3, followed by 00h for the Data Byte in order to reset VTRIPx. The STOP bit following a valid write operation initiates the programming sequence. Pin WDO must then be brought LOW to complete the operation. After being reset, the value of VTRIPx becomes a nominal value of 1.7V or lesser. Note: This operation does not corrupt the memory array. Control Register The Control Register provides the user a mechanism for changing the Block Lock and Watchdog Timer settings. The Block Lock and Watchdog Timer bits are nonvolatile and do not change when power is removed. Figure 5. Sample VTRIP Reset Circuit
VP Adjust V2FAIL RESET VTRIP1 Adj. VTRIP2 Adj. 1 14 Run SCL SDA 6 13 X40430 2 9 7 8 C
The Control Register is accessed with a special preamble in the slave byte (1011) and is located at address 1FFh. It can only be modified by performing a byte write operation directly to the address of the register and only one data byte is allowed for each register write operation. Prior to writing to the Control Register, the WEL and RWEL bits must be set using a two step process, with the whole sequence requiring 3 steps. See "Writing to the Control Registers" on page 7. The user must issue a stop, after sending this byte to the register, to initiate the nonvolatile cycle that stores WD1, WD0, PUP1, PUP0, BP1, and BP0. The X40430 will not acknowledge any data bytes written after the first byte is entered. The state of the Control Register can be read at any time by performing a random read at address 1FFh, using the special preamble. Only one byte is read by each register read operation. The master should supply a stop condition to be consistent with the bus protocol.
7 6 5 WD0 4 BP1 3 BP0 2 1 0
PUP1 WD1
RWEL WEL PUP0
RWEL: Register Write Enable Latch (Volatile) The RWEL bit must be set to "1" prior to a write to the Control Register.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
6 of 24
X40430/X40431 - Preliminary Information
Figure 6. VTRIP Set/Reset Sequence (X = 1, 2, 3)
VTRIPX Programming
No
Desired VTRIPX Present Value YES Execute VTRIP Reset Sequence
Execute Set Higher VTRIP Sequence
New VX applied = Old VX applied + Error
Execute Set Higher VX Sequence
New VX applied = Old VX applied - Error
Apply VCC and Voltage Desired VTRIPX to VX NO Decrease VX
Execute Reset VTRIPX Sequence
Output Switches? YES Error < -MDE Actual VTRIPX - Desired VTRIPX Error < | MDE | DONE Error > +MDE
Vx = VCC, V2MON, V3MON Note: X = 1, 2, 3 Let: MDE = Maximum Desired Error
WEL: Write Enable Latch (Volatile) The WEL bit controls the access to the memory and to the Register during a write operation. This bit is a volatile latch that powers up in the LOW (disabled) state. While the WEL bit is LOW, writes to any address, including any control registers will be ignored (no acknowledge will be issued after the Data Byte). The WEL bit is set by writing a "1" to the WEL bit and zeroes to the other bits of the control register.
Once set, WEL remains set until either it is reset to 0 (by writing a "0" to the WEL bit and zeroes to the other bits of the control register) or until the part powers up again. Writes to the WEL bit do not cause a high voltage write cycle, so the device is ready for the next operation immediately after the stop condition.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
7 of 24
X40430/X40431 - Preliminary Information
BP1, BP0: Block Protect Bits (Nonvolatile) The Block Protect Bits, BP1 and BP0, determine which blocks of the array are write protected. A write to a protected block of memory is ignored. The block protect bits will prevent write operations to one of eight segments of the array. BP1 BP0 Protected Addresses (Size)
None 180h - 1FFh (128 bytes) 100h - 1FFh (256 bytes) 000h - 1FFh (512 bytes)
Array Lock
None Upper 1/4 (Q4) Upper 1/2 (Q3,Q4) Full Array (All)
0 0 1 1
0 1 0 1
- Write one byte value to the Control Register that has all the control bits set to the desired state. The Control register can be represented as qxys t01r in binary, where xy are the WD bits, and st are the BP bits and qr are the power up bits. This operation proceeded by a start and ended with a stop bit. Since this is a nonvolatile write cycle it will take up to 10ms (max.) to complete. The RWEL bit is reset by this cycle and the sequence must be repeated to change the nonvolatile bits again. If bit 2 is set to `1' in this third step (qxys t11r) then the RWEL bit is set, but the WD1, WD0, PUP1, PUP0, BP1 and BP0 bits remain unchanged. Writing a second byte to the control register is not allowed. Doing so aborts the write operation and returns a NACK. - A read operation occurring between any of the previous operations will not interrupt the register write operation. - The RWEL bit cannot be reset without writing to the nonvolatile control bits in the control register, power cycling the device or attempting a write to a write protected block. To illustrate, a sequence of writes to the device consisting of [02H, 06H, 02H] will reset all of the nonvolatile bits in the Control Register to 0. A sequence of [02H, 06H, 06H] will leave the nonvolatile bits unchanged and the RWEL bit remains set. Fault Detection Register (FDR) The Fault Detection Register provides the user the status of what causes the system reset active. The Manual Reset Fail, Watchdog Timer Fail and Three Low Voltage Fail bits are volatile 7
LV1F
PUP1, PUP0: Power Up Bits (Nonvolatile) The Power Up bits, PUP1 and PUP0, determine the tPURST time delay. The nominal power up times are shown in the following table. PUP1
0 0 1 1
PUP0
0 1 0 1
Power on Reset Delay (tPURST)
50ms 200ms 400ms 800ms
WD1, WD0: Watchdog Timer Bits (Nonvolatile) The bits WD1 and WD0 control the period of the Watchdog Timer. The options are shown below. WD1
0 0 1 1
WD0
0 1 0 1
Watchdog Time Out Period
1.4 seconds 200 milliseconds 25 milliseconds disabled
6
5
4
3
MRF
2
0
1
0
0
0
LV2F LV3F WDF
Writing to the Control Registers Changing any of the nonvolatile bits of the control and trickle registers requires the following steps: - Write a 02H to the Control Register to set the Write Enable Latch (WEL). This is a volatile operation, so there is no delay after the write. (Operation preceded by a start and ended with a stop). - Write a 06H to the Control Register to set the Register Write Enable Latch (RWEL) and the WEL bit. This is also a volatile cycle. The zeros in the data byte are required. (Operation proceeded by a start and ended with a stop).
REV 1.2.3 11/28/00
The FDR is accessed with a special preamble in the slave byte (1011) and is located at address 0FFh. It can only be modified by performing a byte write operation directly to the address of the register and only one data byte is allowed for each register write operation. There is no need to set the WEL or RWEL in the control register to access this FDR.
www.xicor.com
Characteristics subject to change without notice.
8 of 24
X40430/X40431 - Preliminary Information
Figure 7. Valid Data Changes on the SDA Bus
SCL
SDA Data Stable Data Change Data Stable
At power-up, the FDR is defaulted to all "0". The system needs to initialize this register to all "1" before the actual monitoring can take place. In the event of any one of the monitored sources fail. The corresponding bit in the register will change from a "1" to a "0" to indicate the failure. At this moment, the system should perform a read to the register and note the cause of the reset. After reading the register the system should reset the register back to all "1" again. The state of the FDR can be read at any time by performing a random read at address 0FFh, using the special preamble. The FDR can be read by performing a random read at 0FFh address of the register at any time. Only one byte of data is read by the register read operation. MRF, Manual Reset Fail Bit (Volatile) The MRF bit will be set to "0" when Manual Reset input goes active. WDF, Watchdog Timer Fail Bit (Volatile) The WDF bit will be set to "0" when the WDO goes active. LV1F, Low VCC Reset Fail Bit (Volatile) The LV1F bit will be set to "0" when VCC (V1MON) falls below VTRIP1. LV2F, Low V2MON Reset Fail Bit (Volatile) The LV2F bit will be set to "0" when V2MON falls below VTRIP2. LV3F, Low V3MON Reset Fail Bit (Volatile) The LV3F bit will be set to "0" when the V3MON falls below VTRIP3.
Interface Conventions The device supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is called the master and the device being controlled is called the slave. The master always initiates data transfers, and provides the clock for both transmit and receive operations. Therefore, the devices in this family operate as slaves in all applications. Serial Clock and Data Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. See Figure 7. Serial Start Condition All commands are preceded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. See Figure 8. Serial Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to place the device into the Standby power mode after a read sequence. A stop condition can only be issued after the transmitting device has released the bus. See Figure 8.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
9 of 24
X40430/X40431 - Preliminary Information
Figure 8. Valid Start and Stop Conditions
SCL
SDA Start Stop
Serial Acknowledge Acknowledge is a software convention used to indicate successful data transfer. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle, the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. See Figure 9. The device will respond with an acknowledge after recognition of a start condition and if the correct Device Identifier and Select bits are contained in the Slave Address Byte. If a write operation is selected, the device will respond with an acknowledge after the receipt of each subsequent eight bit word. The device will acknowledge all incoming data and address bytes, except for the Slave Address Byte when the Device Identifier and/or Select bits are incorrect. In the read mode, the device will transmit eight bits of data, release the SDA line, then monitor the line for an acknowledge. If an acknowledge is detected and no stop condition is generated by the master, the device will continue to transmit data. The device will terminate further data transmissions if an acknowledge is not Figure 9. Acknowledge Response From Receiver
SCL from Master Data Output from Transmitter
detected. The master must then issue a stop condition to return the device to Standby mode and place the device into a known state. Serial Write Operations Byte Write For a write operation, the device requires the Slave Address Byte and a Word Address Byte. This gives the master access to any one of the words in the array. After receipt of the Word Address Byte, the device responds with an acknowledge, and awaits the next eight bits of data. After receiving the 8 bits of the Data Byte, the device again responds with an acknowledge. The master then terminates the transfer by generating a stop condition, at which time the device begins the internal write cycle to the nonvolatile memory. During this internal write cycle, the device inputs are disabled, so the device will not respond to any requests from the master. The SDA output is at high impedance. See Figure 10. A write to a protected block of memory will suppress the acknowledge bit.
1
8
9
Data Output from Receiver Start Acknowledge
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
10 of 24
X40430/X40431 - Preliminary Information
Figure 10. Byte Write Sequence
S t a r t S t o p
Signals from the Master
Slave Address
Byte Address
Data
SDA Bus Signals from the Slave
0 A C K A C K A C K
Page Write The device is capable of a page write operation. It is initiated in the same manner as the byte write operation; but instead of terminating the write cycle after the first data byte is transferred, the master can transmit an unlimited number of 8-bit bytes. After the receipt of each byte, the device will respond with an acknowledge, and the address is internally incremented by one. The page address remains constant. When the counter reaches the end of the page, it "rolls over" and goes back to `0' on the same page. Figure 11. Page Write Operation
S t a r t
This means that the master can write 16 bytes to the page starting at any location on that page. If the master begins writing at location 10, and loads 12 bytes, then the first 6 bytes are written to locations 10 through 15, and the last 6 bytes are written to locations 0 through 5. Afterwards, the address counter would point to location 6 of the page that was just written. If the master supplies more than 16 bytes of data, then new data overwrites the previous data, one byte at a time.
(1 n 16) Slave Address Byte Address Data (1) Data (n) S t o p
Signals from the Master SDA Bus Signals from the Slave
0 A C K A C K A C K A C K
Figure 12. Writing 12 bytes to a 16-byte page starting at location 10.
7 Bytes address pointer ends here Addr = 7
5 Bytes
address =6
address 10
address n-1
The master terminates the Data Byte loading by issuing a stop condition, which causes the device to begin the nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal write cycle. See Figure 11 for the address, acknowledge, and data transfer sequence.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
11 of 24
X40430/X40431 - Preliminary Information
Stops and Write Modes Stop conditions that terminate write operations must be sent by the master after sending at least 1 full data byte plus the subsequent ACK signal. If a stop is issued in the middle of a data byte, or before 1 full data byte plus its associated ACK is sent, then the device will reset itself without performing the write. The contents of the array will not be effected. Acknowledge Polling The disabling of the inputs during high voltage cycles can be used to take advantage of the typical 5ms write cycle time. Once the stop condition is issued to indicate the end of the master's byte load operation, the device initiates the internal high voltage cycle. Acknowledge polling can be initiated immediately. To do this, the master issues a start condition followed by the Slave Address Byte for a write or read operation. If the device is still busy with the high voltage cycle then no ACK will be returned. If the device has completed the write operation, an ACK will be returned and the host can then proceed with the read or write operation. See Figure 13. Serial Read Operations Read operations are initiated in the same manner as write operations with the exception that the R/W bit of the Slave Address Byte is set to one. There are three basic read operations: Current Address Reads, Random Reads, and Sequential Reads. Current Address Read Internally the device contains an address counter that maintains the address of the last word read incremented by one. Therefore, if the last read was to address n, the next read operation would access data from address n+1. On power up, the address of the address counter is undefined, requiring a read or write operation for initialization. Upon receipt of the Slave Address Byte with the R/W bit set to one, the device issues an acknowledge and then transmits the eight bits of the Data Byte. The master terminates the read operation when it does not respond with an acknowledge during the ninth clock and then issues a stop condition. See Figure 14 for the address, acknowledge, and data transfer sequence. Figure 13. Acknowledge Polling Sequence
Byte Load Completed by Issuing STOP. Enter ACK Polling
Issue START
Issue Slave Address Byte (Read or Write)
Issue STOP
ACK Returned? YES High Voltage Cycle Complete. Continue Command Sequence?
NO
Issue STOP NO
YES Continue Normal Read or Write Command Sequence
PROCEED
It should be noted that the ninth clock cycle of the read operation is not a "don't care." To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Random Read Random read operation allows the master to access any memory location in the array. Prior to issuing the Slave Address Byte with the R/W bit set to one, the master must first perform a "dummy" write operation. The master issues the start condition and the Slave Address Byte, receives an acknowledge, then issues the Word Address Bytes. After acknowledging receipts of the Word Address Bytes, the master immediately issues another start condition and the Slave Address Byte with the R/W bit set to one. This is followed by an acknowledge from the device and then by the eight bit word. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. See Figure 15 for the address, acknowledge, and data transfer sequence.
Characteristics subject to change without notice.
REV 1.2.3 11/28/00
www.xicor.com
12 of 24
X40430/X40431 - Preliminary Information
A similar operation called "Set Current Address" where the device will perform this operation if a stop is issued instead of the second start shown in Figure 14. The device will go into standby mode after the stop and all bus activity will be ignored until a start is detected. This operation loads the new address into the address counter. The next Current Address Read operation will read from the newly loaded address. This operation could be useful if the master knows the next address it needs to read, but is not ready for the data. Sequential Read Sequential reads can be initiated as either a current address read or random address read. The first Data Byte is transmitted as with the other modes; however, the master now responds with an acknowledge, indicating it requires additional data. The device continues to output data for each acknowledge received. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. Figure 14. Current Address Read Sequence
.
The data output is sequential, with the data from address n followed by the data from address n + 1. The address counter for read operations increments through all page and column addresses, allowing the entire memory contents to be serially read during one operation. At the end of the address space the counter "rolls over" to address 0000h and the device continues to output data for each acknowledge received. See Figure 16 for the acknowledge and data transfer sequence. SERIAL DEVICE ADDRESSING Slave Address Byte Following a start condition, the master must output a Slave Address Byte. This byte consists of several parts: - a device type identifier that is always `1010'. - two bits that provide the device select bits. - one bit that becomes the MSB of the address.
Signals from the Master
S t a r t
Slave Address
S t o p 1 A C K
SDA Bus Signals from the Slave
Data
Figure 15. Random Address Read Sequence
Signals from the Master S t a r t Slave Address Byte Address S t a r t Slave Address S t o p 1 A C K A C K A C K
SDA Bus Signals from the Slave
0
Data
- one bit of the slave command byte is a R/W bit. The R/W bit of the Slave Address Byte defines the operation to be performed. When the R/W bit is a one, then a read operation is selected. A zero selects a write operation.
- After loading the entire Slave Address Byte from the SDA bus, the device compares the device select bits with the status of the Device Select pins. Upon a correct compare, the device outputs an acknowledge on the SDA line.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
13 of 24
X40430/X40431 - Preliminary Information
Word Address The word address is either supplied by the master or obtained from an internal counter. The internal counter is undefined on a power up condition. Operational Notes The device powers-up in the following state: - The device is in the low power standby state. - The WEL bit is set to `0'. In this state it is not possible to write to the device. - SDA pin is the input mode. - RESET/RESET Signal is active for tPURST. Data Protection The following circuitry has been included to prevent inadvertent writes: - The WEL bit must be set to allow write operations. - The proper clock count and bit sequence is required prior to the stop bit in order to start a nonvolatile write cycle. - A three step sequence is required before writing into the Control Register to change Watchdog Timer or Block Lock settings. - The WP pin, when held HIGH, prevents all writes to the array and all the Register.
Figure 16. Sequential Read Sequence
Signals from the Master Slave Address S t o p
A C K
A C K
A C K
SDA Bus
1 A C K
Signals from the Slave
Data (1)
Data (2)
Data (n-1)
Data (n)
(n is any integer greater than 1)
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
14 of 24
X40430/X40431 - Preliminary Information
ABSOLUTE MAXIMUM RATINGS Temperature under bias ................... -65C to +135C Storage temperature ........................ -65C to +150C Voltage on any pin with respect to VSS ......................................-1.0V to +7V D.C. output current ............................................... 5mA Lead temperature (soldering, 10 seconds)........ 300C COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS Temperature
Commercial Industrial
Min.
0C -40C
Max.
70C +85C
Version
-A or -B -C
Supply Voltage Limits
2.7V to 5.5V 2.4V to 3.6V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified) Symbol
ICC1 ICC2
(1) (1)
Parameter
Active Supply Current (VCC) Read Active Supply Current (VCC) Write Standby Current (VCC) AC (WDT off)
Min.
Typ.(4)
Max.
1.5 3.0
Unit
mA mA A
Test Conditions
VIL = VCC x 0.1 VIH = VCC x 0.9, fSCL = 400kHz VIL = VCC x 0.1 VIH = VCC x 0.9 fSCL, fSDA = 400kHz VSDA = VSCL = VCC Others = GND or VCC VIL = GND to VCC VSDA = GND to VCC Device is in Standby(2)
ISB1(1)
10
30
ISB2(2) ILI ILO VIL(3) VIH(3) VHYS
Standby Current (VCC) DC (WDT on) Input Leakage Current (SCL, MR, WP) Output Leakage Current (SDA, V2FAIL, V3FAIL, WDO, RESET) Input LOW Voltage (SDA, SCL, MR, WP) Input HIGH Voltage (SDA, SCL, MR, WP) Schmitt Trigger Input Hysteresis * Fixed input level * VCC related level Output LOW Voltage (SDA, RESET/ RESET, LOWLINE, V2FAIL, V3FAIL, WDO) Output (RESET, LOWLINE) HIGH Voltage -0.5
30
50 10 10
A A A V V
VCC x 0.3 VCC + 0.5
VCC x 0.7
0.2 .05 x VCC 0.4
V V V IOL = 3.0mA (2.7-5.5V) IOL = 1.8mA (2.4-3.6V) IOH = -1.0mA (2.7-5.5V) IOH = -0.4mA (2.4-3.6V)
VOL
VOH
VCC - 0.8 VCC - 0.4
2.0 4.75 60
V
VCC Supply VTRIP1 VLVRH
VCC Trip Point Voltage
Low VCC RESET Hysteresis
V mV
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
15 of 24
X40430/X40431 - Preliminary Information
D.C. OPERATING CHARACTERISTICS (Continued) (Over the recommended operating conditions unless otherwise specified) Symbol
IV2 VTRIP2 VV2H IV3 VTRIP3 VV3H
Parameter
V2MON Current V2MON Trip Point Voltage V2MON Hysteresis V3MON Current V3MON Trip Point Voltage V3MON Hysteresis
Min.
Typ.(4)
Max.
15
Unit
A V mV A V mV
Test Conditions
Second Supply Monitor 1.7 4.75 60 15 1.7 4.75 60
Third Supply Monitor
Notes: (1) The device enters the Active state after any start, and remains active until: 9 clock cycles later if the Device Select Bits in the Slave Address Byte are incorrect; 200ns after a stop ending a read operation; or tWC after a stop ending a write operation. (2) The device goes into Standby: 200ns after any stop, except those that initiate a high voltage write cycle; t WC after a stop that initiates a high voltage cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave Address Byte. (3) VIL Min. and VIH Max. are for reference only and are not tested. (4) At 25C, VCC = 3V
CAPACITANCE Symbol
COUT
(1)
Parameter
Output Capacitance (SDA, RESET/RESET, LOWLINE, V2FAIL,V3FAIL, WDO) Input Capacitance (SCL, WP, MR)
Max.
8 6
Unit
pF pF
Test Conditions
VOUT = 0V VIN = 0V
CIN(1)
Note:
(1) This parameter is not 100% tested.
EQUIVALENT A.C. OUTPUT LOAD CIRCUIT FOR VCC = 5V
5V VCC 4.6K RESET WDO 30pF 30pF V2FAIL, V3FAIL 30pF V2MON, V3MON 4.6K
SYMBOL TABLE
WAVEFORM INPUTS Must be steady May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed OUTPUTS Will be steady Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
2.06K SDA
A.C. TEST CONDITIONS)
Input pulse levels Input rise and fall times Input and output timing levels Output load
VCC x 0.1 to VCC x 0.9
10ns
N/A
VCC x 0.5
Standard output load
16 of 24
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
X40430/X40431 - Preliminary Information
A.C. CHARACTERISTICS Symbol
fSCL tIN tAA tBUF tLOW tHIGH tSU:STA tHD:STA tSU:DAT tHD:DAT tSU:STO tDH tR tF tSU:WP tHD:WP Cb
Note:
Parameter
SCL Clock Frequency Pulse width Suppression Time at inputs SCL LOW to SDA Data Out Valid Time the bus free before start of new transmission Clock LOW Time Clock HIGH Time Start Condition Setup Time Start Condition Hold Time Data In Setup Time Data In Hold Time Stop Condition Setup Time Data Output Hold Time SDA and SCL Rise Time SDA and SCL Fall Time WP Setup Time WP Hold Time Capacitive load for each bus line 20 20
Min.
0 50 0.1 1.3 1.3 0.6 0.6 0.6 100 0 0.6 50 +.1Cb(1) +.1Cb(1) 0.6 0
Max.
400 0.9
Unit
kHz ns s s s s s s ns s s ns
300 300
ns ns s s
400
pF
(1) Cb = total capacitance of one bus line in pF.
TIMING DIAGRAMS Bus Timing
tF SCL tSU:STA SDA IN tHD:STA tSU:DAT tHD:DAT tSU:STO tHIGH tLOW tR
tAA SDA OUT
tDH
tBUF
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
17 of 24
X40430/X40431 - Preliminary Information
WP Pin Timing
START SCL Clk 1 Slave Address Byte SDA IN tSU:WP WP tHD:WP Clk 9
Write Cycle Timing
SCL
SDA
8th Bit of Last Byte
ACK tWC Stop Condition Start Condition
Nonvolatile Write Cycle Timing Symbol
tWC(1)
Note:
Parameter
Write Cycle Time
Min.
Typ.
5
Max.
10
Unit
ms
(1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Power Fail Timings
VTRIPX VCC V2MON or V3MON LOWLINE or V2FAIL or V3FAIL X = 2, 3 tR VRVALID tRPDL tRPDX tRPDL tRPDX tRPDL tRPDX
tF
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
18 of 24
X40430/X40431 - Preliminary Information
RESET/RESET/MR Timings
VTRIP1 VCC tPURST tRPD1 tR RESET VRVALID tF tPURST
RESET
MR
tMD tIN1
LOW VOLTAGE AND WATCHDOG TIMINGS PARAMETERS Symbol
tRPD1 tRPDL t LR tRPDX
tPURST
Parameters
VTRIP1 to RESET/RESET (Power down only) VTRIP1 to LOWLINE LOWLINE to RESET/RESET delay (Power down only) [= tRPD1-tRPDL] VTRIP2 to V2FAIL, or VTRIP3 to V3FAIL Power On Reset delay: PUP1=0, PUP0=0 PUP1=0, PUP0=1 PUP1=1, PUP0=0 PUP1=1, PUP0=1 VCC, V2MON, V3MON, Fall Time VCC, V2MON, V3MON, Rise Time Reset Valid VCC MR to RESET/ RESET delay (activation only) Pulse width for MR Watchdog Timer Period: WD1=0, WD0=0 WD1=0, WD0=1 WD1=1, WD0=0 Watchdog Reset Time Out Delay WD1=0, WD0=0 WD1=0, WD0=1 Watchdog Reset Time Out Delay WD1=1, WD0=0 Watchdog timer restart pulse width
Min.
Typ.
10 500 10 50 200 400 800
Max.
20
Unit
s ns
20
s ms ms ms ms mV/s mV/s V ns s
tF tR VRVALID tMD tin1 tWDO
20 20 1 500 5 1.4 200 25 100 200 300
s ms ms ms
tRST1
tRST2 tRSP
12.5 1
25
37.5
ms s
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
19 of 24
X40430/X40431 - Preliminary Information
Watchdog Time Out For 2-Wire Interface
Start tRSP < tWDO SCL Timer Start SDA tRST tWDO tRST Start
WDO Timer Start Timer Restart
VTRIPX Set/Reset Conditions
(VTRIPX) VCC/V2MON/V3MON
tTSU WDO tVPS
VP
tTHD
tVPH SCL 0 7 0 7 0 7
tVPO
SDA A0h Start 01h* sets VTRIP1 09h* sets VTRIP2 0Dh* sets VTRIP3 03h* 0Bh* 0Fh* resets VTRIP1 resets VTRIP2 resets VTRIP3 00h tWC
* all others reserved
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
20 of 24
X40430/X40431 - Preliminary Information
VTRIP1, VTRIP2, VTRIP3 Programming Specifications: VCC = 2.0-5.5V; Temperature = 25C Parameter
tVPS tVPH tTSU tTHD tWC tVPO VP VTRAN Vta1 Vta2 Vtr Vtv tVPS
Description
WDO Program Voltage Setup time WDO Program Voltage Hold time VTRIPX Level Setup time VTRIPX Level Hold (stable) time VTRIPX Program Cycle Program Voltage Off time before next cycle Programming Voltage VTRIPX Set Voltage Range Initial VTRIPX Set Voltage accuracy (VCC applied--VTRIPX) Subsequent VTRIPX Program Voltage accuracy [(VCC applied--Vta1)-VTRIPX) VTRIPX Set Voltage repeatability (Successive program operations.) VTRIPX Set Voltage variation after programming (-40 to +85C). WDO Program Voltage Setup time
Min.
10 10 10 10 10 1 15 2.0 -0.1 -25 -25 -25 10
Max.
Unit
s s s s ms ms
18 4.75 +0.4 +25 +25 +25
V V V mV mV mV s
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
21 of 24
X40430/X40431 - Preliminary Information
PACKAGING INFORMATION 14-Lead Plastic Small Outline Gullwing Package Type S
0.150 (3.80) 0.228 (5.80) 0.158 (4.00) 0.244 (6.20) Pin 1 Index Pin 1
0.014 (0.35) 0.020 (0.51) 0.336 (8.55) 0.345 (8.75) (4X) 7
0.053 (1.35) 0.069 (1.75) 0.004 (0.10) 0.010 (0.25)
0.050 (1.27)
0.050"T ypical 0.010 (0.25) 0.020 (0.50) X 45 0.050"Typical 0 - 8 0.0075 (0.19) 0.010 (0.25) 0.016 (0.410) 0.037 (0.937) 0.030" Typical 14 Places 0.250"
FOOTPRINT
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
22 of 24
X40430/X40431 - Preliminary Information
PACKAGING INFORMATION 14-Lead Plastic, TSSOP, Package Type V
.025 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.193 (4.9) .200 (5.1)
.047 (1.20) .0075 (.19) .0118 (.30) .002 (.05) .006 (.15)
.010 (.25) Gage Plane 0 - 8 .019 (.50) .029 (.75) Detail A (20X) Seating Plane
.031 (.80) .041 (1.05) See Detail "A"
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
23 of 24
X40430/X40431 - Preliminary Information
ORDERING INFORMATION VCC Range
2.7-5.5
VTRIP1 Range
VTRIP2 Range
VTRIP3 Range
Package
14L SOIC 14L TSSOP
Operating Temperature Range
0oC-70oC -40 C-85 C 0 C-70 C -40oC-85oC 0oC-70oC -40 C-85 C
o o o o o o
Part Number with RESET
X40430S14-A X40430S14I-A X40430V14-A X40430V14I-A X40430S14-B X40430S14I-B X40430V14-B X40430V14I-B X40430S14-C X40430S14I-C X40430V14-C X40430V14I-C
Part Number with RESET
X40431S14-A X40431S14I-A X40431V14-A X40431V14I-A X40431S14-B X40431S14I-B X40431V14-B X40431V14I-B X40431S14-C X40431S14I-C X40431V14-C X40431V14I-C
4.6V50mV 2.9V50mV 1.7V50mV
2.7-5.5
4.4V50mV 2.6V50mV 1.7V50mV
14L SOIC 14L TSSOP
0 C-70 C -40
oC-85oC
o
o
2.4-3.6
2.9V50mV 1.7V50mV 2.6V50mV
14L SOIC 14L TSSOP
0
oC-70oC oC-85oC
-40 0
oC-70oC
-40oC-85oC
PART MARK INFORMATION
14-Lead TSSOP EYWW 40430X A, B, or C 14-Lead SOIC X40430SX EYWW A, B, or C
LIMITED WARRANTY
(c)Xicor, Inc. 2000 Patents Pending
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied. TRADEMARK DISCLAIMER: Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, and XDCP are also trademarks of Xicor, Inc. All others belong to their respective owners. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691; 5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
REV 1.2.3 11/28/00
www.xicor.com
Characteristics subject to change without notice.
24 of 24


▲Up To Search▲   

 
Price & Availability of X40430S14-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X