Part Number Hot Search : 
2SC17 SRA2202S XGXXX 1000AM 1N5407 1N5407 MK105 X9801406
Product Description
Full Text Search
 

To Download WSL2512E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WSL....E
Vishay
Power Metal Strip Flip Chip (Extended Range) Patents Pending
FEATURES
* SMD alternative for low power leaded wirewound resistors * Excellent stability in different environmental conditions * Superior overload and pulse handling capability compared to thin film * Low TCR * Low noise: < 0.01V(rms)/Volt * Voltage coefficient: < 0.00001%/Volt (< 0.1ppm/V) * Very low inductance: < 0.08H
STANDARD ELECTRICAL SPECIFICATIONS
MODEL SIZE INCH 1506 2010 POWER RATING P70C 0.25 0.5 LIMITING ELEMENT VOLTAGE 1) MAX V 63 100 TEMPERATURE COEFFICIENT ppm/K 15, 25 15, 25 TOLERANCE % 0.5, 1 0.5, 1 RESISTANCE 2) RANGE E-SERIES
0R5 - 10K 0R5 - 10K 96 96
WSL1506E WSL2010E
WSL2512E 2512 1.0 100 15, 25 0.5, 1 0R5 - 10K 96 * Ask about further value ranges, tighter tolerances and TCR's. * Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material * 4-Digit Marking, according to MIL-PRF-55342 (except as noted in Ordering Information table), on top side 1) Rated voltage: PxR 2) Contact factory using e-mail address at bottom of this page for resistance values available between 0R5 - 10R for 1506 and 0R5 - 100R for 2010 and 2512
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C Limiting Element Voltage 1) Insulation Voltage (1 min) Thermal Resistance Insulation Resistance Category Temperature Range Weight / 1000pcs
3)
UNIT W V Vdc/ac peak K/W M C g
12
35
w w w .D at aS he et 4U .c om
Depending on solder pad dimensions
PACKAGING
MODEL
REEL PIECES/REEL 4000 4000 2000 CODE R86 R86 R86
TAPE WIDTH
DIAMETER 180mm/7" 180mm/7" 180mm/7"
WSL1506E WSL2010E WSL2512E
12mm/Embossed Plastic 12mm/Embossed Plastic 12mm/Embossed Plastic
Embossed Carrier Tape per EIA-481-1.2
ORDERING INFORMATION
WSL1506E MODEL
10E0
X TC ppm/K E = 25ppm/K X = 15ppm/K
TA PACKAGING TA = R86 Blistertape
RESISTANCE VALUE & TOLERANCE &% Resistance Multiplier Symbol Tolerance () 0.5 X1 W 0.5 X1,000 X 0.5 X1,000,000 Y 1.0 X1 D 1.0 X1,000 E 1.0 X1,000,000 F
The above part number is for a WSL1506E 10K 1% 15ppm/K R86 resistor
www.vishay.com 94
For Technical Questions in Europe contact: ww1resistors@vishay.com For Technical Questions in Americas/Asia contact: ww2bresistors@vishay.com
Document Number 20033 Revision 11-Oct-02
www..com
WSL1506E 0.25 63 200 220 3)
WSL2010E 0.5 100 200 88 3) > 10 6 - 55 / + 150 25
WSL2512E 1.0 100 200 65 3)
WSL....E
Power Metal Strip Flip Chip (Extended Range) Patents Pending
DIMENSIONS
L
Vishay
SIZE INCH L 0.15 0.005 [3.81 0.13]
DIMENSIONS in inches [millimeters] W 0.062 0.003 [1.57 0.08] 0.100 0.003 [2.54 0.08] 0.126 0.003 [3.20 0.08] Tmax 0.025 [0.64] 0.025 [0.64] 0.025 [0.64] D d
T
W
1506
0.012 0.003 0.059 0.003 [0.30 0.08] [1.50 0.08] 0.020 0.003 [0.51 0.08] 0.024 0.003 [0.61 0.08] 0.097 0.003 [2.46 0.08] 0.123 0.003 [3.12 0.08]
d
2010 0.200 0.005 [5.08 0.13]
D
2512 0.250 0.005 [6.35 0.13]
I b
SIZE INCH 1506 2010 2512
SOLDER PAD RECOMMENDATIONS in inches [millimeters] a 0.015 [0.38] 0.023 [0.58] 0.027 [0.69] b 0.062 [1.57] 0.100 [2.54] 0.126 [3.20] l 0.118 [3.00] 0.153 [3.89] 0.196 [4.98]
a
Pulse Energy in mJoules
104
Pulse Energy Plot:
WSL2010E
103
WSL1506E
102
This represents the energy in each of 50 pulses, with a 1 second rest between pulses, that it takes to shift the WSL....E resistance (0.50% + 0.01).
10
1
102
103
104
105
Pulse Energy
Temperature Rise In C
150 125 100
Time in Microseconds
Rated Power In %
120 100 80 60 40
WSL1506E
75 50
WSL2010E
WSL2512E
25 0 20 0 - 55
0
0.25
0.50
0.75
1.0 Power in W
-25
0
25
50
75 70
100
125
150 175
Temperature Rise
Derating
Ambient Temperature in C
PERFORMANCE
TEST Thermal Shock Short Time Overload Low Temperature Storage High Temperature Exposure Moisture Resistance Load Life Vibration Mechanical Shock Resistance to Soldering Heat CONDITIONS OF TEST -55C to +150C, 100 cycles, 15 minutes at each extreme 5 x rated power for 5 seconds -65C for 24 hours 1000 hours @ +150C MIL-STD-202, Method 106, 0% power, 7a and 7b not required 1000 hours @ rated power, +70C, 1.5 hours "ON", 0.5 hours "OFF" MIL-STD-202, Method 204D 100 G's for 6 milliseconds, 5 pulses +260C solder, 10-12 seconds dwell, 25mm/second emergence TEST LIMITS (0.20% +0.01) (0.20% +0.01) (0.20% +0.01) (0.50% +0.01) (0.50% +0.01) (0.50% +0.01) (0.10% +0.01) (0.10% +0.01) (0.50% +0.01) www.vishay.com 95
Document Number 20033 Revision 11-Oct-02
For Technical Questions in Europe contact: ww1resistors@vishay.com For Technical Questions in Americas/Asia contact: ww2bresistors@vishay.com


▲Up To Search▲   

 
Price & Availability of WSL2512E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X