Part Number Hot Search : 
CY7C104 MC34117 KTC3770 MVAM108 7226M00 MC341 08U0M OP240SL
Product Description
Full Text Search
 

To Download WOMCT1XX-XXXTS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT NETWORKS
WOMC
Vishay Thin Film
Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
FEATURES
* Lead (Pb)-free available * Standard 16 and 20 Pin Counts (0.300" Wide Body) JEDEC MS-013 * Rugged, molded case construction * High stable thin film element (500 ppm at + 70 C, 10 000 hrs.) * Leads copper alloy, solderable
Pb-free Available
RoHS*
COMPLIANT
Actual Size 20 Pin
The WOMC series features a standard 16 and 20 pin wide body (0.30") small outline surface mount style that can accommodate resistor networks to your particular application requirements. The networks can be constructed with Tamelox, or Tantalum Nitride resistor films to optimize performance.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 5 RATIO 0.05
SCHEMATIC
Custom schematics available Please consult factory
STANDARD ELECTRICAL SPECIFICATIONS
TEST PIN NUMBER Resistance Range TCR: Tolerance: Power Rating: Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Ratio Tracking Absolute Ratio Absolute Resistor Package R Absolute R Ratio SPECIFICATIONS 16, 20 100 Ohms to 500K Ohms total 5 ppm/C typical 50 ppm/C to 25 ppm/C 0.1 % to 0.05 % 1.0 % to 0.1 % 50 mW per element 500 mW 1.0 Watt 500 ppm 150 ppm 0.1 ppm/Volt 50 Volts - 55 C to + 125 C - 55 C to + 150 C < - 30 dB 0.08 V/C 100 ppm < 20 ppm 1 year ratio at + 25 C 1 year ratio at + 25 C - 55 C to + 125 C - 55 C to + 125 C + 25 C + 25 C Max. at + 70 C Max. at + 70 C 2000 hrs at + 70 C 2000 hrs. at + 70 C CONDITION
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 27 For technical questions contact thin-film@vishay.com Document Number: 60010 Revision: 10-May-06
WOMC
Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
DIMENSIONS AND IMPRINTING in inches and millimeters
16 INCHES H E 0.408 0.298 0.410 0.097 0.050 0.016 0.009 0.026 0.007 0.015 MM 10.36 7.57 10.41 2.46 1.27 0.406 0.228 0.66 0.177 0.381 INCHES 0.408 0.298 0.500 0.097 0.050 0.016 0.009 0.026 0.007 0.015 20 MM 10.36 7.57 12.7 2.46 1.27 0.406 0.228 0.66 0.177 0.381
SURFACE MOUNT NETWORKS
Vishay Thin Film
HE Index Area PIN 1 Locator h x 45 O C e B L A1 A
O A e B C L A1 h
MECHANICAL SPECIFICATIONS
Resistive Material Body Plating Marking Resistance to Solvents Substrate Material Terminals Lead Coplanarity Lead (Pb)-free Option Lead (Pb)-free Finish Tamelox or Tantalum Nitride Molded Epoxy Solder Per MIL-PRF-83401 Silicon Copper 0.004 100 % Sn Matte** Plated
ORDERING INFORMATION CHECK LIST (CUSTOMS)
Special requirements should be identified in advance, but as a minimum, you should have the following information ready. ELECTRICAL 1. Resistors, by value and tolerance 2. Reference resistor(s) and matching of which resistors to which reference resistors 3. Reference by ratio 4. Absolute temperature coefficient of resistivity 5. Temperature tracking of subordinate resistors to reference resistor(s) 6. Maximum operating voltage 7. Resistor power ratings 8. Operating temperature range Lead (Pb)-free example: WOMCTXXXXA MECHANICAL 1. Maximum allowable seated height (from PC board to top of network) 2. Special marking concerns 3. Schematic pin out of package 4. Specify if lead (Pb)-free
Document Number: 60010 Revision: 10-May-06
For technical questions contact thin-film@vishay.com
www.vishay.com 28
SURFACE MOUNT NETWORKS
WOMC
Vishay Thin Film
Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: WOMC1xx-xxxT1 (preferred part number format)
W W O
O M
M C
C T 1
1 x
x x
x -
x
x x
x x
x x
T T
1 1
GLOBAL MODEL (4 or 5 digits) WOMC (Tin Lead) WOMCT (Lead (Pb)-free) (e3)
CUSTOM PART NUMBER (7 or 9 digits) 1xx-xxx or 1xx-xxx-x
PACKAGING TAPE AND REEL T0 = 100 Min 100 Mult T1 = 1000 Min 1000 Mult T3 = 300 Min 300 Mult T5 = 500 Min 500 Mult TF = Full Reel 2500 TS = 100 Min 1 Mult UF = TUBED
Historical Part Number example: WOMC1xx-xxxA (will continue to be accepted) WOMC SERIES 1xx-xxx CUSTOM PART NUMBER A TOLERANCE
www.vishay.com 29
For technical questions contact thin-film@vishay.com
Document Number: 60010 Revision: 10-May-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of WOMCT1XX-XXXTS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X