Part Number Hot Search : 
CPC19 UPD7800 17S682K 71022 68801 BR5010 LUY55440 FCF06F60
Product Description
Full Text Search
 

To Download VWS100ZJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VWS SERIES - 100 WATT
DESCRIPTION VWS DC/DC converters are direct replacement converters for industry-standard full bricks. Featuring a fixed-frequency design, the VWS offers excellent transient response and predictable EMI performance. The VWS can be combined with VWB booster modules to provide increased power. VWS converters use 100% surface-mount construction, along with planar magnetics, and are fully compatible with production board-washing processes. FEATURES * 100W Full Brick * Industry Standard Footprint * Fixed Frequency * 85C Case Operation * 6-Sided Shielding * Superior Transient Response * 1500V Isolation * Optional Booster Module
TECHNICAL SPECIFICATIONS
Input Voltage Range 24 VDC Nominal 48 VDC Nominal Input Reflected Ripple Current Undervoltage Lockout - Turn On / Turn Off Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Remote Sense Headroom Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Current Limit Type Current Limit Threshold Range, % of Iout Rated Short Circuit Threshold Range, % of Iout Rated OVP Trip Range OVP/UVP type 1% 0.2% Vout 0.5% Vout 0.5 VDC 10 % Iout Rated 25% Iout 8% Vout 500 s 10% Hiccup 110 - 140% 200% 120 - 140% Vout Nom. Self-Recovering 18 - 36 VDC 36 - 72 VDC 50 mA Pk-Pk 35 VDC / 32 VDC
Efficiency vs. Load (48V Input)
95 90
EFFICIENCY %
85 80 75 70 65 60 VWS100ZH EFF. (36v)
EFF. (48v)
EFF. (75v)
General Turn-On Time Remote Shutdown Remote Shutdown Reference Switching Frequency Isolation, Input - Output Isolation, Input - Case Isolation, Output - Case Temperature Coefficient Case Temperature Operating Range Storage Range Thermal Shutdown Range Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety Weight (approx.) REV. 07/01 10 mS Positive Or Negative Logic Vin Negative 300 kHz 1500 VDC 1050 VDC 500 VDC 0.2%/C -25 To +85C -55 To +115C 90 To 100C 5 g, 10 - 55 Hz 2.1 x 106 hrs UL, cUL, TUV 6.0 oz
10
20
30
40
50
60
70
80
90
100
LOAD %
Notes
MTBF predictions may vary slightly from model to model. Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information. Units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment.
1
VWS SERIES - 100 WATT
MODELS - (See the last page of section for options.) SINGLE OUTPUT MODEL SELECTION CHART
MODEL INPUT VOLTAGE (VOLTS) INPUT VOLTAGE RANGE (VOLTS) MAXIMUM INPUT CURRENT (AMPS)* OUTPUT VOLTAGE (VOLTS) RATED OUTPUT CURRENT (AMPS) RIPPLE & NOISE pk-pk (mV) TYPICAL EFFICIENCY**
VWS100YG VWS100YH VWS100YJ VWS100YK VWS100Y28 VWS100YL VWS100ZG VWS100ZH VWS100ZJ VWS100ZK VWS100Z28
NOTES:
24 24 24 24 24 24 48 48 48 48 48
18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72
7.0 7.0 7.0 7.0 7.0 7.0 3.5 3.5 3.5 3.5 3.5
5 12 15 24 28 48 5 12 15 24 28
20.0 8.3 6.7 4.2 3.6 2.1 20.0 8.3 6.7 4.2 3.6
50 120 150 200 200 200 50 120 150 200 200
82% 84% 85% 87% 90% 90% 84% 89% 89% 88% 90%
Advanced product release- consult factory. * Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
MECHANICAL DRAWING
0.55" (14.0mm) 0.15"(3.8mm) MIN. DIA 0.040"(1.0mm) 7PL 4.60" (116.8mm) DIA 0.080"(2.0mm) 2PL
MOUNTING INSERTS M3X.5 THROUGH 4PL
1 2 2.04" (51.8mm) 3 4
5 6
1.525"(38.7mm) 1.400"(35.6mm) 1.000"(25.4mm) 0.700"(17.8mm) 0.400"(10.2mm) 0 -0.125"(-3.2mm) -0.32"(-8.1mm)
BOTTOM VIEW
7 8 9
-0.19" (-4.8mm)
0
0.300" (7.6mm)
3.900" 4.200" (99.1mm) (106.7mm)
Thermal Impedance Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 5.5 C/W 4.6 C/W 3.6 C/W 2.4 C/W 2.0 C/W
Pin 1 2 3 4 5 6 7 8 9
Function -Vin Gate OUT Gate IN +Vin -Vout -Sense Trim +Sense +Vout
Tolerances Inches: .XX 0.020 .XXX 0.010 Pin: 0.002 (Millimeters) .X 0.5 .XX 0.25 0.05
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
(Dimensions as listed unless otherwise specified.)
2
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
Negative Logic
OPTION SUFFIX
N T
Lucent-Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless
PIN LENGTH AND HEATSINK OPTIONS
TS 1 2 3 4 Y 8 9 1H 1V 2H 2V 3H 3V
HAS, HBD, HBS, HES, HLS, LES, QBS, QES, QLS, TES, TQD HAS, HBD, HBS, HES, HLS, QBS, QES, QLS XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages)
APPLICABLE SERIES
TTL Low Turns Module ON TTL High Turns Module OFF
REMARKS
0.110 (2.8mm) Pin Length 0.150 (3.8mm) Pin Length 0.24 (6.1mm) Horizontal Heatsink 0.24 (6.1mm) Vertical Heatsink 0.45 (11.4mm) Horizontal Heatsink 0.45 (11.4mm) Vertical Heatsink 0.95 (24.1mm) Horizontal Heatsink 0.95 (24.1mm) Vertical Heatsink
Standard Pin Length is 0.180 (4.6mm) Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95 vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110 pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
3


▲Up To Search▲   

 
Price & Availability of VWS100ZJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X