Part Number Hot Search : 
M060302 LM337BT 6039110 B7740 D10SC6M DS1NBB YB25D C1000
Product Description
Full Text Search
 

To Download VSC06PCM40A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electronic Components
Veam VSC Series
19 Pin Connectors for Lighting Applications
ITT's Veam VSC is a threaded coupling multi-pin cylindrical connector for lighting applications. Veam is well known for the quality and ruggedness of it's popular quarter-turn lock "CIR Series" and has utilized CIR's superior design concepts to provide a very rugged version of the Socapex SL-419 connector family.
Product Features
* * * * * * * * * Sealed to IP67 when mated Socapex compatible Machined aluminum shells Black, hard anodized (non-conductive) finish for scratch and wear resistant surface Heavy duty ribbed coupling ring to provide easy manual coupling and uncoupling Six circuit identification on front and rear of inserts Recessed area in back of Female insert to accept grounding disk Seven forward contacts for "First make, last break" grounding Mounting Hole Diagram Insulating sleeve
(41.04) 1.616 TYP (o3.66 +.13 ) -0 +.005 -.000 4 HOLES THRU
Technical Parameters
Voltage Rating: 700 VDC, 500 VAC Current Rating: 41A max; 25A Rated Temperature Rating: -55 C to +125 C Contact Plating: Gold
o.144
(o49.2) o1.937 THRU
Dimensions are in (mm) inches
Ordering Information
VSC 06 P -C M40A Cable Clamp M40S 15-23mm M40A 19-28mm M40B 22-32mm PG29 18-26mm B01 10.3mm diameter European B02 .450mm diameter SJO USA 11.8 mm diameter European B03 .610mm diameter SO USA
Contact Type Shell Type P - Male 06 - Plug 02 - Receptacle S - Female 01 - Cable connecting plug 26 - Panel mounting plug
Code Digit C- Crimp contacts S- Solder contacts
Male Connectors
Inline complete with an aluminum backshell and a compression grip cable seal (see cable range above). Both solder or crimp contacts available.
Inline complete with an aluminum backshell and a break out strain relief system (see cable range above). Both solder or crimp contacts available. Watertight to IP67.
Panel Plug (see mounting hole dimensions above). Both solder or crimp contacts available.
Socapex is a registered trademark of Amphenol Corporation.
Female Connectors
Inline complete with an aluminum backshell and a compression grip cable seal (see cable range page 2). Both solder or crimp contacts available.
Inline complete with an aluminum backshell and a break out strain relief system (see cable range page 2). Both solder or crimp contacts available.
Panel receptacle (see mounting hole dimensions on page 2). Both solder or crimp contacts available.
Contacts
Crimp Solder
Panel Gasket
Male (pin) copper alloy, gold plated. Accommodates wire size 12 to 14 AWG P/N 49102T58 male crimp P/N 49150T58 male solder
Female (socket) copper alloy, gold plated. Accommodates wire sizes 12 to 14 AWG. P/N 49103T58 female crimp P/N 49151T58 female solder
Neoprene .063" thickness, for use with male or female panel mount. P/N 98901
Ground Disc
Ground disc is a perforated press-on metal disc used to buss together the ground ring of contacts used in a 6 circuit cable system. P/N 99197-6-10T12
Assembly Tools
1. Crimp tool frame A manual ratchet action crimper with 4-point indent. Guarantees repeatable gas-tight crimp connections. Specify P/N AF8 1 2. Contact positioner A turret used to position the contacts for proper crimp location. Specify P/N A98906VSC 3 Insertion tool Used to install contacts from the rear of the insert. Specify P/N 46736 3 4 5 4. Extraction tool kit Consists of a handle with two tips and is used to push out both male and female contacts from the front of the connector. Specify P/N A43240VSC 5. Hex wrench Used to attach the turret to the crimp tool frame. Specify P/N M2700-420 Pneumatic crimp tools also available.
2
Veam Customer Support Locations
AMERICAS 100 New Wood Road Watertown, CT 06795 phone: 1.860.274.9681 fax: 1.860.274.4963
EUROPE Germany Postfach 1120, Cannonstrasse1 Weinstadt, 71365 phone: 49.7151.699.0 fax: 49.7151.699.217 Italy Corso Europa 41/43 Lainate (MI), Italy 20020 phone: 39.02938721 fax: 39.0293872300
UK Jays Close, Viables Estate Basingstoke, RG22 4BA phone: 44.1256.311200 fax: 44.1256.323356
www.ittcannon.com
(c) 2006 ITT Corporation. "Engineered for life" and "Cannon" are registered trademarks of ITT Corporation. Specification and other data are based on information available at the time of printing, and are subject to change without notice. VSC 06-August


▲Up To Search▲   

 
Price & Availability of VSC06PCM40A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X