Part Number Hot Search : 
5KP15 1215S 1215S ADM7008 LBN70 MP7720DP LD7262 BP210
Product Description
Full Text Search
 

To Download VRE404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRE402 Precision Dual Reference
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
PIN CONFIGURATION
* 2.500 V OUTPUT 0.250 mV (.01%) * TEMPERATURE DRIFT: 0.6 ppm/C * LOW NOISE: 1.5Vpp (0.1-10Hz) * TRACKING ERROR: 0.2 mV max. * EXCELLENT LINE REGULATION: 6ppm/V Typ. * SURFACE MOUNT AND DIP PACKAGES
N/C 1 2 3 4 5 6 7 14 13 N/C +VOUT N/C +VIN N/C N/C N/C
- VOUT
N/C
VRE402 TOP VIEW
12 11 10 9 8
- VIN
N/C REF. GND GND
FIGURE 1
DESCRIPTION
The VRE402 is a low cost, high precision, 2.5V reference. Packaged in 14 pin DIP or SMT packages, the device is ideal for new designs that need a high performance reference. The device provides ultrastable 2.500V output with 0.250 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by Thaler Corporation. Another key feature of this reference is the 0.3 mV maximum tracking error between the positive and negative output voltages over the operating temperature range. This is extremely important in high performance systems for reducing overall system errors. For designs which use the DIP package in a socket, there is a reference ground pin to eliminate reference ground errors. The VRE402 is recommended for use as a reference for high precision A/D and D/A converters which require an external precision reference. The device is ideal for calibrating scale factor on high resolution A/D converters. The VRE402 offers superior performance over monolithic references.
SELECTION GUIDE Initial Error mV
0.25 0.40 0.50 0.25 0.40 0.50
Model
VRE402A VRE402B VRE402C VRE402J VRE402K VRE402L
Temp. Coeff. ppm/C
0.6 1.0 2.0 0.6 1.0 2.0
Temp. Range C
0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C
For package option add D for DIP or S for Surface Mount to end of model number.
VRE402DS REV. A MAY 1996
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10K unless otherwise noted.
VRE402
B/K
MAX MIN TYP MAX MIN
MODEL PARAMETER ABSOLUTE RATINGS
MIN
A/J
TYP
C/L
TYP MAX UNITS
Power Supply 13.5 15 22 Operating Temp. (A,B,C) 0 +70 Operating Temp. (J,K,L) -40 +85 Storage Temperature -65 +150 Short Circuit Protection Continuous OUTPUT VOLTAGE VRE402 OUTPUT VOLTAGE ERRORS Initial Error (1) Warmup Drift Tmin - Tmax (2) (3) Tracking Error Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load POWER SUPPLY CURRENTS +PS -PS
(4)
* * * *
*
* * * *
* * * *
*
* * * *
V C C C
*
*
2.5
*
*
V
0.25 1 0.6 0.2 6 1.5 * * 2
0.40 3 1.0 0.3 * *
0.50 2.0 0.4
mV ppm ppm/ C mV ppm/1000hrs Vpp
10
*
*
mA
3 3
10
* *
*
* *
*
ppm/V ppm/mA
7 4
9 6
* *
* *
* *
* *
mA mA
NOTES:
*Same as A/J Models. 4. The specified values are unloaded.
1. The specified values are without external trim. 2. The temperature coefficient (tc) is determined by the box method using the following formula: Vmax - Vmin tc = Vnominal x (Tmax-Tmin) 3. The tracking error is the deviation between the positive and negative output over the operating temp. range. x 106
VRE402DS REV. A MAY 1996
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE402A
Temperature oC VRE402B VOUT vs. TEMPERATURE
Temperature oC VRE402C VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
Temperature oC VRE402J
Temperature oC VRE402K
POSITIVE OUTPUT (TYP)
Temperature oC VRE402L
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
NEGATIVE OUTPUT (TYP)
Frequency (Hz)
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE402DS REV. A MAY 1996
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic in figure 2 below. A FET current source is used to bias a 6.3V zener diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninverting input of the operational amplifier which amplifies the voltage to produce a 2.500V output. The gain is determined by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3V zener diode is used because it is the most stable diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references' voltage vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. The VRE402 reference has it's ground brought out on two pins (pin 6 and 7) which are connected internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is sufficiently small that it does not effect performance.
VRE402
FIGURE 2
VRE402DS REV. A MAY 1996
MECHANICAL
FIGURE 3
INCHES DIM A B B1 C C1 C2 D D1 MIN .114 .098 .047 .103 .009 .054 .690 .666 MAX .136 .103 .056 .118 .020 .062 .715 .680
MILLIMETER MIN 2.90 2.48 1.19 2.62 0.22 1.37 17.5 16.9 MAX 3.45 2.62 1.42 3.00 0.51 1.57 18.1 17.2 DIM E E1 E2 P Q S
INCHES MIN .495 .390 .265 .090 .024 .040 MAX .526 .415 .270 .110 .035 .060
MILLIMETER MIN 12.5 9.91 6.73 2.29 0.61 1.02 MAX 13.3 10.5 6.86 2.79 .890 1.52
FIGURE 4
INCHES DIM A B B1 B2 C D D1 MIN .114 .018 .047 .097 .009 .690 .666 MAX .136 .027 .056 .103 .020 .715 .680 MILLIMETER MIN 2.90 .460 1.19 2.46 0.22 17.5 16.9 MAX 3.45 .690 1.42 2.62 0.51 18.1 17.2 DIM E E1 E2 G1 L P Q S INCHES MIN .410 .390 .265 .285 .195 .090 .050 .040 MAX .435 .415 .270 .315 .225 .110 .070 .060 MILLIMETER MIN 10.4 9.91 6.73 7.24 4.95 2.29 1.27 1.02 MAX 11.0 10.5 6.86 8.00 5.72 2.79 1.79 1.52
VRE402DS REV. A MAY 1996
VRE404 Precision Dual Reference
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
PIN CONFIGURATION
* 4.500 V OUTPUT 0.400 mV (.01%) * TEMPERATURE DRIFT: 0.6 ppm/C * LOW NOISE: 3Vpp (0.1-10Hz) * TRACKING ERROR: 0.3 mV max. * EXCELLENT LINE REGULATION: 6ppm/V Typ. * SURFACE MOUNT AND DIP PACKAGES
N/C 1 2 3 4 5 6 7 14 13 N/C +VOUT N/C +VIN N/C N/C N/C
- VOUT
N/C
VRE404 TOP VIEW
12 11 10 9 8
- VIN
N/C REF. GND GND
FIGURE 1
DESCRIPTION
The VRE404 is a low cost, high precision, 4.5V reference. Packaged in 14 pin DIP or SMT packages, the device is ideal for new designs that need a high performance reference. The device provides ultrastable 4.500V output with 0.450 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by Thaler Corporation. Another key feature of this reference is the 0.3 mV maximum tracking error between the positive and negative output voltages over the operating temperature range. This is extremely important in high performance systems for reducing overall system errors. For designs which use the DIP package in a socket, there is a reference ground pin to eliminate reference ground errors. The VRE404 is recommended for use as a reference for high precision D/A and A/D converters which require an external precision reference. The device is ideal for calibrating scale factor on high resolution A/D converters. The VRE404 offers superior performance over monolithic references.
SELECTION GUIDE Initial Error mV
0.45 0.70 0.90 0.45 0.70 0.90
Model
VRE404A VRE404B VRE404C VRE404J VRE404K VRE404L
Temp. Coeff. ppm/C
0.6 1.0 2.0 0.6 1.0 2.0
Temp. Range C
0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C
For package option add D for DIP or S for Surface Mount to end of model number.
VRE404DS REV. A MAY 1996
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10K unless otherwise noted.
VRE404
B/K
MAX MIN TYP MAX MIN
MODEL PARAMETER ABSOLUTE RATINGS
MIN
A/J
TYP
C/L
TYP MAX UNITS
Power Supply 13.5 15 22 Operating Temp. (A,B,C) 0 +70 Operating Temp. (J,K,L) -40 +85 Storage Temperature -65 +150 Short Circuit Protection Continuous OUTPUT VOLTAGE VRE404 OUTPUT VOLTAGE ERRORS Initial Error (1) Warmup Drift Tmin - Tmax (2) (3) Tracking Error Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load POWER SUPPLY CURRENTS +PS -PS
(4)
* * * *
*
* * * *
* * * *
*
* * * *
V C C C
*
*
4.5
*
*
V
0.45 1 0.6 0.3 6 3 * * 2
0.70 3 1.0 0.4 * *
0.90 2.0 0.5
mV ppm ppm/ C mV ppm/1000hrs Vpp
10
*
*
mA
3 3
10
* *
*
* *
*
ppm/V ppm/mA
7 4
9 6
* *
* *
* *
* *
mA mA
NOTES:
*Same as A/J Models. 4. The specified values are unloaded.
1. The specified values are without external trim. 2. The temperature coefficient (tc) is determined by the box method using the following formula:
Vmax - Vmin tc = Vnominal x (Tmax-Tmin) 3. The tracking error is the deviation between the positive and negative output over the operating temp. range.
VRE404DS REV. A MAY 1996
x 106
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE404A VOUT vs. TEMPERATURE
Temperature oC VRE404B VOUT vs. TEMPERATURE
Temperature oC VRE404C VOUT vs. TEMPERATURE
Temperature oC VRE404J
Temperature oC VRE404K
POSITIVE OUTPUT (TYP)
Temperature oC VRE404L
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
NEGATIVE OUTPUT (TYP)
Frequency (Hz)
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE404DS REV. A MAY 1996
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic in figure 2 below. A FET current source is used to bias a 6.3V zener diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninverting input of the operational amplifier which amplifies the voltage to produce a 4.500V output. The gain is determined by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3V zener diode is used because it is the most stable diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references' voltage vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. The VRE404 reference has it's ground brought out on two pins (pin 6 and 7) which are connected internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is sufficiently small that it does not effect performance.
VRE404
FIGURE 2
VRE404DS REV. A MAY 1996
MECHANICAL
FIGURE 3
INCHES DIM A B B1 C C1 C2 D D1 MIN .114 .098 .047 .103 .009 .054 .690 .666 MAX .136 .103 .056 .118 .020 .062 .715 .680
MILLIMETER MIN 2.90 2.48 1.19 2.62 0.22 1.37 17.5 16.9 MAX 3.45 2.62 1.42 3.00 0.51 1.57 18.1 17.2 DIM E E1 E2 P Q S
INCHES MIN .495 .390 .265 .090 .024 .040 MAX .526 .415 .270 .110 .035 .060
MILLIMETER MIN 12.5 9.91 6.73 2.29 0.61 1.02 MAX 13.3 10.5 6.86 2.79 .890 1.52
FIGURE 4
INCHES DIM A B B1 B2 C D D1 MIN .114 .018 .047 .097 .009 .690 .666 MAX .136 .027 .056 .103 .020 .715 .680 MILLIMETER MIN 2.90 .460 1.19 2.46 0.22 17.5 16.9 MAX 3.45 .690 1.42 2.62 0.51 18.1 17.2 DIM E E1 E2 G1 L P Q S INCHES MIN .410 .390 .265 .285 .195 .090 .050 .040 MAX .435 .415 .270 .315 .225 .110 .070 .060 MILLIMETER MIN 10.4 9.91 6.73 7.24 4.95 2.29 1.27 1.02 MAX 11.0 10.5 6.86 8.00 5.72 2.79 1.79 1.52
VRE404DS REV. A MAY 1996
VRE405 Precision Dual Reference
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
PIN CONFIGURATION
* 5.000 V OUTPUT 0.500 mV (.01%) * TEMPERATURE DRIFT: 0.6 ppm/C * LOW NOISE: 3Vpp (0.1-10Hz) * TRACKING ERROR: 0.3 mV max. * EXCELLENT LINE REGULATION: 6ppm/V Typ. * SURFACE MOUNT AND DIP PACKAGES
N/C 1 2 3 4 5 6 7 14 13 N/C +VOUT N/C +VIN N/C N/C N/C
- VOUT
N/C
VRE405 TOP VIEW
12 11 10 9 8
- VIN
N/C REF. GND GND
FIGURE 1
DESCRIPTION
The VRE405 is a low cost, high precision, 5.0V reference. Packaged in 14 pin DIP or SMT packages, the device is ideal for new designs that need a high performance reference. The device provides ultrastable 5.000V output with 0.500 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by Thaler Corporation. Another key feature of this reference is the 0.3 mV maximum tracking error between the positive and negative output voltages over the operating temperature range. This is extremely important in high performance systems for reducing overall system errors. For designs which use the DIP package in a socket, there is a reference ground pin to eliminate the reference ground errors. The VRE405 is recommended for use as a reference for high precision D/A and A/D converters which require an external precision reference. The device is ideal for calibrating scale factor on high resolution A/D converters. The VRE405 offers superior performance over monolithic references.
SELECTION GUIDE Initial Error mV
0.5 0.8 1.0 0.5 0.8 1.0
Model
VRE405A VRE405B VRE405C VRE405J VRE405K VRE405L
Temp. Coeff. ppm/C
0.6 1.0 2.0 0.6 1.0 2.0
Temp. Range C
0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C
For package option add D for DIP or S for Surface Mount to end of model number.
VRE405DS REV. A MAY 1996
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10K unless otherwise noted.
VRE405
B/K
MAX MIN TYP MAX MIN
MODEL PARAMETER ABSOLUTE RATINGS
MIN
A/J
TYP
C/L
TYP MAX UNITS
Power Supply 13.5 15 22 Operating Temp. (A,B,C) 0 +70 Operating Temp. (J,K,L) -40 +85 Storage Temperature -65 +150 Short Circuit Protection Continuous OUTPUT VOLTAGE VRE405 OUTPUT VOLTAGE ERRORS Initial Error (1) Warmup Drift Tmin - Tmax (2) (3) Tracking Error Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load POWER SUPPLY CURRENTS +PS -PS
(4)
* * * *
*
* * * *
* * * *
*
* * * *
V C C C
*
*
5.00
*
*
V
0.50 1 0.6 0.3 6 3 * * 2
0.80 3 1.0 0.4 * *
1.00 2.0 0.5
mV ppm ppm/ C mV ppm/1000hrs Vpp
10
*
*
mA
3 3
10
* *
*
* *
*
ppm/V ppm/mA
7 4
9 6
* *
* *
* *
* *
mA mA
NOTES:
*Same as A/J Models. 4. The specified values are unloaded.
1. The specified values are without external trim. 2. The temperature coefficient (tc) is determined by the box method using the following formula:
Vmax - Vmin tc = Vnominal x (Tmax-Tmin) 3. The tracking error is the deviation between the positive and negative output over the operating temp. range.
VRE405DS REV. A MAY 1996
x 106
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE405A VOUT vs. TEMPERATURE
Temperature oC VRE405B VOUT vs. TEMPERATURE
Temperature oC VRE405C VOUT vs. TEMPERATURE
Temperature oC VRE405J
Temperature oC VRE405K
POSITIVE OUTPUT (TYP)
Temperature oC VRE405L
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
NEGATIVE OUTPUT (TYP)
Frequency (Hz)
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE405DS REV. A MAY 1996
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic in figure 2 below. A FET current source is used to bias a 6.3V zener diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninverting input of the operational amplifier which amplifies the voltage to produce a 5.000V output. The gain is determined by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3V zener diode is used because it is the most stable diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references' voltage vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. The VRE405 reference has it's ground terminal brought out on two pins (pin 6 and 7) which are connected internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is sufficiently small that it does not effect performance.
VRE405
FIGURE 2
VRE405DS REV. A MAY 1996
MECHANICAL
FIGURE 3
INCHES DIM A B B1 C C1 C2 D D1 MIN .114 .098 .047 .103 .009 .054 .690 .666 MAX .136 .103 .056 .118 .020 .062 .715 .680
MILLIMETER MIN 2.90 2.48 1.19 2.62 0.22 1.37 17.5 16.9 MAX 3.45 2.62 1.42 3.00 0.51 1.57 18.1 17.2 DIM E E1 E2 P Q S
INCHES MIN .495 .390 .265 .090 .024 .040 MAX .526 .415 .270 .110 .035 .060
MILLIMETER MIN 12.5 9.91 6.73 2.29 0.61 1.02 MAX 13.3 10.5 6.86 2.79 .890 1.52
FIGURE 4
INCHES DIM A B B1 B2 C D D1 MIN .114 .018 .047 .097 .009 .690 .666 MAX .136 .027 .056 .103 .020 .715 .680 MILLIMETER MIN 2.90 .460 1.19 2.46 0.22 17.5 16.9 MAX 3.45 .690 1.42 2.62 0.51 18.1 17.2 DIM E E1 E2 G1 L P Q S INCHES MIN .410 .390 .265 .285 .195 .090 .050 .040 MAX .435 .415 .270 .315 .225 .110 .070 .060 MILLIMETER MIN 10.4 9.91 6.73 7.24 4.95 2.29 1.27 1.02 MAX 11.0 10.5 6.86 8.00 5.72 2.79 1.79 1.52
VRE405DS REV. A MAY 1996
VRE410 Precision Dual Reference
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
PIN CONFIGURATION
* 10.000 V OUTPUT 1.000 mV (.01%) * TEMPERATURE DRIFT: 0.6 ppm/C * LOW NOISE: 6Vpp (0.1-10Hz) * TRACKING ERROR: 0.5 mV max. * EXCELLENT LINE REGULATION: 6ppm/V Typ. * SURFACE MOUNT AND DIP PACKAGES
N/C 1 2 3 4 5 6 7 14 13 N/C +VOUT N/C +VIN N/C N/C N/C
- VOUT
N/C
VRE410 TOP VIEW
12 11 10 9 8
- VIN
N/C REF. GND GND
FIGURE 1
DESCRIPTION
The VRE410 is a low cost, high precision, 10.0V reference. Packaged in 14 pin DIP or SMT packages, the device is ideal for new designs that need a high performance reference. The device provides ultrastable 10.000V output with 1.000 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/C. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique developed by Thaler Corporation. Another key feature of this reference is the 0.5 mV maximum tracking error between the positive and negative output voltages over the full operating temperature range. This is extremely important in high performance systems for reducing overall system errors. For designs which use the DIP package in a socket, there is a reference ground pin to eliminate reference ground errors. The VRE410 is recommended for use as a reference for high precision D/A and A/D converters which require an external precision reference. The device is also ideal for calibrating scale factor on high resolution A/D converters. The VRE410 offers superior performance over monolithic references.
SELECTION GUIDE Initial Error mV
1.0 1.6 2.0 1.0 1.6 2.0
Model
VRE410A VRE410B VRE410C VRE410J VRE410K VRE410L
Temp. Coeff. ppm/C
0.6 1.0 2.0 0.6 1.0 2.0
Temp. Range C
0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C
For package option add D for DIP or S for Surface Mount to end of model number.
VRE410DS REV. A MAY 1996
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10K unless otherwise noted.
VRE410
B/K
MAX MIN TYP MAX MIN
MODEL PARAMETER ABSOLUTE RATINGS
MIN
A/J
TYP
C/L
TYP MAX UNITS
Power Supply 13.5 15 22 Operating Temp. (A,B,C) 0 +70 Operating Temp. (J,K,L) -40 +85 Storage Temperature -65 +150 Short Circuit Protection Continuous OUTPUT VOLTAGE VRE410 OUTPUT VOLTAGE ERRORS Initial Error (1) Warmup Drift Tmin - Tmax (2) (3) Tracking Error Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load POWER SUPPLY CURRENTS +PS -PS
(4)
* * * *
*
* * * *
* * * *
*
* * * *
V C C C
*
*
10.00
*
*
V
1.00 1 0.6 0.5 6 6 * * 2
1.60 3 1.0 0.7 * *
2.00 2.0 1.0
mV ppm ppm/ C mV ppm/1000hrs Vpp
10
*
*
mA
3 3
10
* *
*
* *
*
ppm/V ppm/mA
7 4
9 6
* *
* *
* *
* *
mA mA
NOTES:
*Same as A/J Models. 4. The specified values are unloaded.
1. The specified values are without external trim. 2. The temperature coefficient (tc) is determined by the box method using the following formula:
Vmax - Vmin tc = Vnominal x (Tmax-Tmin) 3. The tracking error is the deviation between the positive and negative output over the operating temp. range.
VRE410DS REV. A MAY 1996
x 106
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE410A VOUT vs. TEMPERATURE
Temperature oC VRE410B VOUT vs. TEMPERATURE
Temperature oC VRE410C VOUT vs. TEMPERATURE
Temperature oC VRE410J
Temperature oC VRE410K
POSITIVE OUTPUT (TYP)
Temperature oC VRE410L
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
NEGATIVE OUTPUT (TYP)
Frequency (Hz)
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE410DS REV. A MAY 1996
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION The following discussion refers to the schematic below. In operation, approximately 6.3 volts is applied to the noninverting input of the op amp. The voltage is amplified by the op amp to produce a 10.000V output. The gain is determined by the networks R1 and R2: G=1 + R2/R1. The 6.3V zener diode is used because it is the most stable diode over time and temperature. The zener operating current is derived from the regulated output voltage through R3. This feedback arrangement provides a closely regulated zener current. This current determines the slope of the references' voltage vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges. The VRE400 series voltage references have the ground terminal brought out on two pins (pin 6 and 7) which are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place the contact resistance is sufficiently small that it doesn't effect performance.
VRE410
FIGURE 2
VRE410DS REV. A MAY 1996
MECHANICAL
FIGURE 3
INCHES DIM A B B1 C C1 C2 D D1 MIN .114 .098 .047 .103 .009 .054 .690 .666 MAX .136 .103 .056 .118 .020 .062 .715 .680
MILLIMETER MIN 2.90 2.48 1.19 2.62 0.22 1.37 17.5 16.9 MAX 3.45 2.62 1.42 3.00 0.51 1.57 18.1 17.2 DIM E E1 E2 P Q S
INCHES MIN .495 .390 .265 .090 .024 .040 MAX .526 .415 .270 .110 .035 .060
MILLIMETER MIN 12.5 9.91 6.73 2.29 0.61 1.02 MAX 13.3 10.5 6.86 2.79 .890 1.52
FIGURE 4
INCHES DIM A B B1 B2 C D D1 MIN .114 .018 .047 .097 .009 .690 .666 MAX .136 .027 .056 .103 .020 .715 .680 MILLIMETER MIN 2.90 .460 1.19 2.46 0.22 17.5 16.9 MAX 3.45 .690 1.42 2.62 0.51 18.1 17.2 DIM E E1 E2 G1 L P Q S INCHES MIN .410 .390 .265 .285 .195 .090 .050 .040 MAX .435 .415 .270 .315 .225 .110 .070 .060 MILLIMETER MIN 10.4 9.91 6.73 7.24 4.95 2.29 1.27 1.02 MAX 11.0 10.5 6.86 8.00 5.72 2.79 1.79 1.52
VRE410DS REV. A MAY 1996


▲Up To Search▲   

 
Price & Availability of VRE404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X