Part Number Hot Search : 
FB1005L 1CGKW BA5415 ZL30107 ATS040 SF5008 E0052 FMC1K7B3
Product Description
Full Text Search
 

To Download VRE120MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RHOPOINT COMPONENTS
VRE120/121/122
Precision High Temperature Reference Supplies
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
FEATURES
* WIDE OPERATING RANGE: -55C TO +180C * EXTREMELY LOW DRIFT: 1 ppm /C -55C to +150C * LOW WARM-UP DRIFT: 1 ppm Typ. * EXCELLENT STABILITY: 6 ppm / 1000 Hrs. Typ. * EXCELLENT LINE REGULATION: 3 ppm / V Typ. * HERMETIC 14-PIN CERAMIC DIP * PIN & FUNCTION COMPATIBLE WITH AD2700, AD2710, MAX 670/671 REFERENCES
APPLICATIONS
* PRECISION A/D and D/A CONVERTERS * TRANSDUCER EXCITATION * ACCURATE COMPARATOR THRESHOLD REFERENCE * HIGH RESOLUTION SERVO SYSTEMS * DIGITAL VOLTMETERS * HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS * GEOLOGICAL EQUIPMENT
DESCRIPTION
VRE120 series references are designed to operate over an extremely wide temperature range (-55C to +180C) and still provide excellent accuracy. The VRE120 provides a +10V output, the VRE121 provides a -10V and the VRE122 provides a 10V output. All types are available in commercial (C suffix) and military (M suffix) models. The "M" models are screened for high reliability and quality. Two accuracy grades (standard and "A") are available for all models. SELECTION GUIDE
Max. Volt Deviation
(-55C to +150C)
Type
Output
Max. Volt Deviation
(150C to +180C)
Initial Accuracy (Max)
VRE120C VRE120CA VRE120M VRE120MA
+10V +10V +10V +10V
1.5mV 1.0mV 1.5mV 1.0mV
5.0mV 3.0mV 5.0mV 3.0mV
1.0mV 0.5mV 1.5mV 0.8mV
The adjacent selector guide shows the limits of the VRE121C -10V 1.5mV 5.0mV 1.0mV most important parameters of the VRE120 series VRE121CA -10V 1.0mV 3.0mV 0.5mV voltage references. The maximum voltage VRE121M -10V 1.5mV 5.0mV 1.5mV deviation increases linearly with temperature from VRE121MA -10V 1.0mV 3.0mV 0.8mV the 150C specification to the 180C specification. For example, the A grade maximum voltage VRE122C 10V 1.5mV 5.0mV 1.0mV deviation of 1mV increases to 2mV at 175C and is VRE122CA 10V 1.0mV 3.0mV 0.5mV 3mV at 180C. This degree of accuracy over such VRE122M 10V 1.5mV 5.0mV 1.5mV a large temperature range has been achieved VRE122MA 10V 1.0mV 3.0mV 0.8mV using the Thaler Corporation patented multipoint compensation technique. All devices are packaged in 14-pin hermetic ceramic packages for maximum long term stability. They are pin and function compatible with other Thaler references and AD2700, AD2710 and MAX 670/671 References Superior stability, accuracy, and quality make these references ideal for precision applications such as A/D and D/A converters, high-accuracy test and measurement instrumentation, and transducer excitation.
VRE120DS REV. C SEPT 1994
4-56
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10K unless otherwise noted.
VRE120/121/122
CA
MIN TYP MAX MIN
MODEL PARAMETERS
MIN
C
TYP MAX
M
MA UNITS
TYP MAX MIN TYP MAX
ABSOLUTE MAXIMUM RATINGS Power Supply 13.5 22 Operating Temperature -55 180 Storage Temperature -65 150 Short Circuit Protection Continuous OUTPUT VOLTAGE VRE120 VRE121 VRE122 OUTPUT VOLTAGE ERRORS Initial Error Warmup Drift (1) -55C to 150C (3) 150C to 180C Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load OUTPUT ADJUSTMENT Range Temperature Coefficient POWER SUPPLY CURRENTS VRE120 +PS VRE121 -PS VRE122 +PS VRE122 -PS NOTES: *Same as C Models.
(2)
* * * *
* * *
* * * *
* * *
* * * *
* * *
V C C
+10 -10 10
* * *
* * *
* * *
V V V
1.0 2 1.5 5.0 6 6 * * 1
0.5 2 1.0 3.0 * *
1.5 1 * * * *
0.8 * *
mV ppm mV mV ppm/1000hr. Vpp
10
*
*
*
mA
3 3
10
* *
*
* *
*
* *
*
ppm/V ppm/mA
10 4
* *
* *
* *
mV V/C/mV
5 5 7 4
7 7 9 6
* * * *
* * * *
* * * *
* * * *
* * * *
* * * *
mA mA mA mA
1.Using the box method, the specified value is the maximum deviation from the output voltage at 25C over the specified operating temperature range. 2.The specified values are unloaded. 3. Cone widening from 150 C value to specified value.
VRE120DS REV. C SEPT 1994
4-57
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE120/121/122C
Temperature oC VRE120/121/122CA
Temperature oC VRE120/121/122M
Temperature oC VRE120/121/122MA
VRE120/121
QUIESCENT CURRENT VS. TEMP JUNCTION TEMP. RISE VS. OUTPUT CURRENT PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE122
POSITIVE OUTPUT QUIESCENT CURRENT VS. TEMP JUNCTION TEMP. RISE VS. OUTPUT CURRENT PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
NEGATIVE OUTPUT
Frequency (Hz)
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE120DS REV. C SEPT.1994
4-58
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION The following discussion refers to the schematic below. In operation, approximately 6.3 volts is applied to the noninverting input of the op amp. The voltage is amplified by the op amp to produce a 10.000V output. The gain is determined by the networks R1 and R2: G=1 + R2/R1. The 6.3V zener diode is used because it is the most stable diode over time and temperature. The zener operating current is derived from the regulated output voltage through R3. This feedback arrangement provides a closely regulated zener current. This current determines the slope of the reference's voltage vs. temperature function. By trimming the zener current lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE120 series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges. This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. By using highly stable resistors in our network, we produce a voltage reference that also has very good long term stability. APPLICATION INFORMATION Figure 1 shows the proper connection of the VRE120 series voltage reference with the optional trim resistors. When trimming the VRE122, the positive voltage should be trimmed first since the negative voltage tracks the positive side. Pay careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines. When using the precision voltage references at high temperatures it is best to keep them powered up. If the zener diode isn't powered up at high temperatures the junction will collect ions, and then when power is applied, the voltage will drift until the charge build up is depleted. The VRE120 series voltage references have the ground terminal brought out on two pins (pin 6 and pin 7) which are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place the contact resistance is sufficiently small that it doesn't effect performance.
VRE120
FIGURE 2
VRE122
FIGURE 3
VRE120DS REV. C SEPT 1994
4-59
EXTERNAL CONNECTIONS
FIGURE 1 1. Optional Fine Adjust for approximately 10mV. VRE122 center tap connects to -PS. 2. Pin 6 is internally connected to Pin 7 and can be used as Ref. GND.
PIN CONFIGURATION
TOP VIEW
NC NC NC NC NC REF. GND GND FINE ADJ. +10V FINE ADJ. NC NC NC NC NC REF. GND GND
TOP VIEW
FINE ADJ. -10V FINE ADJ. -ADJ. -10V -ADJ. -PS NC REF. GND GND
TOP VIEW
+ADJ. +10V +ADJ.
VRE120
+PS NC NC NC
VRE121
-PS NC NC NC
VRE122
+PS NC NC NC
MECHANICAL
14-PIN HYBRID PACKAGE
INCHES DIM E L D B B1 B2 S P MIN .480 .195 .775 .016 .038 .095 .085 .004 MAX .500 .215 .805 .020 .042 .105 .105 .006 MILLIMETER MIN 12.1 4.9 19.7 0.4 0.9 2.4 2.1 0.10 MAX 12.7 5.4 20.4 0.5 1.0 2.6 2.6 0.15 DIM A Q Q1 C G1 INCHES MIN .120 .015 N/A .009 .290 MAX .155 .035 .030 .012 .310 MILLIMETER MIN MAX 3.0 0.4 N/A 0.2 7.3 4.0 0.9 0.7 0.3 7.8
VRE120DS REV. C SEPT 1994
4-60


▲Up To Search▲   

 
Price & Availability of VRE120MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X