Part Number Hot Search : 
U2352B MPH204SG P2003EVG ISL29004 M62213P CX100 1FW60 TISP4070
Product Description
Full Text Search
 

To Download V7PC-07A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A V7PC-07A Series
* * * * * * * * Nonisolated Industry standard pinout Fixed frequency High efficiency means less power dissipation Optimized for cost Remote on/off Undervoltage lockout Over current and short circuit protection
POWER PRODUCTS
BP01V7PC-07A
Description
The Bel V7PC-07A series modules are non-isolated, step down DC/DC power converters that operate from a nominal 12V source. These converters are available in a range of output voltages from 1.5V to 3.3V. They are packaged in an industry standard single-in-line footprint and provide a maximum 7A output. Standard features include remote on/off, over current protection and output voltage adjust. Remote sense is an optional feature. These products may be used almost anywhere low-voltage silicon is employed and a 12V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
* * * Telecommunications Networking Computers and peripherals
Options
* Remote sense
Part Number Selection
Output Voltage 3.3V 2.5V 1.5V Input Voltage 12V 12V 12V Max. Output Current 7A 7A 7A Max. Output Power 23W 17.5W 10.5W Typical Efficiency 88% 86% 80% Part Number V7PC-07A330 V7PC-07A250 V7PC-07A150 Part Number Remote Sense Option V7PC-07A33S V7PC-07A25S V7PC-07A15S
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 1
POWER PRODUCTS
BP01V7PC-07A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
Absolute Maximum Ratings
Parameter Continuous Input Voltage Output Enable Terminal Voltage Ambient Temperature Storage Temperature Symbol Vin Vouten Tamb Tstor Min -0.3 -0.3 0 -40 Typical Max 15 15 70 100 Unit V V C C
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC converter or may permanently damage the device.
Input Specifications
Parameter Operating Input Voltage Input Current No Load Input Current Remote Off Input Current Input Reflected Ripple Current1 Input Reflected Ripple Current (P-P)1 I2t Inrush Current Transient Turn On Voltage Threshold Turn Off Voltage Threshold 8 0.04 9.7 8.8 10 3 19 Symbol Vin Iin Min 10.8 Typical Max 13.2 3 50 10 40 150 0.08 Units V A mA mA mArms mApk A2s V V
Note: Input capacitance 470F/16V, ESR = 0.03 max at 100kHz @ 25 C. 1. With simulated source impedance of 500nH, 5Hz to 20MHz.
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 2
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
POWER PRODUCTS
BP01V7PC-07A
Output Specifications
Parameter Output Voltage Set Point1 3.3V 2.5V 1.5V Load Regulation 3.3V 2.5V 1.5V Line Regulation Regulation Over Temperature 0 - 70 C All 7 5 3 3 20 10 10 10 mV mV 3.3V 2.5V 1.5V 5 5 5 45 35 20 mV 3.3V 2.5V 1.5V Output Ripple and Noise2 Output Ripple and Noise2 Output Current Range Output DC Current Limit Short Circuit Surge 3.3V 2.5V 1.5V Turn on Time 3.3V 2.5V 1.5V Overshoot at Turn On Output Capacitance All All Cout 470 Ton 20 40 100 0 40 60 120 3 2800 % F All All All All Iout Ioutlim Ioutsurge 0.4 0.9 1.6 1.0 2.0 2.5 ms 0 8.4 15 13 12 50 15 75 55 40 100 25 7 15.4 mVp-p mVrms A A A2s Module Symbol Vout 3.247 2.460 1.476 3.3 2.5 1.5 3.353 2.540 1.524 mV Min Typical Max Units V
Total Output Voltage Regulation
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 1. Vin = 12V, Iout = full load, Ta = 25 C. 2. 0 - 20MHz BW, 0.1F ceramic cap on output.
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 3
POWER PRODUCTS
BP01V7PC-07A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
Output Specifications
Parameter Transient Response 3 V 50% to 100% of Max Load Settling Time V 100% to 50% of Max Load Settling Time Transient Response 3 V 50% to 100% of Max Load Settling Time V 100% to 50% of Max Load Settling Time Transient Response
3
Module
Symbol
Min
Typical
Max
Units
50 Ts 3.3V 50 Ts 30 30
165 100 165 100
mV s mV s
50 Ts 2.5V 50 Ts 30 30
130 100 130 100
mV s mV s
V 50% to 100% of Max Load Settling Time V 100% to 50% of Max Load Settling Time 1.5V Ts
50 30 50 Ts 30
130 100 130 100
mV s mV s
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 3. di/dt = 0.5A/uS, Vin = 12VDC, Ta = 25 C, and with a 470F aluminum cap on output.
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 4
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
POWER PRODUCTS
BP01V7PC-07A
General Specifications
Parameter Efficiency1 3.3V 2.5V 1.5V Switching Frequency 3.3V 2.5V 1.5V Output Voltage Trim Range 3.3V 2.5V 1.5V Remote Sense Compensation Weight All All 8.5 70 80 90 110 110 110 0.5 V g Fsw 255 210 210 300 250 250 345 290 290 % Module Symbol 83 79 76 88 86 80 kHz Min Typical Max Units %
1. Vin=12V, full load and Ta=25 C.
Control Specifications
Parameter Remote On/Off Signal Low (Unit Off) Signal High (Unit On) Module All All All Symbol Vouten -0.3 2.8 0.3 13.2 Min Typical Max Units V V V
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 5
POWER PRODUCTS
BP01V7PC-07A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
Efficiency Data
92.0% 88.0% EFFICIENCY 84.0% 80.0% 76.0% 72.0% 1 2
Module 3.3V
10.8V 12.0V 13.2V
3
4
5
6
7
OUTPUT CURRENT
Module 2.5V
92.0%
EFFICIENCY
88.0%
10.8V
84.0% 80.0% 76.0% 72.0% 1 2 3 4 5 6 OUTPUT CURRENT 7
12.0V 13.2V
Module 1.5V 88.0% 84.0% EFFICIENCY 80.0% 76.0% 72.0% 68.0% 64.0% 60.0% 1 2 3 4 5 6 7 OUTPUT CURRENT
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
10.8V 12.0V 13.2V
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 6
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
POWER PRODUCTS
BP01V7PC-07A
Ripple and Noise
Ripple and noise at full load and 12Vdc input and Ta=25 C
Transient Response
Transient response: di/dt = 0.5A/S, external load capacitance Co = 470F (electrolytic)
50% to 100% load transients at 12V input and Ta=25 C
100% to 50% load transients at 12V input and Ta=25 C
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 7
POWER PRODUCTS
BP01V7PC-07A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
Thermal Considerations
Derating Curve 7 6 5 4 3 2 1 0 0C 10C 20C 30C 40C 50C Natural Convection
300LFM
Output Current (A)
60C
70C
Ambient Temperature, Ta (C) Output Current vs. Local Ambient Temperature and Air Velocity
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 8
NON-ISOLATED DC/DC CONVERTERS
12V Input / 1.5 - 3.3V Output / 7A
POWER PRODUCTS
BP01V7PC-07A
Mechanical
2.50 [63.50] 0.20 [5.08]
0.55 [13.97]
0.425 [10.79] max 0.063 [1.60] 0.025 [0.64]
0.28 [7.11]
0.10 [2.54] 1.90 [48.26] 0.13 [3.30]
0.183 [4.65]
Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted.
Pin 1 2 3* 4 5 6 7 8 9 10 11
Function +Vo +Vo No Pin +Vo Ground Ground +Vin +Vin No Pin Trim Remote On/Off
12345
6 7 8 9 10 11
*Pin 3 used for remote sense option.
(c)2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
CORPORATE
Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
page 9


▲Up To Search▲   

 
Price & Availability of V7PC-07A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X