Part Number Hot Search : 
842128 842128 C1104 02822 RC205 UPD17241 HT83003 SMCG120A
Product Description
Full Text Search
 

To Download V70212SS05QE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K V Series Power & Line Voltage Select Slide Switches
Features/Benefits * Ratings up to 10 AMPS * Snap-in panel and PC mounting * Actuators with screwdriver slot * Quick connect terminals available * RoHS compliant Typical Applications * Appliances
Models Available
Specifications
Materials
HOUSING: 6/6 nylon (UL94V-2), black. TOP PLATE: 6/6 nylon (UL94V-2), black. ACTUATOR: Glass filled polyester (UL94V-0), `01 and 02' styles, black (standard); `12, 13 and 14' styles, red (standard). CONTACTS: Copper, silver plated. TERMINALS: Copper, silver plated. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy.
J Slide
CONTACT RATING: 10.1 AMPS @ 125 V AC; 4 AMPS @ 28 V DC; 5 AMPS @ 250 V AC (UL/CSA). 2.0 (0.5) AMPS @ 250 V AC, T85 (VDE). ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to +85C.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-33 through J-35. For additional options not shown in catalog, consult Customer Service Center.
Switch Function V802 DPDT V701 SPST V702 SPDT V801 DPST
Actuator 12 Screwdriver slot 01 .290" high 02 .290" high with markings 13 Screwdriver slot 14 Screwdriver slot with markings Mounting Style SS Panel with mounting ears MA Right angle, PC thru-hole MS PC Thru-hole S2 Snap-in panel SL Right angle, panel with mounting ears
Terminations 05 Quick connect 02 PC thru-hole 08 Right angle PC thru-hole Contact Material Q Silver Seal NONE No seal E Epoxy seal
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-32
www.ittcannon.com
C&K V Series Power & Line Voltage Select Slide Switches
SWITCH FUNCTION
NO. POLES MODEL NO. SWITCH FUNCTION SPST AVAILABLE MOUNTING STYLES ALL NO. POLES MODEL NO. SWITCH FUNCTION AVAILABLE MOUNTING STYLES
SCHEMATIC
SCHEMATIC
V701
SP
V801
DP
DPST
ALL
V702
SPDT
ALL
V802
All models with all options. Contacts make on side actuator thrown.
DPDT
ALL
ACTUATOR
12
SCREWDRIVER SLOT WITH MARKING
J
13
SCREWDRIVER SLOT NO MARKING
01
.290" HIGH
02
.290" HIGH WITH MARKINGS
14
SCREWDRIVER SLOT WITH MARKINGS
Slide
Actuator color is red with white 115V-230V markings (std.).
Actuator color is black.
markings are reversed on V702 and V802 models. Actuator color is black with white markings (std.).
Actuator color is red.
Markings are reversed on V702 and V802 models. Note: Orientation of Actuator color is red with actuator markings and terminals. white markings (std.).
MOUNTING STYLE
SS
PANEL WITH MOUNTING EARS
PANEL MOUNTING
V80212SS05Q
DPDT
AVAILABLE WITH: Models: All. Terminations: 02 and 05
MA
RIGHT ANGLE, PC THRU-HOLE
AVAILABLE WITH: Models: All Terminations: 08 PC MOUNTING PC mount, side actuated. For mounting information, see TERMINATIONS section, page J-35.
V80212MA08Q Horizontal Actuation
DPDT
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-33
www.ittcannon.com
C&K V Series Power & Line Voltage Select Slide Switches
MOUNTING STYLE
MS
PC THRU-HOLE
AVAILABLE WITH: All models with 02 terminations PC MOUNTING PC mount, top actuated. For mounting information, see TERMINATIONS section, page J-35.
V80212MS02Q
DPDT
J Slide
SL
RIGHT ANGLE PANEL WITH MOUNTING EARS
PANEL MOUNTING
AVAILABLE WITH: All models with 08 terminations
V80213SL08Q Horizontal Actuation
DPDT
S2
SNAP-IN PANEL MOUNT
PANEL MOUNTING .315 (8,00) .050 DIA. TYP. (1,30 ) .346 TYP. (8,80) 1.300 (33,02)
? ?
.750 (19,05)
.540 (13,72)
.650 (16,50) .200 TYP. (5,08)
.045 x .045 DEEP (1,14) x (1,14) ACTUATOR TOP FLUSH .110 x .032 TYP. (2,79) x (0,80) .315 (8,00)
V80212S205Q
Panel thickness:
DPDT
.245 (6,22)
.080 (2,03)
AVAILABLE WITH: All models with 02 & 05 terminations
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-34
www.ittcannon.com
C&K V Series Power & Line Voltage Select Slide Switches
TERMINATIONS
05
QUICK CONNECT
02
PC THRU-HOLE
08
PC THRU-HOLE
Fits .110 in. quick connector.
Not available with `MS, SS or S2' mounting styles.
J
PC MOUNTING PC MOUNTING
Slide
MS, SS Mounting Styles.
MA, SL Mounting Styles.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT RoHS COMPLIANT CONTACT MATERIAL RATINGS
Q
YES
YES
SILVER 1
POWER
10.1 AMPS @ 125 V AC; 4 AMPS @ 28 V DC; 5 AMPS @ 250 V AC (UL/CSA); 2.0 (0.5) AMPS @ 250 V AC, T85 (VDE).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1
CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
All models
with all options. V70X and V80X models
.
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
SEAL
NONE
NO SEAL
E
EPOXY SEAL
EPOXY
.075 MAX. (1,91)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-35
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of V70212SS05QE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X