Part Number Hot Search : 
00206 206144B ST763A 206144B SKW30N60 0001N CNB1011P CJ5554
Product Description
Full Text Search
 

To Download V600ME02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V600ME02
9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722
VOLTAGE CONTROLLED OSCILLATOR
Rev A1
PHASE NOISE (1 Hz BW, typical)
FEATURES * Frequency Range: 1250 - 2350 MHz * Tuning Voltage: 0-20 Vdc * MINI-14S - Style Package APPLICATIONS * Test Instrumention * CATV Headend Equipment * Satellite Communication Systems PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing
Pulling (14 dB Return Loss, Any Phase)
(f) (dBc/Hz)
OFFSET (Hz)
VALUE 1250 - 2350 -96 -10 0-20 73 84 50 75 <6 <25 -5 to 85 MINI-14S 5 22 APPLICATION NOTES Vdc mA pF MHz/V MHz C UNITS MHz dBc/Hz dBc Vdc MHz/V dBm
Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
* AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs
NOTES:
(c) Z-Communications, Inc.
Page 1
All rights reserved
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
TUNING CURVE, typ.
2550
V600ME02
PAGE 2
FREQUENCY (MHz)
2350 2150 1950
85
1750
25
1550 1350 1150 950 0 2 4 6 8 10 12 14 16 18 20
-5
c c c
TUNING VOLTAGE (Vdc)
POWER CURVE, typ.
POWER OUTPUT (dBm)
16 14 12 10 8 6 4 2 0 1048
25
c
1348
1531
1683
1820
1957
2091
2220
2331
2410
2458
FREQUENCY (MHz)
PHYSICAL DIMENSIONS
TYPICAL OF ALL PADS
SEE NOTE 3
MINI-14S 415-0060 REV. D (DRAWING NOT TO SCALE)
.065 .030 .031 .026 .052
0.220
0.320
0.420
0.475
0.000
0.500
.114
0.500 0.475
P2
DETAIL A
0.415 P1=VT P2=RF OUT P3=Vcc
TABS RANGE: SEE NOTE 5. (4 PLACES)
0.415
0.315 0.215
P3
0.315
-.005
0.215
.465
NOTES: 1. THE INSIDE RADIUS OF ALL 14 HALF HOLES AT THE PERIMETER OF THE BOARD ARE PLATED TO PROVIDE A SURFACE FOR THE ATTACHMENT OF THE VCO TO A PCB IN 11 LOCATIONS, WITH 3 PADS BEING USED FOR ELECTROMECHANICAL INTERFACE. 14 SOLDER LOCATIONS REQUIRED. 2. THE SURFACE OF THE SHIELD IS TIN PLATED AND MAY BE SOLDERED TO. THE SHIELD'S BASE METAL IS COLD ROLLED STEEL. 3. THE GROUND PLANE IS GROUND AND ATTACHES TO A GROUND TRACK ON THE UPPER SIDE OF THE BOARD AS WELL AS THE SHIELD BY PTH. 4. UNLESS OTHERWISE NOTED ALL DIMENSIONS ARE IN INCHES. 5. UNLESS OTHERWISE NOTED ALL TOLERANCES ARE AS FOLLOWS: TOLERANCES .XXX= .010 .070 TYP
BOTTOM VIEW
0.090 0.025 0.000
P1
0.090
SEE DETAIL 'A'
.220 .034 0.000 .150
0.025
0.285
GROUND PLANE SOLDER PLATED
0.200
0.385
0.500
TYP
(c) Z-Communications, Inc.
Page 2
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of V600ME02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X