Part Number Hot Search : 
PD104 C74LV E2UEA 1M250 SS8012G KP8LU07 09012 10C12A
Product Description
Full Text Search
 

To Download UT180020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ultrasonic sensor
PRODUCT: devices with thread: plastic diffuse reflection sensor (analogue/digital)
DESIGN:
18 30
M18x1 M30x1.5
analogue output 0-10V, 4-20mA 2 programmable switching outputs
PBTP plastic sleeve devices with thread to EURONORM status display by LED and alignment mark short-circuit and reverse polarity protection 2 switch-points or teach-in analogue output connection with M12-connector delivery in storage box 2 year warranty
Function ipf-ultrasonic sensors operate contactless as non-contacting position switches determining distances by the echo-propagation time process. The temperature compensated propagation time measurement enables a very exact sensing of position over a wide temperature range for sound reflecting objects of any colour and material. The high sonor frequency makes the ultrasonic sensor insensitive to interference. The teach-in input must be connected to GND (0 Volt) via a diffuse reflection sensor to teach in the switching points or the analogue output.
Measurement of stacking heights on loading and unloading equipment Winding and unwinding control for any type of film Detection of thickness und diameters Control of material tensioning by means of slack measurement Length measurement systems Analogue sensors Any random interval within a measuring range can be taught in for the analogue output Switching sensors The position and characteristics of the two switching outputs can be taught in via the teach-in input to an accuracy of one millimetre. 1. standard switching function 2. window function 3. hysteresis function
www.ipf-electronic.de e-mail: info@ipf-electronic.de Subject to alteration! dat 039 - 10/04
Applications: Filling level measurement of bulk materials and liquids Measurement of heights, e.g. packages on conveyor belt or pallets Distance measurement, e.g. detection of materials that are impossible to recognize optically
ipf electronic gmbh Kalver Strae 27 D-58515 Ludenscheid
fon +49 (0) 2351 / 9365-0 fax +49 (0) 2351 / 936519
ultrasonic sensor
Technical data and list of articles analogue output 4-20mA analogue output 0-10V DC detection range carrier frequency repeat accuracy linearity error response time 90% of the accumulated value current consumption figure operating voltage sonic cone angle alignment mark measuring range status ambient temperature housing system of protection connection matching cable socket
UT180020 UT18002A 60 to 500mm 330kHz 2mm / 0.2% < 0.3% 100msec < 40mA 1
UT180021 UT18002B 100 to 800mm 300kHz 2mm / 0.2% < 0.3% 100msec < 40mA 1
UT180022 UT18002C 200 to 2000mm 180kHz 2mm / 0.2% < 0.3% 250msec < 40mA 1
UT300020 UT30002A 300 to 3500mm 130kHz 2mm / 0.4% < 0.5% 400msec UT30002A: 700msec < 35mA 2
15V to 30V DC 8 green LED 2 yellow LEDs -15 to +70C PTBT IP67 to EN 60529 M12-connector 5 pins 2m: VK200621, 5m: VK500621, 10m: VKA00621
Fig. 1
Fig. 2
Sensing ranges of the ultrasonic sensor
Connection
wire colours: bn = brown(1), bu = blue (3), bk = black (4), gn/ye = green/yellow (5)
ipf electronic gmbh
Kalver Strae 27 D-58515 Ludenscheid
fon +49 (0) 2351 / 9365-0 fax +49 (0) 2351 / 936519
www.ipf-electronic.de e-mail: info@ipf-electronic.de
Subject to alteration! dat 040 - 10/04
ultrasonic sensor
Technical data and list of articles switching output detection range carrier frequency sampling frequency hysteresis current consumption figure operating voltage sonic cone angle switching output current rating alignment mark switching status display ambient temperature housing system of protection connection matching cable socket
UT180320 60 to 500mm 330kHz 4.7Hz 1% < 35mA 1
UT180321 100 to 800mm 300kHz 4.7Hz 1% < 35mA 1
UT180322 200 to 2000mm 180kHz 2.2Hz 1% < 35mA 1
UT300320 300 to 3500mm 130kHz 0.5Hz 1% < 80mA 2
12V to 30V DC 8 2 x pnp 500mA green LED 2 yellow LEDs -15 to +70C PTBT IP67 to EN 60529 M12-connector 5 pins 2m: VK200621, 5m: VK500621, 10m: VKA00621
Fig. 1
Fig. 2
Sensing ranges of the ultrasonic sensors
Connection
wire colours: bn = brown(1), wh = white (2), bu = blue (3), bk = black (4), gn/ye = green/yellow (5)
ipf electronic gmbh
Kalver Strae 27 D-58515 Ludenscheid
fon +49 (0) 2351 / 9365-0 fax +49 (0) 2351 / 936519
www.ipf-electronic.de e-mail: info@ipf-electronic.de
Subject to alteration! dat 040a - 10/04
ultrasonic sensor
PRODUCT devices with thread, design 18,30
article-no. design description comment length housing voltage output current sn connection fig.
UT180020 UT180021 UT180022 UT18002A UT18002B UT18002C UT180320 UT180321 UT180322 UT300020 UT30002A UT300320
M18x1 M18x1 M18x1 M18x1 M18x1 M18x1 M18x1 M18x1 M18x1 M30x1.5 M30x1.5 M30x1.5
teach in teach in teach in teach in teach in teach in teach in teach in teach in teach in teach in teach in
analogue analogue analogue analogue analogue analogue 4.7Hz 4.7Hz 4.7Hz analogue analogue 4.7Hz
104 104 104 104 104 104 104 104 104 141 141 141
plastic plastic plastic plastic plastic plastic plastic plastic plastic plastic plastic plastic
15-30V DC 15-30V DC 15-30V DC 15-30V DC 15-30V DC 15-30V DC 12-30V DC 12-30V DC 12-30V DC 15-30V DC 15-30V DC 12-30V DC
4-20mA 4-20mA 4-20mA 0-10V 0-10V 0-10V 2xpnp 2xpnp 2xpnp 4-20mA 0-10V 2xpnp
500mA 500mA 500mA
60-500 100-800 200-2000 60-500 100-800 200-2000 60-500 100-800 200-2000 300-3500 300-3500 300-3500
M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin M12-conn. 5pin
1 1 1 1 1 1 1 1 1 2 2 2
500mA
The list of articles contains the available DC-(pnp) and analogue versions only. Kindy request the avalability of other output functions. We will be pleased to supply the matching cable socket for your devices with connector, e.g. VK200621. Please refer to the list in chapter 14 of our catalogue, data sheet " -SENSORFLEX(R) cable sockets".
Fig. 3
Fig. 4
Fig. 5
PRODUCT: accessories
article-no. description 1 description 2 fig.
AU000002 AU000003 AU000010 AY000051 AY000053 AY000054
reflector 18, level 90 (deflection angle) reflector 18, focussing 90 (deflection angle) reflector 30, compact sensor quick clip O18, plastic sensor base straight, plastic sensor base angular, plastic
for design 18 for design 18 for design 30 sensor O18 clip for quick clip O12 and O18 for quick clip O12 and O18
w/o w/o w/o 3 4 5
Warning: Never use these devices in applications where the safety of a person depends on their functionality.
ipf electronic gmbh Kalver Strae 27 D-58515 Ludenscheid fon +49 (0) 2351 / 9365-0 fax +49 (0) 2351 / 936519 www.ipf-electronic.de e-mail: info@ipf-electronic.de Subject to alteration! dat 040b - 10/04


▲Up To Search▲   

 
Price & Availability of UT180020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X