|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET MOS INTEGRATED CIRCUIT PD16781 480 OUTPUT TFT-LCD SOURCE DRIVER DESCRIPTION The PD16781 is a source driver for 480-output TFT-LCDs, providing support for only striped pixel array LCD. The driver consists of a shift register for generating the sampling timing and sample & hold circuits for sampling the analog voltage. The high picture quality obtained by the alternate sample & hold execution of the two types of on-chip sample & hold circuits enables employment in applications such as car navigation panels. FEATURES * 5.0 V Drive (Dynamic range 4.6 VP-P, VDD2 = 5.0 V) * 480 Output channel * fCLK = 20 MHz MAX. (VDD1 = 3.0 V) * 1-phase/3-phase sampling clocks supported * Corresponds only to LCD of Stripe array color filter * Two on-chip sample-and-hold circuits * Small output deviation between pins (deviation between chip pins: 20 mV MAX.) * Switch between right and left shift using the R,/L pin * Logic power supply voltage (VDD1): 3.0 to 5.5 V * Driver power supply voltage(VDD2): 5.0 0.5 V Remark /xxx indicates active low signal. ORDERING INFORMATION Part Number Package TCP (TAB package) PD16781N-xxx Remark The TCP's external shape is customized. To order the required shape, so please contact one of our sales representatives. The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. Document No. S14634EJ1V0DS00 (1st edition) Date Published February 2002 NS CP(K) Printed in Japan The mark ! shows major revised points. (c) 1999 PD16781 5 1. BLOCK DIAGRAM STHR R,/L CLK1 to CLK3 MODE C1 C2 160-bit Shift Register STHL VDD1 (3.3/5.0 V) VSS1 C159 C160 Level Shifter VDD2 (5.0 V) VSS2 C1 C2 C3 CX Sample And Hold VSS3 Input TEST S1 S2 S479 S480 2. SAMPLE-AND HOLD CIRCUIT AND OUTPUT CIRCUIT SHPn CX S&H1 SW Video Line (Cn) CH1 VSS3 Sn - + SW SW CH1 VSS3 S&H2 - + SW 2 DataSheet S14634EJ1V0DS PD16781 3. PIN CONFIGURATION ( PD16781N-xxx) (Copper Foil Surface, Face-up) S480 S479 S478 STHL VDD2 VSS2 C1 C2 C3 VDD1 CLK1 CLK2 CLK3 MODE R,/L CX TEST VSS1 VSS3 VSS2 VDD2 STHR S3 S2 S1 Copper foil surface Remark This figure does not specify the TCP package. DataSheet S14634EJ1V0DS 3 PD16781 4. PIN FUNCTIONS Pin Symbol C1 to C3 S1 to S480 Pin Name Video signal input Video signal output I/O I O Description These pins are input video signals R, G, and B. These pins are output video signals, which have been sampled and hold. The relationship between the video signal input (C1 to C3) and video signal output is shown below. C1: S3n-2 (n = 1, 2, **********160) C2: S3n-1 C3: S3n STHR, STHL Cascade I/O I/O These pins are inputs/outputs for the start pulse for sample and hold timing. High level of STHR/STHL is read at rising edge of CLK and start sampling video signal. STHR serves as the input pin and STHL serves as output pin for the right shift. For left shift, STHL serves as the input pins and STHR serves as the output pin. R,/L Shift direction control I The shift direction control pin of shift register. The shift directions of the shift registers are as follows. R,/L = H (right shift): STHR input, S1 S480, STHL output. R,/L = L (left shift): STHL input, S480 S1, STHR output. CLK1 to CLK3 Shift clock input I The start pulse is read at rising edge of CLK. The sampling pulse SHPn is generated at rising edge of CLK. For details, refer to 6. TIMING CHART. The relationship between the clocks and the output pins is shown below. (1) When MODE = L or open (sequential sampling) CLK1 R,/L = H: S3n-2 R,/L = L: S3n CLK2: S3n-1 CLK3 R,/L = H: S3n R,/L = L: S3n-2 (1) When MODE = H (simultaneous sampling) CLK1: S3n-2, S3n-1, S3n (n = 1, 2,*****160) CLK2: Connect VDD1 or VSS1 CLK3: Connect VDD1 or VSS1 MODE Mode select signal input I This pin is used to select whether the three analog input signals, C1, C2, and C3 are sampled simultaneously or sequentially (This pin is pulled down in the IC). MODE = H: Simultaneous sampling MODE = L or open: Sequential sampling CX Hold capacitance control input I Two Sample & hold circuits are switched. CX = H S&H1: Sampling, S&H2: Output CX = L S&H1: Output, S&H2: Sampling TEST VDD1 VDD2 VSS1 VSS2 VSS3 Test Logic power supply Driver power supply Logic ground Driver ground Sample & hold ground I - - - - - Fix this pin to the L level. 3.0 to 5.5 V 5.0 0.5 V Grounding Grounding It is ground of Sample & hold capacitance. Supply this terminal with the stable GND. 4 DataSheet S14634EJ1V0DS PD16781 Cautions 1. To prevent latch-up-breakdown, the power should be turned on in order VDD1, Logic input VDD2, video signal input. It should be turned off in the opposite order. This relationship should be followed during transition periods as well. 2. The sampling of the video signal of this IC is only the simultaneous 3 output sampling of C1 to C3. Incidentally, it is designing abound of the input of the video signal in 10 MHz MAX. If a video signal with a higher frequency is input, the data may not be correctly displayed. 3. Recommend a bypass capacitor of about 0.1 F with good high-frequency characteristics between 5 VDD1 and VSS1, and VDD2 and VSS2 in each driver IC. Unless the power supply is reinforced, the supply voltage may fluctuate, making the sampling voltage abnormal. 4. If noise is superimposed on the start pulse pin, the data may not be displayed. For this reason, be sure to input CX signal during the vertical blanking period. 5. If the start pulse width is extended by half the clock or longer, the sampling start timing SHP1 does not change from normal timing; therefore, the sampling operation is performed normally. 5. FUNCTION DESCRIPTION 5.1 Switching of Sample & Hold Circuits Two sample-and-hold circuits are switched. CX L H Output Sample & Hold Circuit 1 (S&H1) Sample & Hold Circuit 2 (S&H2) Sample & hold operation Sample & Hold Circuit 2 (S&H2) Sample & Hold Circuit 1 (S&H1) 5.2 Sample & Hold and Output Relation between video signals C1, C2 and C3 and output pins and two sample & hold circuits. CX L Sampling Output H Sampling Output S1 (S480) C1-2 (C3-2) C1-1 (C3-1) C1-1 (C3-1) C1-2 (C3-2) S2 (S479) C2-2 (C2-2) C2-1 (C2-1) C2-1 (C2-1) C2-2 (C2-2) S3 (S478) C3-2 (C1-2) C3-1 (C1-1) C3-1 (C1-1) C3-2 (C1-2) S4 (S477) C1-2 (C3-2) C1-1 (C3-1) C1-1 (C3-1) C1-2 (C3-2) *** *** *** *** *** S479 (S2) C2-2 (C2-2) C2-1 (C2-1) C2-1 (C2-1) C2-2 (C2-2) S480 (S1) C3-2 (C1-2) C3-1 (C1-1) C3-1 (C1-1) C3-2 (C1-2) Remark Cm-n = m: Video input, n: Sample & Hold DataSheet S14634EJ1V0DS 5 PD16781 6. TIMING CHART 6.1 1-Phase Simultaneous Sampling 1 CLK1 STHR (STHL) 2 3 159 160 (1) (2) (3) SHP1-SHP3 (SHP480-SHP478) S1-S3 (S480-S478) SHP4-SHP6 (SHP477-SHP475) S4-S6 (S477-S475) SHP7-SHP9 (SHP474-SHP472) S7-S9 (S474-S472) SHP475-SHP477 (SHP6-SHP4) S475-S477 (S6-S4) SHP478-SHP480 (SHP3-SHP1) S478-S480 (S3-S1) STHR (STHL) SHP1-SHP3 (SHP480-SHP478) S1-S3 (S480-S478) SHP4-SHP6 (SHP477-SHP475) S4-S6 (S477-S475) 6 DataSheet S14634EJ1V0DS PD16781 6.2 3-phase Sequential Sampling, Right Shift 1 CLK1 CLK2 2 3 4 160 CLK3 STHR SHP1 S1 SHP2 S2 SHP3 S3 SHP4 S4 SHP478 S478 SHP479 S479 SHP480 S480 DataSheet S14634EJ1V0DS 7 PD16781 6.3 3-phase Sequential Sampling, Left Shift 1 CLK1 CLK2 2 3 4 160 CLK3 STHL SHP480 S480 SHP479 S479 SHP478 S478 SHP477 S477 SHP3 S3 SHP2 S2 SHP1 S1 8 DataSheet S14634EJ1V0DS PD16781 7. ELECTRICAL SPECIFICATIONS Absolute Maximum Ratings (TA = +25C, VSS1 =VSS2 = 0 V) Parameter Logic Part Supply Voltage Driver Part Supply Voltage Input Voltage Output Voltage Operating Ambient Temperature Storage Temperature Symbol VDD1 VDD2 VI VO TA Tstg Rating -0.3 to +7.0 -0.3 to +7.0 -0.3 to VDD1/2 + 0.3 -0.3 to VDD1/2 + 0.3 -30 to +85 -55 to +125 Unit V V V V C C Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded. Recommended Operating Range (TA = -30 to +85C, VDD2 VDD1, VSS1 = VSS2 = 0 V) Parameter Logic Part Supply Voltage Driver Part Supply Voltage Video Input Voltage Driver Part Output Voltage Clock Frequency Output Load Capacitance Symbol VDD1 VDD2 VVI VO2 fCLK CL CLK1 to CLK3 1 output Conditions MIN. 3.0 4.5 VSS2 + 0.2 VSS2 + 0.2 5.0 TYP. MAX. 5.5 5.5 VDD2 - 0.2 VDD2 - 0.2 20 50 Unit V V V V MHz pF DataSheet S14634EJ1V0DS 9 PD16781 Electrical Characteristics (TA = -30 to +85C, VDD1 = 3.0 to 5.5 V, VDD2 = 5.0 V 0.5 V, VDD2 VDD1, VSS1 = VSS2 = 0 V) Parameter Low-Level Driver Part Output Voltage High-Level Driver Part Output Voltage High-Level Input Voltage Low-Level Input Voltage Input Leak Current Symbol VVOL VVOH VIH VIL IIL Except for MODE pin MODE pin VI = 0 V VI = VDD1 = 5 V High-Level Output Voltage Low-Level Output Voltage Reference Voltage VLOH VLOH VREF1 STHR (STHL), IOH = -1.0 mA STHR (STHL), IOL = +1.0 mA VDD2 = 5.0 V, VVI = 0.5 V, TA = 25C VREF2 VDD2 = 5.0 V, VVI = 2.5 V, TA = 25C VREF3 VDD2 = 5.0 V, VVI = 4.5 V, TA = 25C 4.5 V 2.5 V 0.5 CLK, STHR (L), R,/L, Osel, CX S1 to S480 VDD2 - 0.2 0.7 VDD1 VSS1 -1.0 -10 30 0.85 VDD1 0.15 VDD1 VDD1 0.3 VDD1 +1.0 +10 300 Conditions MIN. TYP. MAX. VSS2 + 0.2 Unit V V V V A A A V V V 5 5 Output Voltage Deviation VVO1 VDD2 = 5.0 V, VVI = 0.5 V, TA = 25C 20 mV VVO2 VDD2 = 5.0 V, VVI = 2.5 V, TA = 25C 20 mV 5 5 5 VVO3 VDD2 = 5.0 V, VVI = 4.5 V, TA = 25C Note Note 20 mV Logic Dynamic Current Consumption Driver Dynamic Current Consumption IDD1 IDD2 VDD1 = 5.0 V, no load VDD2 = 5.0 V, no load 1.6 12.0 5.6 16.0 mA mA Note fCLK = 15 MHz, fCX = 17 kHz. 10 DataSheet S14634EJ1V0DS PD16781 Switching Characteristics (TA = -30 to +85C, VDD1 = 3.0 to 5.5 V, VDD2 = 5.0 V 0.5 V, VDD2 VDD1, VSS1 = VSS2 = 0 V) Parameter Start Pulse Delay Time Symbol tPHL1 tPLH1 Driver Output Delay Time tPLH2 tPLH3 tPHL2 tPHL3 Conditions CL = 20 pF CLK STHL (STHR) VDD2 = 5.0 V RL = 2 k CL = 25 pF x 2 MIN. 7 7 TYP. MAX. 43 43 8 16 8 16 STHR(STHL), TA=25C C1 to C3, TA=25C STHR (STHL), C1 to C3 excluded input, TA=25C 10 40 7 20 60 15 Unit ns ns s s s s pF pF pF 5 Input Capacitance 5 5 CI1 CI2 CI3 Timing Requirement (TA = -30 to +85C, VDD1 = 3.0 to 5.5 V, VSS1 = 0 V) Parameter Clock Pulse Width Clock Pulse High Period Clock Pulse Low Period Symbol PWCLK PWCLK(H) PWCLK(L) tCL1-2 tCL2-3 Start Pulse Setup Time Start Pulse Setup Time Start Pulse-CX Time CX Setup Time CX Hold Time CLK Stop Period tsetup thold tSTH-CX tCXsetup tCXhold tCLKstop 7 7 50 1.0 50 Conditions CLK1 to CLK3 MIN. 50 15 15 16.6 PWCLK 2 TYP. MAX. Unit ns ns ns ns 5 CLK-CLK time ns ns ns s ns Refer to 8. SWITHING CHARACTERISTICS WAVEFORM. Remark Unless otherwise specified, the input level is defined to be VIH = 0.7 VDD1, VIL = 0.3 VDD1. DataSheet S14634EJ1V0DS 11 8.1 1-Phase Simultaneous Sampling 0 CLK1 1 2 3 160 161 162 479 480 481 12 PWCLK PWCLK(H) PWCLK(L) tCLKstop : It is possible for the clock among this to stop. 0 1 2 VDD1 VSS1 tsetup STHR (1st Dr.) thold VDD1 VSS1 S7 to S9 S475 to S477 S478 to S480 S481 to S483 8. SWITCHING CHARACTERISTICS WAVEFORM (R,/L=H) Unless otherwise specified, the input level is defined to be VIH = 0.7 VDD1, VIL = 0.3 VDD1. VDD1 S1435 to S1437 S1438 to S1440 C1 to C3 INVALID S1 to S3 S4 to S6 INVALID S1 to S3 VSS1 tPLH1 DataSheet S14634EJ1V0DS tPHL1 tSTH-CX VDD1 VSS1 tPLH1 tPHL1 VDD1 STHL (1st Dr.) STHL (4th Dr.) tCXhold tCXsetup VSS1 VDD1 CX VSS1 tPLH3 tPLH2 Sn (VOUT) tPHL2 tPHL3 Target Voltage 0.1 VDD1 Target Voltage 20 mV PD16781 5 8.2 3-phase Sequential Sampling PWCLK PWCLK(H) 0 CLK1 VSS1 0 CLK2 VSS1 0 CLK3 VSS1 tsetup STHR (1st Dr.) thold VDD1 VSS1 VDD1 C1 INVALID S1 S4 S7 S475 S478 S481 S1435 S1438 PWCLK(L) 1 2 3 160 161 162 479 480 481 tCLKstop : It is possible for the clock among this to stop. 0 1 2 VDD1 1 2 tCL1-2 3 160 161 162 479 480 481 0 1 2 VDD1 1 2 tCL2-3 160 161 162 479 480 481 0 1 VDD1 INVALID S1 VSS1 DataSheet S14634EJ1V0DS VDD1 C2 INVALID S2 S5 S476 S479 S482 S1436 S1439 INVALID S2 VSS1 VDD1 C3 INVALID S3 S6 S477 S480 S483 S1437 S1440 INVALID S3 VSS1 tPLH1 STHL (1st Dr.) tPLH1 STHL (4th Dr.) tCXhold tCXsetup VDD1 CX VSS1 tPLH3 tPLH2 tPHL1 VDD1 VSS1 tPHL1 tSTH-CX VDD1 VSS1 PD16781 Sn (VOUT) tPHL2 tPHL3 Target Voltage 0.1 VDD1 Target Voltage 20 mV 13 PD16781 9. RECOMMENDED MOUNTING CONDITIONS The following conditions must be met for mounting conditions of the PD16781. For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E). Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under different conditions. PD16781N-xxx: TCP (TAB Package) Mounting Condition Thermocompression Mounting Method Soldering Condition Heating tool 300 to 350C, heating for 2 to 3 sec, pressure 100g (per solder). ACF (Adhesive Conductive Film) Temporaly bonding 70 to 100C, pressure 3 to 8 kg/cm2, time 3 to 5 sec. Real bonding 165 to 180C, pressure 25 to 45 kg/cm2, time 30 to 40 sec (When using the anisotropy conductive film SUMIZAC1003 of Sumitomo Bakelite, Ltd). Caution To find out the detailed conditions for mounting the ACF part, please contact the ACF manufacturing company. Be sure to avoid using two or more mounting methods at a time. 14 DataSheet S14634EJ1V0DS PD16781 NOTES FOR CMOS DEVICES 1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it. 2 HANDLING OF UNUSED INPUT PINS FOR CMOS Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 STATUS BEFORE INITIALIZATION OF MOS DEVICES Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function. DataSheet S14634EJ1V0DS 15 PD16781 Reference Documents NEC Semiconductor Device Reliability/Quality Control System (C10983E) Quality Grades On NEC Semiconductor Devices (C11531E) * The information in this document is current as of February, 2002. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above). M8E 00. 4 |
Price & Availability of UPD16781N-XXX |