|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel : + 44 (0) 1883 717988 Fax : +44 (0) 1883 712938 / ULV/ULH TYPE (UL(R) Approved) The ULV(V=vertical & ULH(H=horizontal) models are UL approved metal-clad, wire-wound high-power resistors designed for industrial and other applications. Our extruded aluminium housing provides rugged and strong protection. These models are available with flying leads or Tab terminals and can be ordered with inductive or non-inductive windings. To conform to UL safety requirements, ULV/ULH models differ from IRV/IRH models in that: The resistance range is smaller, the flying leads are UL approved and the dielectric strength depends on the ohmic value. GENERAL SPECIFICATIONS Model Wattage Rating on Heat Sink 60 80 100 120 150 200 300 400 500 Resistance Range [ohms] Inductive Tab terminals 0.1-375 0.1-281 0.1-225 0.1-187 0.1-150 0.1-450 0.1-300 0.1-225 0.1-180 Flying leads 0.1-400 0.1-910 0.1-1.1K 0.1-1.3K 0.1-1.6K 0.1-2.2K 0.1-2.7K 0.1-4.3K 0.1-6.8K NonInductive Tab Flying terminals leads 0.1-180 0.1-180 0.1-110 0.1-110 0.1-225 0.1-240 0.1-187 0.1-300 0.1-150 0.1-390 0.1-450 0.1-1K 0.1-300 0.1-1.5K 0.1-225 0.1-2.2K 0.1-180 0.1-3K Resistance Tolerance ULH/ULV60 ULH/ULV80 ULH/ULV100 ULH/ULV120 ULH/ULV150 ULH/ULV200 ULH/ULV300 ULH/ULV400 ULH/ULV500 +-2.0(G) +-5.0(J) +-10(K) CHARACTERISTICS Temperature Range Insulation Resistance Dielectric Strength Temp. Coefficient Short Time Overload Moisture Resistance Thermal Shock Vibration Moisture Load Life Load Life +-[2%+0.05ohms] +-[3%+0.05 ohms] +-[2%+0.05 ohms] +-[1%+0.05 ohms] +-[3%+0.05 ohms] +-[5%+0.05 ohms] Values in [ ] mean change in ohms after test -55C to 200C 20M ohms minimum [1000V+(rated voltagex2)] / min. +-260ppm/C maximum 60W:5Xwattage rating-5second, 80to500W: 10Xwattage rating-5seconds 40C, 95% RH, DC100V case to terminal (500hrs.) wattage rating 30min., -25C, 15minutes 10Hz-55Hz-10Hz (1min.),2hrs. each direction 40C,95%RH,0.1Xwattage rating, 1.5h.on,30min.off,500 hours Wattage rating 1.5h. on, 30min. off, 500hours SURFACE TEMPERATURE INCREASE VERSUS POWER LOAD Applied voltage : AC RMS voltage A mid-point bracket is required for 150, 300, 500W models to ensure sufficient contact with the heat sink. Website : http://www.rhopointcomponents.com Email: sales@rhopointcomponents.com Tel : + 44 (0) 1883 717988 Fax : +44 (0) 1883 712938 / DIMENSIONS IRH/IRV TYPE Model L1 ULH/ULV 60 ULH/ULV 80 ULH/ULV 100 ULH/ULV 120 ULH/ULV 150 ULH/ULV 200 ULH/ULV 300 ULH/ULV 400 ULH/ULV 500 100 150 165 182 210 165 215 265 335 L2 87 137 152 169 197 146 196 246 316 L3 60 110 125 142 170 125 175 225 295 W 41 41 41 41 41 60 60 60 60 H 22 22 22 22 22 30 30 30 30 ULV/ULH TYPE Weight [g] D2+0.3 8.65 8.65 8.65 8.65 8.65 12 12 12 12 a 10 10 10 10 10 13 13 13 13 b 12 12 12 12 12 17 17 17 17 IRH 110 195 216 245 283 485 600 770 990 IRV 113 189 215 241 290 447 600 780 980 Flying Leads UL E120271(AWM), NO.3512 AWG 10 X X 0.10ohms & up 4.3 4.3 4.3 5.3 5.3 5.3 5.3 X X X 0.1ohms 0.15ohms 0.1ohms 0.22ohms 0.1ohms 0.30ohms 0.1ohms 0.37ohms 0.11ohms & up 0.16ohms & up 0.23ohms & up 0.31ohms & up 0.38ohms & up AWG 14 D1+0.3 4.3 4.3 Dimensions [mm] kY DERATING CURVE AND ORDERING PROCEDURE EXAMPLE ULV120 Model # N FL XXXX 5ohms Resistance J Tolerance For Flying NonLead Inductive [mm] If you require flying leads please add `FL' + length in mm next to the model number. Also include an "N" if non-inductive is required. Website : http://www.rhopointcomponents.com Email: sales@rhopointcomponents.com |
Price & Availability of ULHULV100 |