Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download TFCFJ6SP0040C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K TF Series Miniature Snap-acting Switches
Features/Benefits * Broad range of operating forces * Ratings up to 25 AMPS * Wide variety of actuator styles * Quick connect terminations Typical Applications * Motor controls * Thermostatics * Portable tools
Specifications
CONTACT RATING: From low level* to 25 AMPS @ 277 V AC. ELECTRICAL LIFE: 300,000 cycles at 10 AMPS @ 250 V AC, consult Customer Service Center for typical life of higher rated switches. INSULATION RESISTANCE: 1,000 M ohm min. DIELECTRIC STRENGTH: 1,500 Vrms min. @ sea level. OPERATING TEMPERATURE: -40F to 185F (-40C to 85C). OPERATING FORCE: From 15 to 400 grams at actuator button available. MOUNTING: Torque screws 2-5 in/lbs.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. Standard electrical life per UL 1054, rated for 6,000 operations.
Materials
SWITCH HOUSING: Thermoplastic (UL 94V-0). ACTUATOR BUTTON: Thermoplastic (UL 94V-0). SPRING: Copper alloy. PIVOT: Brass alloy. MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver for ratings greater than 1 AMP up to 15 AMPS. Precious metal alloy for ratings greater than 15 AMPS. STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver for ratings greater than 1 AMP. TERMINALS: Brass alloy for ratings up to 10 AMPS. Copper alloy for ratings greater than 10 AMPS.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are switches with standard options. For information on specific and custom switches, consult Customer Service Center.
K Snap-acting Snap-acting
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-6 through K-10. For additional options not shown in catalog, consult Customer Service Center.
T Series TF SP, Mom. Operating Force CJ 5.29 oz./150 grams CC .53 oz./15 grams CD .88 oz./25 grams CF 1.76 oz./50 grams CG 2.65 oz./75 grams EC 7.94 oz./225 grams EE 14.11 oz./400 grams F
Electrical Rating J6 15 A, 277 V AC; 1/2 HP, 125, 250 V AC; 5 A, 125 V AC "L", 0.5 A, 125 V DC; 0.25 A, 250 V DC F5 1 A,125 V AC; 1 A, 3O V DC H8 5 A, 277 V AC; 1/10 HP, 125, 250 V AC J3 21 A, 277 V AC; 1 HP, 125 V AC; 2 HP, 250 V AC; 5 A, 125 V AC "L" K6 11 A, 277 V AC; 1/3 HP, 125, 250 V AC; 0.5 A, 125 V DC; 0.25 A, 250 V DC L1 25 A, 277 V AC; 1.5 HP, 125 V AC; 2 HP, 250 V AC; 5 A, 125 V AC "L" L3 20 A, 250 V AC; 1 HP, 125 V AC; 2 HP 250 V AC V1 1 A,125 V AC; 1 A, 3O V DC (UL/CSA) V2 5 A, 277 V AC; 1/10 HP, 125, 250 V AC (UL/CSA); 5(2) A, 250 V AC (VDE) V3 11 A, 277 V AC; 1/3 HP, 125, 250 V AC; 0.5 A, 125 V DC; 0.25 A, 250 V DC (UL/CSA); 10(3) A, 25O V AC (VDE) V4 21 A, 277 V AC; 1 HP, 125 V AC; 2 HP, 25O V AC; 5 A, 125 V AC "L"; 16(3) A, 25O V AC (VDE)
Mounting Style S Standard V Metric Actuator P00 Pin plunger A10 .81" lever roller, high force A15 1.34" lever roller, high force A20 1.05" lever roller, low force A25 1.56" lever roller, low force T10 .84" lever, high force T13 1.34" simulated roller, high force T14 1.29" simulated roller, high force T15 1.40" lever, high force T16 2.34" lever, high force T18 2.75" lever, high force T20 1.10" lever, low force T23 1.56" simulated roller, low force T24 1.50" simulated roller, low force T25 1.62" lever, low force T26 2.57" lever, low force T28 2.97" lever, low force WP0 Wide pin plunger
Circuitry C SPDT W SPST N.C. Y SPST N.O.
Terminations 40 .187" quick connect 4A .250" quick connect 5A .250" offset quick connect 5B .187" offset quick connect
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-5
www.ittcannon.com
C&K TF Series Miniature Snap-acting Switches
SERIES
TF
MINIATURE SNAP-ACTING SWITCHES - SP MOMENTARY
OPERATING FORCE
BASIC SWITCH OPERATING FORCE (OZ./GRAMS) .53 15 .88 25 1.76 50 2.65 75 5.29 150 7.94 225 14.11 400
OPTION CODE
CC
K Snap-acting
CD CF CG CJ EC EE*
*Minimums may apply, consult Customer Service Center. Operating Force option `CC' not available with `T18 & T26' Actuator options. Operating force varies with actuator option, see ACTUATOR option section.
ELECTRICAL RATING
CONTACT MATERIAL OPTION CODE RoHS COMPLIANT * Yes Yes Yes Yes Yes Yes Yes RoHS COMPATIBLE * Yes Yes Yes Fine Silver Fine Silver Yes Yes Yes Yes MOVABLE CONTACT Gold alloy STATIONARY CONTACT Gold alloy ELECTRICAL RATING From low level* to 1 AMP @ 125 V AC, 1 AMP @ 30 V DC. 5 AMPS @ 277 V AC; 1/10 HP @ 125 & 250 V AC. 21 AMPS @ 277 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC; 5 AMPS @ 125 V AC "L". 15 AMPS @ 277 V AC; 1/2 HP @ 125 & 250 V AC; 5 AMPS @ 125 V AC "L". 0.5 AMP @ 125 V DC; 0.25 AMP @ 250 V DC. 11 AMPS @ 277 V AC; 1/3 HP @ 125 & 250 V AC; 0.5 AMP @ 125 V DC; 0.25 AMP @ 250 V DC. Precious metal alloy 25 AMPS @ 125 & 277 V AC; 1 1/2 HP @ 125 V AC; 2 HP @ 250 V AC 20 AMPS @ 250 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC
F5 H8 J3 J6 K6 L1 L3
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. All models with all options, . * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
Consult Customer Service center for availability and delivery of nonstandard ratings.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-6
www.ittcannon.com
C&K TF Series Miniature Snap-acting Switches
ELECTRICAL RATING
CONTACT MATERIAL OPTION CODE RoHS COMPLIANT Yes Yes Yes Yes RoHS COMPATIBLE Yes Yes Fine Silver Yes Yes Precious metal alloy Fine Silver MOVABLE CONTACT Gold alloy STATIONARY CONTACT Gold alloy INTERNATIONAL ELECTRICAL RATING From low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA). 0.1 (0.05) AMP @ 250 V~m T85 50E3 (VDE). 5 AMPS @ 277 V AC; 1/10 HP @ 125 & 250 V AC (UL/CSA). 5 (2) AMPS @ 250 V~m T85 50E3 (VDE). 11 AMPS @ 277 V AC; 1/3 HP @ 125 & 250 V AC; 0.5 AMP @ 125 V DC; 0.25 AMP @ 250 V DC (UL/CSA). 10 (3) AMPS @ 250 V~m 50E3 T85 (VDE). 21 AMPS @ 277 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC; 16 (3) AMPS @ 250 V~m T85 10E3 (VDE).
V1 V2 V3 V4
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. NOTE: V1-V4 ratings available with `5A or 5B'terminal styles only. OPERATING FORCE ELECTRICAL RATING F5 H8 J3 T_ _ 50E3 10E3 Maximum rated use temperature. J6 Cycles over 50,000 at rated current. K6 Cycles over 10,000 at rated current. L1 First number represents resistive rating; second number represents inductive (motor) rating. L3 V1 V2 All models with all options, . V3 V4 25 20 1 5 11 16 X X * X X X X X * X X X X X * * X X X X * * * X X * * * * * * * X * * * X X X * * * 11 X * * * * * * 15 X X X X * * * AMPS (REF.) 1 5 21 CC (15) * * X CD (25) * * X CF (50) * * X CG (75) * * X CJ (150) * * * EC EE (225) (400) * * * * * *
INTERNATIONAL RATING SYMBOLS
m ~
Microgap construction (less than 3 mm). Alternating current.
K Snap-acting Snap-acting
10(3)
Consult Customer Service center for availability and delivery of nonstandard ratings. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max.
* AVAILABLE x NOT AVAILABLE
** Available with 4A & 5A terminations only, see page K-10.
MOUNTING STYLE
S
STANDARD For 4-40 screw size
V
Metric For 3 mm screw size
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-7
www.ittcannon.com
C&K TF Series Miniature Snap-acting Switches
ACTUATOR
OPTION CODE
FIG. 1 2 2 2 2 3 3 3 3 3 3 3 3 4 4 4 4 5
DIM. A .80 (20,3) .81 (20,6) 1.34 (34,0) 1.05 (26,7) 1.56 (39,6) .84 (21,3) 1.40 (35,6) 2.34 (59,4) 2.75 (69,9) 1.10 (27,9) 1.62 (41,1) 2.57 (65,3) 2.97 (75,4) 1.34 (34,0) 1.29 (32,8) 1.56 (39,6) 1.50 (38,1) .80 (20,3)
DIM. B -- .32 (8,1) .32 (8,1) .54 (13,7) .54 (13,7) .32 (8,1) .32 (8,1) .32 (8,1) .32 (8,1) .54 (13,7) .54 (13,7) .54 (13,7) .54 (13,7) .32 (8,1) .32 (8,1) .54 (13,7) .54 (13,9) --
DIM. C .578 .015 (14,68 0,38) .810 .020 (20,57 0,51) .810 .030 (20,57 0,76) .810 .050 (20,57) 1,27 .810 .075 (20,57 1,91) .600 .020 (15,24 0,51) .600 .040 (15,24 1,02) .600 .065 (15,24 1,65) .600 .080 (15,24 2,03) .600 .050 (15,24 1,27) .600 .070 (15,24 1,78) .600 .150 (15,24 3,81) .600 .187 (15,24 ) 4,75 .810 .030 (20,57 0,76) .730 .030 (18,54 0,76) .810 .065 (20,57 1,65) .730 .060 (18,54) 1,52 .635 .015 (16,13 0,38)
DIM. D -- .19 dia. (4,8O) .19 dia. (4,8O) .19 dia. (4,8O) .19 dia. (4,8O) -- -- -- -- -- -- -- -- .19 dia. (4,8O) .19 dia. (6,4O) .19 dia. (4,8O) .25 dia. (6,4O) --
P00 A10 A15 A20 A25 T10 T15 T16 T18 T20 T25
K Snap-acting
T26 T28 T13 T14 T23 T24 WP0
NOTE: Switch characteristics chart on following page.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-8
www.ittcannon.com
C&K TF Series Miniature Snap-acting Switches
ACTUATOR
SWITCH CHARACTERISTICS
MAXIMUM OPERATING FORCE (OZ./GRAMS) OPTION CODE A10 A15 A20 A25 P00 T10 T13 T14 T15 T16 T18 T20 T23 T24 CC (15) .63 18 .28 8 0.53 15 .18 5 .53 15 .63 18 .28 8 .28 8 .25 7 .18 5 N/A .53 15 .18 5 0.18 5 .18 5 N/A N/A .53 15 CD (25) 1.06 30 .42 12 CF (50) 2.29 65 1.06 30 CG (75) 3.17 90 1.59 45 2.12 60 85 24 2.65 75 3.17 90 1.59 45 1.76 50 1.41 40 .78 22 .71 20 2.12 60 .85 24 0.88 25 .88 25 .42 12 0.42 12 2.65 75 CJ EC EE (150) (225) (400) 6.35 180 3 85 4.23 120 1.69 48 5.29 150 6.35 180 3 85 3.17 90 2.82 80 1.59 45 1.41 40 4.23 120 1.69 48 1.76 50 1.59 45 7.94 14.11 225 400 4.59 130 6 170 2.65 75 7.94 225 9.7 275 4.41 125 CC (15) .21 6 .07 2 0.07 2 .04 1 .21 6 .21 6 .07 2 .07 2 .07 2 .04 1 N/A .21 6 .04 1 0.04 1 .04 1 N/A N/A .21 6 CD (25) .35 10 .14 4 MINIMUM RELEASE FORCE (OZ./GRAMS) CF (50) .35 10 .14 4 CG (75) .53 15 .18 5 0.18 5 .07 2 .53 15 .53 15 .18 5 .18 5 .18 5 .07 2 .07 2 .53 15 .07 2 0.11 3 .07 2 .05 1.5 0.04 1 .53 15 CJ EC EE (150) (225) (400) .71 20 .35 10 0.42 12 .21 6 1.23 35 .71 20 .35 10 .35 10 .28 8 .28 8 .18 5 .71 20 .21 6 0.21 6 .21 6 .12 3.5 0.11 3 1.23 35 1.98 56 .71 20 0.71 20 .35 10 1.98 56 1.98 56 .71 20 .71 20 .63 18 .35 10 .28 8 1.98 56 .35 10 0.35 10 .35 10 .21 6 0.18 5 1.97 56 3.88 110 2.82 80 1.41 40 .71 20 3.88 110 3.88 110 2.82 80 2.82 80 2.82 80 .71 20 .56 16 3.88 110 .71 20 0.71 20 .99 28 .39 11 0.32 9 3.88 110 MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES .015 (0,38) .030 (0,76) 0.025 (0,64) .050 (1,27) .010 (0,25) .015 (0,38) .030 (0,76) .030 (0,76) .030 (0,76) .045 (1,14) .062 (1,57) .030 (0,76) .050 (1,27) .005 (1,27) .055 (1,40) .100 (2,54) 0.12 (3,05) .010 (0.25) MAXIMUM PRETRAVEL ALL FORCES .060 (1,52) .100 (2,54) 0.12 (3,05) .250 (6,35) .047 (1,19) .060 (1,52) .100 (2,54) .100 (2,54) .110 (2,59) .250 (6,35) .300 (7,62) .140 (3,56) .250 (6,35) 0.23 (5,84) .250 (6,35) .500 (12,70) .0.56 (14.22) .047 (1,19) MINIMUM OVERTRAVEL ALL FORCES .030 (0,76) .065 (1,65) 0.055 (1,40) .120 (3,05) .050 (1,27) .030 (0,76) .065 (1,65) .060 (1,52) .065 (1,65) .125 (3,18) .155 (3,94) .060 (1,52) .120 (3,05) 0.11 (2.79) .125 (3,18) .235 (5,97) 0.285 (7,24) .030 (0,51)
0.71 1.41 20 40 .28 8 .88 25 1.06 30 .42 12 .42 12 .42 12 .28 8 .21 6 .71 20 .28 8 56 16 1.76 50 2.29 65 1.06 30 1.23 35 1.06 30 .53 15 .42 12 1.41 40 .56 16
0.11 0.11 3 3 .07 2 .35 10 .35 10 .14 4 .14 4 .14 4 .07 2 .04 1 .35 10 .07 2 .07 2 .35 10 .35 10 .14 4 .14 4 .14 4 .07 2 .04 1 .35 10 .07 2
7.94 14.11 225 400 7.94 14.11 225 400 4.59 130 4.76 135 4.41 125 2.47 70 2.12 60 6 170 2.65 75 2.65 75 2.47 70 7.94 225 7.94 225 7.94 225 4.23 120 3.53 100 9.70 275 4.41 125 4.76 135 4.23 120 2.26 64 1.94 55
K Snap-acting Snap-acting
0.28 0.56 8 16 .28 8 .14 4 N/A .88 25 .53 15 .28 8 N/A 1.76 50
0.07 0.07 2 2 .07 2 .04 1 N/A .35 10 .07 2 .04 1 N/A .35 10
T25
T26 T28 WP0
.85 1.27 24 36 0.71 1.06 20 30 5.29 150
7.94 14.11 225 400
NOTE: For basic switch operating forces, see page K-6.
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18.
Available with actuators A20, A25, T20, T23, T24, T25, T26, and T28.
NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-9
www.ittcannon.com
C&K TF Series Miniature Snap-acting Switches
TERMINATIONS
40
.187" QUICK CONNECT
4A
.250" QUICK CONNECT
5A
OFFSET .250" QUICK CONNECT
5B
OFFSET .187" QUICK CONNECT
K Snap-acting
CIRCUITRY
C W Y
SPDT (Single Pole, Double Throw) SPST N.C. (Single Pole, Single Throw, Normally Closed) SPST N.O. (Single Pole, Single Throw, Normally Open)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
K-10
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of TFCFJ6SP0040C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X