Part Number Hot Search : 
BGA628L7 TC0178A 74HC7 10045 SI4355 U7660 TM128 OPF2414
Product Description
Full Text Search
 

To Download TBWB2A0O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Trackball Miniature All-direction Scanning Switch
Features/Benefits * 8 mm ball ergonomic design allows * * * * * * *
ease of use in all directions Positive tactile feedback Integrated lighting (up to 2 LEDs) Extensive lighting color choice Customized number of pulses per rotation ESD protected RoHS compliant IP54
Typical Applications * Mobile phones * Remote controls * Navigation systems * Keyboards, notebooks,
PC mouse * Cameras, camcorders * PDA's * Game controllers
! NEW
Construction
FUNCTION: CONTACT TYPE: TERMINALS: All-direction scanning + select Normally open Flex with 11 terminals
Electrical
(select function) 0.20 VA 20 mVdc - 32 Vdc 1.0 mA - 50mA > 200 Vrms < 1000 m 3ms 5pF
Mechanical
SCANNING ROTATING FORCE: SELECT SELECTING FORCE: TACTILE FEELING: ELECTRICAL TRAVEL (Te): SIMULTANEITY (Tm - Te): TOTAL TRAVEL: 0.35 N 0.1 N 2.2 N 25% 30% 0.24 mm 0.05 mm 0.12 mm 0.33 mm 0.05 mm
MAXIMUM POWER: MIN./MAX. VOLTAGE.: MIN./MAX. CURRENT: DIELECTRIC STRENGTH: CONTACT RESISTANCE: BOUNCE TIME: CAPACITY:
C Navigation
Environmental
OPERATING TEMPERATURE: -30C to +85C RELATIVE HUMIDITY: 90 to 95% HR According to NF EN 60068-2-30 SCANNING OPERATING LIFE: 300,000 cycles in each 4 main directions SELECT OPERATING LIFE: 500,000 cycles VIBRATIONS: 10 to 500Hz - 5G - 23 min. per axis MECHANICAL SHOCKS: According to NF EN 60068-2-27 OVERLOAD: 20 N
Physical Data
DIMENSIONS & LAYOUT: According to drawing on next page MASS: 1.2g 0.1g
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Note: Specifications listed above are for switches with standard options. For information concerning design integration, please contact your local ITT representative.
Additional Data:
Storage and handling environment Standard ITT trays According to specification NF H00-060 -30C to +85C N/A
PACKAGING CONDITIONS: TRANSPORT CONDITIONS: STORAGE TEMPERATURE: SHEAR TEST (SWITCH/PCB):
How To Order
To order, simply select desired option from each category and place in the appropriate box. For additional options not shown in catalog, consult our Customer Service Center. T B W B 2 A
Designation TB
COMMON
(has to be the same for both LEDs)
2nd LED 1st LED
For each LED, once the common wiring is defined (Cathode or Anode).
Code 0 1 2 3 4 O G A B R
Status No Led Green Orange Blue Red No Led Green Orange Blue Red
Color of Ball W White Pulse Number B 12 Dome Force 2 2.2N 25% Flex A
Anode
C A C
Cathode
A C A
Dimensions are shown: mm (inch) Specifications and dimensions subject to change
C-3
www.ittcannon.com
Trackball Miniature All-direction Scanning Switch
12 (.472) 0,7 0,7 (.027) (.027)
1,9 (.075)
10 (.393) 2,6 4,9 (.102) (.193)
1,5 (.059)
Standard ITT flex 4,6 (.181) 1,8 (.071) o8,0 (o3.15) 12 (.472) 3,2 (.126) 0,2 (.008) (59,30,3) (2.33.012)
50,3 (1.98)
7,3 (.287) 5,9 (.232)
5,3 (.209) 0,08 (.003) 6,7 (.264)
0,3 (.019)
DETAIL Q
0,35 (.138)
0,7 (.028)
7,55 (.297) 6,8 (.268)
0,5 (.020)
2,5 (.098) X
4 11 10 9 8 7 6 5 4 3 2 1 Scanning position X-X' OX OX' Select OY OY' Scanning position Y-Y' Led 2 Led common Led 1
6,8 (.268)
6,1 (.240)
Navigation
Y 0,7 (.028)
O
Y'
6 (.236)
1,8 (. 071)
INTEGRATION EXAMPLE
o9,5 (o .374) o9,05 (o.356) BALL SEAL COVER ( stainless steel )
ITT 3124A WB2 A00
Each piece is date code printed: 1st Line: 3124A = 3 is Year, 124 is day in the year, A is shift identification 2nd Line: WB2 A00 = Reference of the product.
0,35 (.138) Dimensions are shown: mm (inch) Specifications and dimensions subject to change
X' 2,5 (.098) 8,55 (.334)
1,5 (.059)
0,5 (.020)
0,3 (.012)
C
3,35 (.140)
SEE INTERFACE DETAIL Q
C-4
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of TBWB2A0O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X