Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download RTE0300N04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K RTE Series Low Profile Rotary DIP Switches
Features/Benefits * Thru-hole and surface mount modTypical Applications * Timers, automation components * Computer and peripherals * Alarms, access control * Instrumentation
I DIP
* * * *
Specifications
els Miniature size with robust stainless steel cover Rotary SPDT, SP3T, SP4T functions Rotary binary-decimal and hexadecimal coding RoHS compliant - options available Materials
CONTACT RATING: Gold: 100 mA max. 10 A min. 30 V DC max. 20 mVDC min. Silver: 100 mA max. 1 mA min. 50 V DC max. 2 VDC min. MECHANICAL LIFE: RTE02/03: 1,500 actuations; RTE04/10/16: 20,000 actuations CONTACT RESISTANCE: 100 m max. initial; 150 m after life INSULATION RESISTANCE: RTE02/03: 1013 min. RTE04/10/16: 1010 min. initial DIELECTRIC STRENGTH: RTE 02/03: 500 Vrms; RTE 10/16; 300 Vrms OPERATING TEMPERATURE: -25C to 85C. STORAGE TEMPERATURE: -40C to 85C. PACKAGING: N or R terminations in tube. V termination in box. G termination in reel, 750 pieces per reel. G termination with flush actuator, 1250 pieces per reel.
COVER & BASE: Thermoplastic PPS ACTUATOR: PA Thermoplastic KNOB: Thermoplastic MOVABLE CONTACTS: Brass, gold or silver plated. STATIONARY CONTACTS: Brass, gold or silver plated. TERMINALS: See page I-24 O-RING: Silicone
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Note: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Solderability: Wave soldering 260/2s. SMT are reflow compatible according to CECC 00802-NORM.
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. RTE
Number of Positions RTE02 2 positions RTE03 3 positions
ESD Protection 0 without 1 with** Actuator 0 Flush, screwdriver slot 1 Extended shaft **** 2 Shaft for button *** Terminations N Thru-hole R Reverse, thru-hole G Surface mount M Manual*****(for RTE03 only) Switch Function 0 Single pole
** ESD protection only available with N or R terminations *** Buttons ordered separately **** Not available in surface mount. ***** Only possible in combination with actuator option "2"
Contact/Terminal Material 3 Gold/Tin-Lead 1 Silver/Tin lead 4 Gold/Matte-tin 5 Silver/Matte-tin
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-20
www.ittcannon.com
C&K RTE Series Low Profile Rotary DIP Switches
RTE
Number of Positions RTE04 4 position* RTE10 10 position RTE16 16 position ESD Protection 0 without 1 with**
I DIP
Actuator 0 Flush, screwdriver slot 1 Extended shaft **** *** 2 Shaft for button **** *** Terminations N Thru-hole V Right angle G Surface mount M Manual ***** Contact/Terminal Material 3 Gold/Tin-Lead 4 Gold/Matte-tin
Switch Function 0 Single pole (not available for RTE10 & RTE16) 1 BCD code 2 BCD complement code (for RTE10 only/ not available with terminations G,M) 4 Hexadecimal code (for RTE16 only)
* RTE04 version only available with screw driver slot acuator "0" ** ESD protection only available with N termination *** Buttons ordered separately **** Not available in surface mount ***** Available with RTE 10, and RTE 16, with actuator option 2 only
Please note Gray code option available, consult ITT customer service for options and availability.
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-21
www.ittcannon.com
C&K RTE Series Low Profile Rotary DIP Switches
SWITCHES WITH STANDARD OPTIONS
PC Mount
I DIP
PART NUMBER WITHOUT ESD PIN
WITH ESD PIN
NO. POS. 2 3 4 10 10
FUNCTION SPDT SP3T SP4T BCD HEXADECIMAL
QTY PER TUBE 65 65 65 65 65 .291 (7,4) .144 (3,65) .167 (4,25) .315 (8,0)
RTE0200N03 RTE0300N03 RTE0400N03 RTE1000N13 RTE1600N43
RTE0210N03 RTE0310N03 RTE0400N03 RTE1010N13 RTE1610N43
.041.004 (1,050,1) .10 (2,54) .10 (2,54)
.283 (7,2)
.368 (9,35)
Right Angle Mount
PART NUMBER NO. POS. 4 10 16 FUNCTION SP4T BCD HEXADECIMAL QUANTITY 150 per box 150 per box 150 per box .157 (4,0) 450' .335 (8,5)
RTE0400V03 RTE1000V13 RTE1600V43
.314 (7,975) .218 (5,53)
.20 (5,08) .25 (6,34)
.114 (2,9)
.10 (2,54)
.041.004 (1,050,1)
.020 (0,5) .10 (2,54)
Surface Mount
PART NUMBER NO. POS. 02 03 04 10 16 FUNCTION SPDT SPDT SP4T BCD HEXADECIMAL QUANTITY PER REEL 1250 1250
.144 (3,65)
RTE0200G03 RTE0300G03 RTE0400G03 RTE1000G13 RTE1600G43
1250 1250 1250
.291 (7,4)
.283 (7,2)
.100 (2,54)
.100 (2,54)
.197 (5,0)
.197 (5,0)
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-22
www.ittcannon.com
.004 (0,10)
.024 (0,6)
.148 (3,75)
.033 (0,85)
.167 (4,25)
.020 (0,50)
.315 (8,0)
.039 (1,0)
.177 (4,5)
.291 (7,4)
C&K RTE Series Low Profile Rotary DIP Switches
NUMBER OF POSITIONS
RTE02*
2 POSITION
C 1200' C
RTE03* 3 POSITION
600'C 2 C 600'
RTE04
4 POSITION
3 C 1
I DIP
2
1
3
1
2
4
RTE10
10 POSITION
C
RTE16
1
360'
16 POSITION
4 C 1
4
2230'
2
8
2
8
ESD PROTECTION
0
WITHOUT
1
.144 (3,65)
WITH
.291 (7,4)
.291 (7,4)
0.368 (9,35)
4 C 1 4 C 1
.10 (2,54) .10 (2,54)
.035 TYP. (o0,9)
2
8
.035 TYP. (o0,9)
2
m
8
.10 (2,54)
.10 (2,54)
ACTUATOR
0
FLUSH, SCREWDRIVER SLOT
.041 (1,05) .077 (1,95)
1
EXTENDED SHAFT
(not available in surface mount)
2
SHAFT FOR BUTTON
0,5
.047 (1,2)
.126 (3,2)
.063 (1,6) .079 .002 (2 0,05)
O4
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-23
www.ittcannon.com
.118 .002 o (3 0,05)
.295 (7,5)
.150 (3,8)
.094 (2,4)
.108 (2,75)
.047 (1,2)
.157 (o4,0)
.30 (7,62)
.167 (4,25)
.315 (8)
.144 (3,65)
TERMINATIONS
N
THRU-HOLE .283 (7,2) .368 (9,35) .315 (8) .283 (7,2) .144 (3,65) .291 (7,4) 4 .167 (4,25) .10 .10 (2,54) (2,54) C 1 .10 .10 (2,54) (2,54) O.041.004 (1,050,1)
I DIP
.291 (7,4)
.167 (4,25)
C&K RTE Series Low Profile Rotary DIP Switches
.283 (7,2)
.291 (7,4)
O 3,5 Mini. O (0.138 min)
0.035 (0,9)
0.035 (0,9)
O in PC Board for screw driver operation must be 3.5 mm
RTE10, RTE 04 or RTE16 with ground terminal 0.1 (2,54) 4 0.1 (2,54) C 1 0.3 (7,62)
RTE10, RTE 04 or RTE16 without ground terminal 0.1 (2,54) 4 0.1 (2,54) C 1 0.3 (7,62)
.291 (7,4)
.3 (7,62)
2 m
8
2 m
8
.283 (7,2) .368 (9,35) .10 2 positions .10 with (2,54) (2,54) ground terminal 0.14 (2,54) C C C
.10 .10 (2,54) (2,54)
O.041.004 (1,050,1)
2 O.035 (o0,9)
8
0.035 (0,9)
0.035 (0,9)
2 positions without ground terminal 0.2 (5,08) C .3 (7,62) 0.4 (10,16) 8 0.035 (0,9) 0.035 (0,9) C 0.4 (10,16)
3 positions with ground terminal 0.1 (2,54) C 0.1 (2,54) 2 C 0.4 (10,16) .291 (7,4)
3 positions without ground terminal 0.1 (2,54) C 0.1 (2,54) 2 C 0.4 (10,16) 1 .451.008 (11,450,2)
Reverse version = R operation from bottom side
0.1 1 (2,54)
2
1
2
1
2 m
1
2
2 m O.035 (o0,9) O 3,5 Mini. O (0.138 min)
0.035 (0,9) .185.006 .126.008 (3,20.2) (3,20.2)
.041.004 (1,05.004) .020 (0.5) .167.008 (4,250,2) .144 (3,65)
0.035 (0,9)
O in PC Board for screw driver operation must be 3.5 mm
R
REVERSE, THRU-HOLE
.283 (7,2) .366 (9,3) 2 .4 (10,16) 8 o.035 (o9,3)
.291 (7,4) RTE10, RTE 04 or RTE16 with ground terminal 0.1 (2,54) 4 0.1 (2,54) C 1 0.3 (7,62) .041.004 RTE10, RTE 04 or RTE16 (1,05.004)ground terminal without .020 0.1 (0.5) (2,54) .167.008 (4,250,2) .144 (3,65) 4 C 1 0.1 (2,54)
.451.008 (11,450,2)
.185.006 .126.008 (3,20.2) (3,20.2)
.309 (7.85)
2
8 m
2
8
0.3 (7,62) .283 (7,2) 0.035 .366 (0,9) (9,3)
.020 (0,5)
o.167 (o4,25) 4 C .10 .10 (2,54) (2,54) 1
m 0.035 (0,9) 2 .4 (10,16) 8 2 positions without o.035 ground terminal (o9,3) 0.2 (5,08) o.167 C(o4,25) C 1 0.4 (10,16)
2 positions with ground terminal 0.1 (2,54) C 0.1 (2,54) C 0.4 (10,16)
3 positions with ground terminal 0.1 (2,54) C 0.1 (2,54) 2 C 0.4 (10,16)
3 positions without ground terminal 0.1 (2,54) C 0.1 (2,54) 2 C 0.4 (10,16)
Reverse version = R operation from bottom side
C 4
2 m O 3,5 Mini. O (0.138 min)
1
.10 .10 1 2 (2,54) (2,54)
2 m
1
2
1
0.035 (0,9)
0.035 (0,9)
0.035 (0,9)
0.035 (0,9)
O in PC Board for screw driver operation must be 3.5 mm
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-24
www.ittcannon.com
.020 (0,5)
C&K RTE Series Low Profile Rotary DIP Switches
TERMINATIONS
V
RIGHT ANGLE, THRU-HOLE
G
SURFACE MOUNT
I
.148 (3,75) .335 (8,5) 450' .144 (3,65)
DIP
.157 (4)
.314 (7,975)
.218 (5,53)
.033 (0,85) .100 (2,54)
.288 (7,3)
.100 (2,54)
.197 (5,0)
.197 (5,0)
.20 (5,08) .25 (6,34)
.114 (2,9)
.020 (0,5) .10 .10 (2,54) (2,54)
.393 (1)
(RTE02 only) .063 4x (1,6) .110 (2,8)
RTE03, 04, 10 and 16 .063 5x (1,6) .110 (2,8)
.106 4x (2,7)
8 .20 (5,08)
2 o0,9 (o035) .110 (2,8) .100 (2,54) .110 (2,8) .100 (2,54) PCB layout seen component side
1
.100 (2,54)
C
4
.100 (2,54)
.10 .10 (2,54) (2,54)
M
OPTION
.315 (8,0) .28 (7,2)
.291 (7,4)
0.1 0.1 (2,56) (2,56) 4 C 1
.154 (3,9)
.144 (3,65)
.167 (4,25)
.291 (7,4)
.071 (1,8)
HOLES .035 (0,9) 2 8
.300 (7,620,2) .358 (9,1)
.041 (1,05)
.3 (7,62)
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-25
www.ittcannon.com
.004 (0,10) .106 5x (2,7)
.177 (4,5)
.024 (0,6)
C&K RTE Series Low Profile Rotary DIP Switches
SWITCH FUNCTION
0
SINGLE POLE
POS. 1 2 3 4 C 1 2 3 4
1
BCD CODE
POS. 0 1 2 3 4 5 6 7 8 9 C 1 2 4 8
2
BCD COMPLEMENT CODE
POS. 0 1 2 3 4 5 6 7 8 9 C 1 2 8 4
C&K
I DIP
0 5
30 V DC max. 50 V DC max. 30 V DC max. 50 V DC max. .23 (6) .15 (4)
.06 (1,6)
23
CRD10R
Other codes available by request.
4
HEXADECIMAL CODE
POS. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 C 1 2 4 8
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * NO NO YES YES RoHS COMPATIBLE * ** ** ** ** CONTACT MATERIAL GOLD SILVER GOLD SILVER TERMINAL PLATING TIN LEAD TIN LEAD MATTE TIN MATTE TIN 100 mA max. 100 mA max. 100 mA max. 100 mA max.
RATINGS 10 A min. 1 mA min. 10 A min. 1 mA min.
3 1 *4 *5
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
** When selecting contact material option 4 and 5 with RTE02, RTE03 and or "V" terminations, these combinations are RoHS compliant but not compatible (i.e. they do not sustain the high temperatures of the leadfree soldering process). All other options and terminations are RoHS compatible. (Compliant with 4 and 5 contact material only).
BUTTONS AVAILABLE
Buttons are ordered separately, shipped in bulk.
Part Number BTN RTE 40 BTN RTE 50 BTN RTE 90
Color
Red Black .028 (0,7) Green 3 .185 (4,7) .118 (3,0) .118 (3,0)
o.283 (7,2)
.059 (1,5) .11 (3)
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
I-26
www.ittcannon.com
C&K RTE Series Low Profile Rotary DIP Switches
TAPE AND REEL
Tape and reel for RTExx02Gxx 750 pieces per reel.
I DIP
.465 (12,1) .465 (12,1) E
.012 (0,3)
.069 (1,75)
.155 (4,0)
.155 (4,0)
.079 (20,0) .078 (2,0)
.453.004 (11,50,1)
.409 (10,4)
.307 (7,8)
.303 (7,7)
E 059 (1,6)
Direction of feed
Tape and reel for RTExx00Gxx 1,250 pieces per reel.
.069 (1,75)
.012 (0,3 )
.157 (4,0)
.157 (4,0)
.079 (2,0)
.472 (12,0) .079 (2,0)
.472 (12,0)
.295 (7,5)
D .629 (16,0)
.179 (4,5)
.303 (7,7)
D
.059 (1,5)
Direction of feed
Note: Dimensions in:
inches (mm)
Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change
.945 (24,0)
I-27
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of RTE0300N04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X