Part Number Hot Search : 
B8049E 2512R4 MPX2202D BNR21R23 AK53264D WS3413H 74LVC00A STF20120
Product Description
Full Text Search
 

To Download RN1632ABNB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thin Film Chip Resistor Networks RN 1220 and 1632 Series, Precision
1.0 Description
These 1206 chip resistor networks are available with either 2 or 3 resistors, and offer better performance than SIP networks. The surface mount package allows for less parasitic capacitance/inductance and even lower noise performance. Typical application: Voltage dividers.
2.0 Mechanical
3.2 0.2 0.4 0.25 3.2 0.2 0.4 0.25 0.4 0.1
1
3
1.6 0.2
1
4
1.6 0.2
2
1.0 0.25
2
2
1.0 0.25
3
dimension mm
Type A
Type B, C, D
3.0 Electrical
Type RN1220A, RN1632A 1 3 R2 2 2 RN1220B, RN1632B 1 4 R1 R2 3 2 RN1632C 1 R1 R2 2 3 2 4 R3 1 R1 R2 3 R3 RN1632D 4
Schematic Diagram
R1
Resistance range 100 to 51K ohm 100 to 51K ohm 100 to 33K ohm 100 to 33K ohm Resistance tolerance 0.5% (D), 0.1% (B) 0.5% (D), 0.1% (B) 0.5% (D), 0.1% (B) 0.5% (D), 0.1% (B) Tracking tolerance 0.2% (C), 0.1% (B) 0.2% (C), 0.1% (B) 0.2% (C), 0.1% (B) 0.2% (C), 0.1% (B) T.C.R. ppm/C 25ppm (E) 25ppm (E) 25ppm (E) 25ppm (E) Tracking T.C.R. ppm/C 10ppm (N), 5ppm (V) 10ppm (N), 5ppm (V) 10ppm (N), 5ppm (V) 10ppm (N), 5ppm (V) Power rating (RN1220) 50 mW/element 50 mW/element Power rating (RN1632) 63 mW/element 63 mW/element 42 mW/element 42 mW/element Rated temperature 70C Operating temp. range -55C to +125C Larger resistor packages available. Refer to part number RN4556 when calling.
4.0 Part Number RN 1632 A *** B V B
Product designator Package size Circuit qualifier (A, B, C, D) Resistance value Resistance Tolerance Tracking TCR Tracking tolerance
(R)
THIN FILM TECHNOLOGY CORP. 1980 Commerce Drive N. Mankato, MN 56003-1702 USA +1 507 625-8445 / +1 507 625-3523 fax www.thin-film.com sales@thin-film.com


▲Up To Search▲   

 
Price & Availability of RN1632ABNB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X