Part Number Hot Search : 
Z5237 2SC374 F2000ERW 9D1D100 Z5237 LS820 AN970 2SD882
Product Description
Full Text Search
 

To Download PTH12060WAZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12 Vin single output
DC/DC CONVERTERS POLA Non-isolated NEW Product 1 * 10 A output current * 12 V input voltage * Wide-output voltage adjust * 1.2 Vdc to 5.5 Vdc for suffix `W' and 0.8 Vdc to 1.8 Vdc for suffix `L' * Auto-trackTM sequencing* * Margin up/down controls * Efficiencies up to 94% * Output ON/OFF inhibit * Output voltage sense * Point-of-Load-Alliance (POLA) compatible * Available RoHS compliant
The PTH12060 is a next generation series of non-isolated dc-dc converters offering some of the most advanced POL features available in the industry. The primary new feature provides for sequencing between multiple modules, a function, which is becoming a necessity for powering advanced silicon including DSP's, FPGA's and ASIC's requiring controlled power-up and power-down. Other industry leading features include margin up/down controls and efficiencies up to 94%. The PTH12060 has an input voltage of 10.8 Vdc to 13.2 Vdc and offers a wide output voltage range adjustable with external trim resistor, allowing for maximum design flexibility and a pathway for future upgrades.
All specifications are typical at nominal input, full load at 25 C unless otherwise stated Cin = 560 F, Cout = 0 F OUTPUT SPECIFICATIONS Voltage adjustability (See Note 4) Setpoint accuracy Line regulation Load regulation Total regulation Minimum load Ripple and noise 20 MHz bandwidth (See Note 8) Suffix `W' Suffix `L' Vo Vo Vo Vo 2.5 V > 2.5 V 1.0 V > 1.0 V Suffix `W' Suffix `L' 1.2-5.5 Vdc 0.8-1.8 Vdc 2.0% Vo 10 mV typ. 12 mV typ. 3.0% Vo 0A 25 mV pk-pk 1% Vo 20 mV pk-pk 30 mV pk-pk 0.5% Vo EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3
PTH12060
2 YEAR WARRANTY
SPECIFICATIONS
GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Over Vin and Io ranges Approvals and standards Material flammability Dimensions Weight MTBF Telcordia SR-332 (L x W x H) Suffix `W' Suffix `L' See Tables on page 2 Non-isolated 350 kHz typ. 250 kHz typ. EN60950 UL/cUL60950 UL94V-0 25.27 x 15.75 x 9.00 mm 0.995 x 0.620 x 0.354 in 5 g (0.18 oz) 7,092,000 hours
Temperature co-efficient -40 C to +85 C Transient response (See Note 5) Margin adjustment INPUT SPECIFICATIONS Input voltage range Input current Remote ON/OFF Start-up time Undervoltage lockout Track input voltage Pin 8 (See Note 6) (See Note 3) No load (See Note 1)
70 s recovery time Overshoot/undershoot 100 mV 5.0% Vo
10.8-13.2 Vdc 10 mA typ. Positive logic 1 V/ms 9.0-9.5 V typ. 0.3 Vin
ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL (`Z' suffix only) PROTECTION Short-circuit Auto reset 20 A typ. Operating ambient, temperature Non-operating JEDEC J-STD-020C -40 C to +85 C -40 C to +125 C Level 3
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1, File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
*Auto-trackTM is a trade mark of Texas Instruments
File Name: pth12060.pdf Rev: 28 Jun 2006
12 Vin single output
DC/DC CONVERTERS POLA Non-isolated NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 55 W 55 W OUTPUT CURRENT (MIN.) 0A 0A OUTPUT CURRENT (MAX.) 10 A 10 A
PTH12060
INPUT VOLTAGE 10.8-13.2 Vdc 10.8-13.2 Vdc
OUTPUT VOLTAGE 0.8-1.8 Vdc 1.2-5.5 Vdc
EFFICIENCY (MAX.) 88% 94%
REGULATION LINE 10 mV 10 mV LOAD 12 mV 12 mV
MODEL NUMBER PTH12060L PTH12060W
Part Number System with Options
PTH12060WAST
Packaging Options No Suffix = Trays T = Tape and Reel (7) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (95.5/3.8/0.7 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code W = Wide, L = Low Voltage Output Voltage Adjustment of the PTH12060 Series
Product Family Point of Load Alliance Compatible Input Voltage 12 = 12 V
Output Current 06 = 10 A Mechanical Package Always 0
The ultra-wide output voltage trim range offers major advantages to users who select the PTH12060. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 1.2 Vdc to 5.5 Vdc for suffix `W' and 0.8 Vdc to 1.8 Vdc for suffix L'. When the PTH12060 converter leaves the factory the output has been adjusted to the default voltage of 1.2 V for the PTH12060W and 0.8 V for the PTH12060L.
Notes
1 Remote ON/OFF. Active High ON: Pin 3 open; or V > Vin - 0.5 V OFF: Pin 3 GND; or V < 0.8 V (min - 0.2 V). See Figures 1, 2 and 3 for safe operating curves of PTH12060W and Figures 6, 7 and 8 for safe operating curves of PTH12060L. A 560 F electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 800 mA rms of ripple current. An external output capacitor is not required for basic operation. Adding 330 F of distributed capacitance at the load will improve the transient response. 1 A/s load step, 50 to 100% Iomax, Cout = 330 F. If utilized Vout will track applied voltage by 0.3 V (up to Vo set point). Tape and reel packaging only available on the surface-mount versions. The pk-pk output ripple voltage is measured with an external 10F ceramic capacitor. See Figures 5 and 8 for Standard application schematic. To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTH12060WAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTH12060WAD.
EFFICIENCY TABLE - PTH12060W (IO = 8 A) OUTPUT VOLTAGE Vo = 5.0 V Vo = 3.3 V Vo = 2.5 V Vo = 2.0 V Vo = 1.8 V Vo = 1.5 V Vo = 1.2 V EFFICIENCY 94% 92% 90% 88% 87% 85% 83%
2 3 4
5 6 7 8
9
EFFICIENCY TABLE - PTH12060L (IO = 8 A) OUTPUT VOLTAGE Vo = 1.8 V Vo = 1.5 V Vo = 1.2 V Vo = 1.0 V Vo = 0.8 V EFFICIENCY 88% 87% 84% 82% 79%
File Name: pth12060.pdf Rev: 28 Jun 2006
12 Vin single output
DC/DC CONVERTERS POLA Non-isolated NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTH12060W Characteristic Data
PTH12060
90
TEMPERATURE (C) TEMPERATURE (C)
90 80 70 60 50 40 30 20 0 2 4 6 8 10 0 2 4 6 8 10 OUTPUT CURRENT (A)
Figure 1 - Safe Operating Area for PTH12060W Vin = 12 V, Output Voltage = 5 V (See Note A)
Nat Conv 100 LFM 200 LFM 400 LFM
80 70 60 50 40 30 20
Nat Conv 100 LFM 200 LFM 400 LFM
OUTPUT CURRENT (A)
Figure 2 - Safe Operating Area for PTH12060W Vin = 12 V, Output Voltage = 3.3 V (See Note A)
90
TEMPERATURE (C)
80
EFFICIENCY (%)
100 90 80 70 60 50 40 0 2 4 6 8 10 0 2 4 6 8 10
Vout 5.0V 3.3V 2.5V 1.8V 1.2V
70 60 50 40 30 20 OUTPUT CURRENT (A)
Figure 3 - Safe Operating Area for PTH12060W Vin = 12 V, Output Voltage = 1.8 V (See Note A)
Nat Conv 100 LFM 200 LFM 400 LFM
OUTPUT CURRENT (A)
Figure 4 - Efficiency vs Load Current for PTH12060W Vin = 12 V (See Note B)
Notes
Track Margin Down Margin Up
10 1
9
8 7
A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
PTH12060 (Top View)
Vin 2 6
Vout
Inhibit
3
4
5
Vo Sense
+
Cin 560F (Required)
RSET 1%, 0.1W (Required)
Co1 330F (Optional)
+
Co2 Ceramic (Optional)
L O A D
GND
GND
Figure 5 - Standard Application - All Models
File Name: pth12060.pdf Rev: 28 Jun 2006
12 Vin single output
DC/DC CONVERTERS POLA Non-isolated NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTH12060L Characteristic Data
PTH12060
90
TEMPERATURE (C)
100 90
EFFICIENCY (%)
80 70 60 50 40 30 20 0 2 4 6 8 10
Nat Conv 100 LFM
80 70 60 50 0 2 4 6 8 10
Vout 1.8V 1.5V 1.2V 1.0V 0.8V
OUTPUT CURRENT (A)
Figure 6 - Safe Operating Area for PTH12060L Vin = 12 V, Output Voltage 1.8 V (See Note A)
OUTPUT CURRENT (A)
Figure 7 - Efficiency vs Load Current for PTH12060L Vin = 12 V (See Note B)
Notes
Track Margin Down Margin Up
10 1
9
8 7
A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
PTH12060 (Top View)
Vin 2 6
Vout
Inhibit
3
4
5
Vo Sense
+
Cin 560F (Required)
RSET 1%, 0.1W (Required)
Co1 330F (Optional)
+
L Co2 O Ceramic A (Optional) D
GND
GND
Figure 8 - Standard Application - All Models
File Name: pth12060.pdf Rev: 28 Jun 2006
12 Vin single output
DC/DC CONVERTERS POLA Non-isolated NEW Product 5 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTH12060
0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.060 (1.52) 1 0.375 (9.52) 10 9 8 0.250 (6.35) 7
0.140 (3.55) 0.060 (1.52)
o0.040 (1.02) 5 Places.
0.620 0.500 (12.70) (15.75)
0.070 (1.78) (Standoff Shoulder)
2
3
4 TOP VIEW
5
6
Lowest Component 0.010 min. (0.25) Bottom side Clearance
PIN CONNECTIONS PIN NO.
Host Board 0.354 (9.00) MAX. SIDE VIEW
FUNCTION Ground Vin Inhibit* Vo adjust Vo sense Vout Ground Track Margin down* Margin up*
1 2 3 4
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 9 - Plated Through-Hole Mechanical Drawing
5 6 7 8 9
0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.375 (9.52) 1 10 9 8
*After solder reflow on customer board
10
0.250 (6.35) 7 0.500 0.620 (12.70) (15.75) 0.060 (1.52)
0.354 (9.00) max.*
0.060 (1.52)
*Denotes negative logic: Open = Normal operation Ground = Function active
Solder Ball 0.040 (1.02) 10 Places
2
3
4
5
6 SIDE VIEW
TOP VIEW
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 10 - Surface-Mount Mechanical Drawing
Datasheet (c) Artesyn Technologies(R) 2006 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: pth12060.pdf Rev: 28 Jun 2006


▲Up To Search▲   

 
Price & Availability of PTH12060WAZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X