|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PTH05060 5 Vin single output DC-DC CONVERTERS * * * * * * * * * * * POLA Non-isolated NEW Product 1 10 A output current 5 V input voltage Wide-output voltage adjust (0.8 Vdc to 3.6 Vdc) Auto-trackTM sequencing* Margin up/down controls Pre-bias start-up capability Efficiencies up to 94% Output ON/OFF inhibit Output voltage sense Point-of-Load-Alliance (POLA) compatible Available RoHS compliant The PTH05060 is a next generation series of non-isolated dc-dc converters offering some of the most advanced POL features available in the industry. The primary new feature provides for sequencing between multiple modules, a function, which is becoming a necessity for powering advanced silicon including DSP's, FPGA's and ASIC's requiring controlled powerup and power-down. Other industry leading features include margin up/down controls, prebias start-up capability and efficiencies up to 94%. The PTH05060 has an input voltage of 4.5 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to 3.6 Vdc output voltage range with up to 10 A output current, which allows for maximum design flexibility and a pathway for future upgrades. All specifications are typical at nominal input, full load at 25 C unless otherwise stated Cin = 330 F, Cout = 0 F OUTPUT SPECIFICATIONS Voltage adjustability Setpoint accuracy Line regulation Load regulation Total regulation Minimum load Ripple and noise 20 MHz bandwidth (See Note 4) 0.8-3.6 Vdc 2.0% Vo 10 mV typ. 12 mV typ. 3.0% Vo 0A 25 mV pk-pk 0.5% Vo GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Approvals and standards Material flammability Dimensions Weight (See Note 3) No load (See Note 1) 4.5-5.5 Vdc 10 mA typ. Positive logic 1 V/ms 3.7-4.3 V typ. Pin 8 (See Note 6, 7) 0.3 Vin PROTECTION Short-circuit International Safety Standard Approvals UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1, File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL 2 YEAR WARRANTY SPECIFICATIONS EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3 (See Efficiency Table) 94% max. Non-isolated 300 kHz typ. 25 kHz EN60950 UL/cUL60950 UL94V-0 (L x W x H) 25.27 x 15.75 x 9.00 mm 0.995 x 0.620 x 0.354 in 3.7 g (0.13 oz) Telcordia SR-332 7,092,000 hours Temperature co-efficient -40 C to +85 C Transient response (See Note 5) Margin adjustment INPUT SPECIFICATIONS Input voltage range Input current Remote ON/OFF Start-up time Undervoltage lockout Track input voltage 70 s recovery time Overshoot/undershoot 100 mV 5.0% Vo MTBF ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL Operating ambient, temperature Non-operating JEDEC J-STD-020C -40 C to +85 C -40 C to +125 C Level 3 Auto reset 20 A typ. *Auto-trackTM is a trade mark of Texas Instruments File Name: pth05060.pdf Rev: 28 Jun 2006 PTH05060 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm OUTPUT POWER (MAX.) 36 W OUTPUT CURRENT (MIN.) 0A OUTPUT CURRENT (MAX.) 10 A INPUT VOLTAGE 4.5-5.5 Vdc OUTPUT VOLTAGE 0.8-3.6 Vdc EFFICIENCY (MAX.) 94% REGULATION LINE 10 mV LOAD 12 mV MODEL NUMBER (9,10) PTH05060 Part Number System with Options PTH05060WAST Packaging Options No Suffix = Trays T = Tape and Reel (8) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (95.5/3.8/0.7 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code W = Wide Output Voltage Adjustment of the PTH05060 Series Product Family Point of Load Alliance Compatible Input Voltage 05 = 5 V Output Current 06 = 10 A Mechanical Package Always 0 The ultra-wide output voltage trim range offers major advantages to users who select the PTH05060. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.8 Vdc to 3.6 Vdc. When the PTH05060 converter leaves the factory the output has been adjusted to the default voltage of 0.8 V. Notes Remote ON/OFF. Positive Logic ON: Pin 3 open; or V > Vin - 0.5 V Pin 3 GND; or V < 0.8 V (min - 0.2 V). OFF: 2 See Figures 1 and 2 for safe operating curves. 3 A 330 F electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 500 mA rms of ripple current. 4 An external output capacitor is not required for basic operation. Adding 330 F of distributed capacitance at the load will improve the transient response. 5 1 A/s load step, 50 to 100% Iomax, Cout = 330 F. 6 If utilized Vout will track applied voltage by 0.3 V (up to Vo set point). 7 The pre-bias start-up feature is not compatible with Auto-TrackTM. This is because when the module is under Auto-TrackTM control, it is fully active and will sink current if the output voltage is below that of a back-feeding source. Therefore to ensure a pre-bias hold-off, one of the following two techniques must be followed when input power is first applied to the module. The Auto-TrackTM function must either be disabled, or the module's output held off using the Inhibit pin. Refer to Application Note 159 for more details. 8 Tape and reel packaging only available on the surface-mount versions. 9 To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTH05060WAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTH05060WAD. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. 1 EFFICIENCY TABLE (IO = 7 A) OUTPUT VOLTAGE Vo = 1.0 V Vo = 1.2 V Vo = 1.5 V Vo = 1.8 V Vo = 2.0 V Vo = 2.5 V Vo = 3.3 V EFFICIENCY 85% 86% 89% 90% 91% 92% 94% File Name: pth05060.pdf Rev: 28 Jun 2006 PTH05060 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm 90 TEMPERATURE (C) TEMPERATURE (C) 90 80 70 60 50 40 30 20 0 2 4 6 8 10 0 2 4 6 8 10 OUTPUT CURRENT (A) Figure 1 - Safe Operating Area Vin = 5 V, Output Voltage = 3.3 V (See Note A) Nat conv 100LFM 200LFM 400LFM 80 70 60 50 40 30 20 Nat conv 100LFM 200LFM 400LFM OUTPUT CURRENT (A) Figure 2 - Safe Operating Area Vin = 5 V, Output Voltage = 1.0 V (See Note A) Track Margin Down Margin Up 100 90 1 10 9 8 7 EFFICIENCY (%) 80 70 60 50 Vout 3.3V 2.5V 1.8V 1.2V 0.8V PTH05060 (Top View) Vin 2 6 Vout Inhibit 3 4 5 Vo Sense + 40 Cin 330F (Required) RSET 1%, 0.1W (Required) + Cout 330F (Optional) L O A D 0 2 4 6 8 10 GND GND Figure 3 - Efficiency vs Load Current Vin = 5 V (See Note B) Figure 4 - Standard Application Notes A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter. File Name: pth05060.pdf Rev: 28 Jun 2006 PTH05060 5 Vin single output DC-DC CONVERTERS POLA Non-isolated NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm 0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.060 (1.52) 1 0.375 (9.52) 10 9 8 0.250 (6.35) 7 0.620 0.500 (12.70) (15.75) 0.070 (1.78) (Standoff Shoulder) 0.140 (3.55) 0.060 (1.52) o0.040 (1.02) 5 Places. 2 3 4 TOP VIEW 5 6 Lowest Component 0.010 min. (0.25) Bottom side Clearance PIN CONNECTIONS PIN NO. Host Board 0.354 (9.00) MAX. SIDE VIEW FUNCTION Ground Vin Inhibit* Vo adjust Vo sense Vout Ground Track Margin down* Margin up* 1 2 3 4 Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) Figure 5 - Plated Through-Hole Mechanical Drawing 5 6 7 8 9 0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.375 (9.52) 1 10 9 8 *After solder reflow on customer board 10 0.060 (1.52) 0.250 (6.35) 7 0.060 (1.52) 0.354 (9.00) max.* *Denotes negative logic: Open = Normal operation Ground = Function active 0.500 0.620 (12.70) (15.75) Solder Ball 0.040 (1.02) 10 Places 2 3 4 5 6 SIDE VIEW TOP VIEW Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) Figure 6 - Surface-Mount Mechanical Drawing Datasheet (c) Artesyn Technologies(R) 2006 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein. Please consult our website for the following items: Application Note www.artesyn.com File Name: pth05060.pdf Rev: 28 Jun 2006 |
Price & Availability of PTH05060WAZ |