Part Number Hot Search : 
G121S SI390M80 SST4124 MT413 MYB51DA 02500 STP4N MBRS320
Product Description
Full Text Search
 

To Download PTH05020WAD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTH05020
5 Vin single output
DC-DC CONVERTERS * * * * * * * * * * * POLA Non-isolated NEW Product 1 22 A output current 5 V input voltage Wide-output voltage adjust (0.8 Vdc to 3.6 Vdc) Auto-trackTM sequencing* Margin up/down controls Pre-bias start-up capability Efficiencies up to 96% Output ON/OFF inhibit Output voltage sense Point-of-Load-Alliance (POLA) compatible Available RoHS compliant
The PTH05020 is a next generation series of non-isolated dc-dc converters offering some of the most advanced POL features available in the industry. The primary new feature provides for sequencing between multiple modules, a function, which is becoming a necessity for powering advanced silicon including DSP's, FPGA's and ASIC's requiring controlled power-up and power-down Other industry leading features include margin up/down controls, pre-bias start-up capability and efficiencies up to 96%. The PTH05020 has an input voltage of 4.5 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to 3.6 Vdc output voltage range with up to 22 A output current, which allows for maximum design flexibility and a pathway for future upgrades.
All specifications are typical at nominal input, full load at 25 C unless otherwise stated Cin = 1000 F, Cout = 0 F OUTPUT SPECIFICATIONS Voltage adjustability Setpoint accuracy Line regulation Load regulation Total regulation Minimum load Ripple and noise 20 MHz bandwidth (See Note 4) 0.8-3.6 Vdc 2.0% Vo 5 mV typ. 5 mV typ. 3.0% Vo 0A 20 mV pk-pk 0.5% Vo GENERAL SPECIFICATIONS Efficiency Insulation voltage Switching frequency Approvals and standards Material flammability Dimensions Weight (See Note 3) No load (See Note 1) 4.5-5.5 Vdc 10 mA typ. Positive logic 1 V/ms 3.7-4.3 Vdc typ. Pin 8 (See Note 6, 7) 0.3 Vin PROTECTION Short-circuit Thermal International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1, File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
2 YEAR WARRANTY
SPECIFICATIONS
EMC CHARACTERISTICS Electrostatic discharge Conducted immunity Radiated immunity EN61000-4-2, IEC801-2 EN61000-4-6 EN61000-4-3
(See Efficiency Table)
96% max. Non-isolated
250 kHz to 340 kHz EN60950 UL/cUL60950 UL94V-0 (L x W x H) 37.97 x 22.10 x 9.00 mm 1.495 x 0.870 x 0.354 in 7 g (0.25 oz) Telcordia SR-332 5,236,000 hours
Temperature co-efficient -40 C to +85 C Transient response (See Note 5) Margin adjustment INPUT SPECIFICATIONS Input voltage range Input current Remote ON/OFF Start-up time Undervoltage lockout Track input voltage
70 s recovery time Overshoot/undershoot 120 mV 5.0% Vo
MTBF
ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL (`Z' suffix only) Operating ambient, temperature Non-operating JEDEC J-STD-020C -40 C to +85 C -40 C to +125 C Level 3
Auto reset
41 A typ. Auto recovery
*Auto-trackTM is a trade mark of Texas Instruments
File Name: pth05020.pdf Rev (07): 16 Dec 2005
PTH05020
5 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 79.2 W OUTPUT CURRENT (MIN.) 0A OUTPUT CURRENT (MAX.) 22 A INPUT VOLTAGE 4.5-5.5 Vdc OUTPUT VOLTAGE 0.8-3.6 Vdc EFFICIENCY (MAX.) 96% REGULATION LINE 5 mV LOAD 5 mV MODEL NUMBER (9,10) PTH05020
Part Number System with Options
PTH05020WAST
Packaging Options No Suffix = Trays T = Tape and Reel (8) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code W = Wide Output Voltage Adjustment of the PTH05020 Series
Product Family Point of Load Alliance Compatible Input Voltage 05 = 5 V
Output Current 02 = 22 A Mechanical Package Always 0
The ultra-wide output voltage trim range offers major advantages to users who select the PTH05020. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.8 Vdc to 3.6 Vdc. When the PTH05020 converter leaves the factory the output has been adjusted to the default voltage of 0.8 V.
Notes
Remote ON/OFF. Positive Logic ON: Pin 3 open; or V > Vin - 0.5 V OFF: Pin 3 GND; or V < 0.8 V (min - 0.2 V). 2 See Figure 1 for safe operating curve. 3 A 1,000 F electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 700 mA rms of ripple current. 4 An external output capacitor is not required for basic operation. Adding 330 F of distributed capacitance at the load will improve the transient response. 5 1 A/s load step, 50 to 100% Iomax, Cout = 330 F. 6 If utilized Vout will track applied voltage by 0.3 V (up to Vo set point). 7 The pre-bias start-up feature is not compatible with Auto-TrackTM. This is because when the module is under Auto-TrackTM control, it is fully active and will sink current if the output voltage is below that of a back-feeding source. Therefore to ensure a pre-bias hold-off, one of the following two techniques must be followed when input power is first applied to the module. The Auto-TrackTM function must either be disabled, or the module's output held off using the Inhibit pin. Refer to Application Note 156 for more details. 8 Tape and reel packaging only available on the surface-mount versions. 9 To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTH05020WAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTH05020WAD. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. 1
EFFICIENCY TABLE (IO = 10 A) OUTPUT VOLTAGE Vo = 1.0 V Vo = 1.2 V Vo = 1.5 V Vo = 1.8 V Vo = 2.0 V Vo = 2.5 V Vo = 3.3 V EFFICIENCY 88% 90% 91% 92% 93% 94% 96%
File Name: pth05020.pdf Rev (07): 16 Dec 2005
PTH05020
5 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
90 TEMPERATURE (C) 80 EFFICIENCY (%) 70 60 50 40 30 20 0 2 4 6 8 10 12 14 16 18 20 22 OUTPUT CURRENT (A)
Nat conv 100 LFM 200 LFM 400 LFM
100 90 80 70 60 50 40 0 2 4 6 8 10 12 14 16 18 20 22
3.3V 2.5V 1.8V 1.5V 1.2V 1.0V
OUTPUT CURRENT (A)
Figure 2 - Efficiency vs Load Current Vin = 5 V (See Note B)
Figure 1 - Safe Operating Area Vin = 5 V, Output Voltage = 3.3 V (See Note A)
Notes
Track Margin Down Margin Up
10 1
9
8 7
A SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
PTH05020 (Top View)
Vin 2 6
Vout
Inhibit
3
4
5
Vo Sense
+
Cin 1000F (Required)
RSET 1%, 0.1W (Required)
+
Cout 330F (Optional)
L O A D
GND
GND
Figure 3 - Standard Application
File Name: pth05020.pdf Rev (07): 16 Dec 2005
PTH05020
5 Vin single output
DC-DC CONVERTERS POLA Non-isolated NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
1.495 (37.97) 0.125 (3.18) 0.125 (3.18) 0.060 (1.52) 1 0.500 (12.70) 10 9 8 0.625 (15.88) 0.060 (1.52) 0.140 (3.55)
o0.040 (1.02) 10 Places
7 (0.070 (1.78) (Standoff Shoulder)
0.750 0.870 (19.05) (22.10)
3 2
4
5 6
Lowest Component 0.010 min. (0.25) Bottom side Clearance
PIN CONNECTIONS PIN NO. 1 FUNCTION Ground Vin Inhibit* Vo adjust Vo sense Vout Ground Track Margin down* Margin up*
TOP VIEW 0.354 (9.00)max. Side View
Host Board
2 3 4 5 6
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 4 - Plated Through-Hole Mechanical Drawing
7 8 9 10
1.495 (37.97) 0.125 (3.18) 0.125 (3.18) 0.060 (1.52) 1 0.500 (12.70) 10 9 8 0.625 (15.88)
0.060 (1.52)
0.354 (9.00) max.*
*After solder reflow on customer board
*Denotes negative logic: Open = Normal operation Ground = Function active
7
0.870 0.750 (22.10) (19.05)
Solder Ball o0.040 (1.02) 10 Places
2
3
4
5
6 SIDE VIEW
TOP VIEW Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 5 - Surface-Mount Mechanical Drawing
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: pth05020.pdf Rev (07): 16 Dec 2005


▲Up To Search▲   

 
Price & Availability of PTH05020WAD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X