Part Number Hot Search : 
S05K230 N7820A 4ALVC 99000 MC3303 IRG4BC LX1554MY N87C196K
Product Description
Full Text Search
 

To Download PSA05-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11EWA
HIGH EFFICIENCY RED
Features
0.5 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
www..com
SPEC NO: DSAB5488 APPROVED: J. Lu www..com
REV NO: V.4 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 3 ERP:1311000002
Selection Guide
Part No. Dice Lens Type Iv (ucd) @ 10mA Min. PSA05-11EWA HIGH EFFICIENCY RED (GaAsP/GaP) WHITE DIFFUSED 800 Typ. 4100 Common Anode, Rt. Hand Decimal. Description
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 5mm below package base.
High Efficiency Red 105 30 160 5 -40C To +85C 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAB5488 APPROVED: J. Lu
REV NO: V.4 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 3 ERP:1311000002
High Efficiency Red
PSA05-11EWA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAB5488 APPROVED: J. Lu
REV NO: V.4 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 3 ERP:1311000002


▲Up To Search▲   

 
Price & Availability of PSA05-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X