Part Number Hot Search : 
2SB1530 1N4729 PE9554 2A222 ISP1521 2SB759 AQV251AZ AQV251AZ
Product Description
Full Text Search
 

To Download NVFAS15DC12VB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NVF
20.3x15.3x22.5 Features
Switching capacity up to 20A. PC board mounting and insert mounting available. Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVF A
Z 20
DC12V b
D
5 Coil rated Voltage(V)DC:12,24 6 Terminals b: PCB typea: plug in type 7 Coil transient suppression: D: with diode R: with resistance. NIL: standard
1 2 3 4 5 6 7 1 Part numberNVF 2 Contact arrangementA:1A B:1B 3 EnclosureS: Sealed typeZ: Dust cover 4 Contact Current15:15A/14VDC20:20A/14VDC
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO f1B SPSTNC Ag SnO2 , AgNi Ag CdO 1A 20A/14VDC 1B 15A/14VDC 280W 75VDC Max. Switching Current:30A 20mV(at 10A)(B:40mV) Item 3.12 of IEC255-7 5y105 2y105 (B) Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Coil resistance 10% Pickup voltage VDC(max) (60%of rated voltage ) release voltage VDC(min) (11% of rated voltage) Coil power consumption Operate Time ms Release Time ms
Dash numbers
Rated
Max.
012-1160
12
18
124
7.2
1.3 1.16 10 7
024-1160
24
35
489
14.4
2.8
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
145
www.dblectro.com
NVF
Operation condition
Insulation Resistance1) Dielectric Strength 1) Between contacts Between contact and coil 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 of IEC255-5 of IEC255-5
50Hz 500V 50Hz 1000V
Shock resistance 100m/s2 11ms IEC68-2-27 Test Ea Vibration resistance 10~40Hz double amplitude 1.27mm IEC68-2-6 Test Fc Terminals strength 100N IEC68-2-21 Test Ua2 235x2 3x0.5s IEC68-2-20 Test Ta method 1 Solderability -40~85 Ambient Temperature 85% (at 40) Relative Humidity IEC68-2-3 Test Ca Mass 14g Note: 1). ,When testing, coil terminals shall be connect , if coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
naiU>ac>ioeN
na>>ioeN
Mounting (Bottom views)
mm 0.8 1.2 2.2 2.5 2.6 3.2 4.8 6.3 8 9 9.5 11.5 14 15 15.3 20.3 22.5
>acCa
0.031 0.047 0.087 0.098 0.102 0.126 0.189 0.248 0.315 0.354 0.374 0.453 0.551 0.591 0.602 0.799 0.886
Note: Footprint as shown above is also available.
Dimensions
Wiring diagram (Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NVFAS15DC12VB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X