Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download NT90TPHBSDC3VCB09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO INC
NT90TP(T92)
CH0050401-2000 E174722 E9930952 R2033977.07
32.4(50)x27x28.5 Features
n
LR956331
n
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. Suitable for automobile, machine, electronic equipment, air conditioner and household appliance applications.
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A, 1B, 1C Ag CdO Ag SnO2 Ag SnO2 In 2O3 NO:30A/240VAC,14VDC; NC:20A/240VAC ;30A/14VDC NO;40A/250VAC,28VDC; NC:30A/250VAC,28VDC (0.9W) 1100W 7200VA 110VDC 250VAC Max. Switching Current:40A 30m Max Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
DC Coil Parameter Coil resistance 10% Pick up voltageE VDC(max) (75%of rated voltage) 2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50 Release voltage VDC(min) (10%of rated voltage) 0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0 Coil power W Operate Time ms Max Release Time ms Max AC Coil Parameter Rated voltage VAC Coil resistance 10% Coil power
Coil voltage VDC
Rated
Max
3 5 6 9 12 15 18 24 48 110
3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 143
10/15 28/42 40/60 90/135 160/240 250/375 360/540 640/960 2560/3840 13445/20167
12 24 0.9/0.6 15 10 110 120 220
(27) (120) (2360) (3040) (13490) 2VA
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) 50Hz 1500V 50Hz 2500V 200m/s 2 11ms 10~55Hz double amplitude 1.5mm 10N 230 C 2 C 10 0.5s -55~100 C -55~125 C 85% (at 40 C) 37g Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 Test Ea method 1 IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table IV of IEC255-19-1 and minimum sample size 24.
79
NT90TP(T92)
Ordering Information
NT90TP H A S DC12V C B 0.9
Coil power consumption:0.6:0.6W, 0.9:0.9W, 2:2VA Resist heat class :B:130 C, F:155C Contact material :Nil:AgSnO2In2O3 , C:AgCdO, S:AgSnO2 Coil rated Voltage DC:3V, 5V, 6V, 9V, 12V, 15V, 18V, 24V, 48V, 110V AC:12V, 24V, 110V, 120V, 220V S:Sealed type, D:Dust Cover, E:Covered , O:Open type Contact Arrangement :A:1A, B:1B, C:1C H:30A, NL:40A, Heavy load Part number:NT90TP (T92) Dimensions (Unit: mm)
Dimensions
mm 0.5 0.8 2.8 3.6 4.7 6.4 27 28.5 32.4 43.5 50
inch
0.020 0.031 0.110 0.142 0.185 0.252 1.063 1.122 1.275 1.713 1.969
Wiring diagram NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
DB LECTRO INC
.
80


▲Up To Search▲   

 
Price & Availability of NT90TPHBSDC3VCB09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X