Part Number Hot Search : 
IB9343 AD8131AR GPF1603 SFH30501 R8C25 SPA11 R2040 HDL62SLD
Product Description
Full Text Search
 

To Download NG6DADC12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO Inc.
N
17.5x6.5x12.5 Features
G
6
D
Small size, light weight. Low coil power consumption 0.2W. PC board mounting. Suitable for household electrical appliance, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities.
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance & Voltage drop Operation Electrical life Mechanical 1A Silver Alloy 5A/30VDC,250VAC ; 150W 1250VA 30VDC 250VAC 100m 1y105 2y107
min Load:10mA/5VDC Max. Switching Current:5A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (75%of rated voltage ) release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms
Coil resistance 10%
Rated 5 12 24
Max.
6.5 125 3.75 0.5 10 5 0.2W 15.6 720 9.00 1.2 31.2 2880 18.0 2.4 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 and 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 750V 50Hz 3000V
Surge voltage:6kV
Functional 100m/s2 11ms Endurance 1000m/s2 6ms 10~55Hz Functional double amplitude 1.5mm Endurance double amplitude 1.5mm 5N 230x2 10x0.5s -25~70 35%~85% 3g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
49
NG6D
Ordering Information
NG6D A DC12V
Coil rated DC Voltage
5V, 12V24V
Contact ArrangementA1A
Part numberNG6D
Dimensions (Unit: mm)
2,54 0.1
0.043
Mounting (Bottom views)
Dimensions
Wiring diagram (Bottom views)
mm 0.3 0.6 0.8 1.1 1.13 2.54 3.5 5.08 6.5 7.62 12.5 15.24 17.5
inch 0.012 0.020 0.031 0.043 0.044 0.100 0.138 0.200 0.244 0.300 0.492 0.600 0.689
2,54
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
DB LECTRO Inc.
0.1


▲Up To Search▲   

 
Price & Availability of NG6DADC12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X