|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NFN25 SERIES Dual and triple output * * * * * 85VAC to 264VAC universal input range 120VDC to 370VDC input voltage range Fixed frequency operation Overvoltage protection (+5V output) Meets EN55022 limit B and FCC part 15 limit B line conducted noise * VDE, UL and CSA approved The NFN25 Series of universal input, 25 Watt switching power supplies are mechanically equivalent to the industry standard NFS40, but are optimised for operation at lower output power levels. The NFN25 Series uses an advanced, fixed frequency design which further reduces the line-conducted noise below EN55022 and FCC limit B and specifies a much lower leakage current. The supplies deliver 25W continuous, 35W peak and regulate to zero load. NFN25 Series power supplies are particularly suitable for telecoms applications such as modems, PABX's and networking systems. [ 2 YEAR WARRANTY ] SPECIFICATION OUTPUT SPECIFICATIONS Output power Line regulation LL to HL, FL Total regulation (See Note 4) Overshoot/undershoot Transient response All specifications are typical at nominal input, full load at 25C unless otherwise stated ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS CON'T 25W 35W 0.2%, max. 1%, max. 0.2%, max. 2.0%, max. see table see table 0% 120mV max. dev. 500s recovery 0.02%/C, max. 6.25V 0.75V Switching frequency Fixed, 45kHz 5kHz IEC950, IEC1010, EN60950 UL1950, VDE0805, BABT CSA C22.2 No. 950 280g (9.6oz) MIL-HDBK-217E, 25C 170,000 hours 60W Pin limit, max. 35W Pin limit, min. Continuous Weight 85 to 264VAC 120 to 370VDC 47 to 440Hz Thermal performance MTBF Approvals and standards Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022, level B EN55022, level B EN61000-4-2, level EN61000-4-2, level EN61000-4-5, level EN61000-4-4, level EN61000-4-3, level EN61000-4-6, level Continuous Peak (60s) Main output (Output 1) Output 2 Output 3 Main output (Output 1) Auxilliary output Auxilliary output At turn-on +5V (1.5 to 3A step) 3 4 3 3 3 3 Perf. Perf. Perf. Perf. Perf. Perf. criteria criteria criteria criteria criteria criteria 1 1 1 1 2 1 GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage 110VAC input 230VAC input 25W output Input/output Input/chassis 16ms 80ms 70% typical 3000VAC 1500VAC Temperature coefficient All outputs Overvoltage protection Output power limit Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current 110VAC, cold start 230VAC, cold start 132VAC, 60Hz 264VAC, 50Hz +5V output Primary power limited ENVIRONMENTAL SPECIFICATIONS 15A max. 32A max. 155A, max. 261A, max. 0C to 50C ambient, 25W max. convection cooled 50C to +70C ambient Derate to convection cooled 50% load Peak (0C to +50C, 35W max. 60 seconds) Non-operating -40C to +85C Non-condensing Operating Non-operating 5% to 95% RH 10,000 feet max. 30,000 feet max. Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein. Relative humidity Altitude Vibration Random vibration 2.4G rms approx. Three orthogonal axes 5Hz to 500Hz 10 min. test per axis PAGE 1 AC/DC POWER SUPPLIES | 25W AC 25 Watt AC/DC universal input switch mode power supplies OUTPUT VOLTAGE +5.1V (A) +12.0V (B) -12.0V +5.1V +12.0V -12.0V +5.1V (A) +12.0V (B) OUTPUT CURRENTS MIN 0A 0A 0A 0A 0A 0A 0A 0A MAX (1) PEAK 5.0A 3.0A 1.0A 5.0A 1.0A 1.0A 5.0A 3.0A (2) RIPPLE (3) TOTAL REGULATION 2.0% 5.0% 5.0% 2.0% 2.0% 2.0% 2.0% 5.0% (4) MODEL NUMBER NFN25-7608 2.0A 1.5A 0.2A 3.0A 0.2A 0.2A 2.0A 1.5A 50mV 120mV 120mV 50mV 120mV 120mV 50mV 120mV NFN25-7628(5) NFN25-7629 Notes 1 2 Natural convection cooling. Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, outputs may go outside of total regulation limits. Total peak power output is 35 Watts. Figure is peak-to-peak. Output noise measurements are made across a 50MHz bandwidth using a 12" twisted pair, terminated with a 47F cap. Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits, load currents within stated limits and output voltages adjusted to their factory settings. Also, 0.5I(A)/I(B)3 to maintain stated regulation. This does not apply to the NFN25-7628. The NFN25-7628 has separately regulated +12V and -12V outputs. The loading condition in note 4 does not apply. Derate linearly from 25 Watts at 50oC to 12.5 Watts at 70oC. Derating curve is application specific for ambient temperatures > 50C, for optimum reliability no part of the heatsink should exceed 120oC and no semiconductor case temperature should exceed 125oC. Caution: Allow a minimum of 1 second after disconnecting the power before making thermal measurements. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. AC mating connector Molex 09-50-3031 or equiv. with Molex 08-50-0105 crimp terminals or equiv. DC mating connector Molex 09-91-0600 or equiv. with Molex 08-50-0164 crimp terminals or equiv. 5.00 (127.00) 3 4 0.156 (3.96) Dia. (4 Places) 5 6 7 NON-METALLIC STAND-OFF (SEE NOTE A) C5 MAXIMUM COMPONENT HEIGHT 1.2 inches Q1 1 T1 J2 2.550 (64.8) J1 3.00 (76.2) 8 9 ~ N ~ L F1 F 3.15A, H 250VAC P1 (SEE NOTE C) 0.22 (5.59) 4.55 (115.8) ALL DIMENSIONS IN INCHES (mm) 0.22 (5.59) PIN CONNECTIONS J1 Pin 1 Pin 2 J2 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 P1 Pin 1 Safety Earth Ground +12V +5.1V +5.1V Return Return -12V +12V +5.1V +5.1V Return Return -12V +12V +5.1V +5.1V Return Return N/C -7608 AC Live AC Neutral -7628 AC Live AC Neutral -7629 AC Live AC Neutral Mechanical notes A The ground pad of the mounting hole near P1 allows system grounding through a metal stand-off. B To improve conducted noise, the ground pad of the mounting hole near the output connector should be connected with the ground pad of the mounting hole near J3. Use metal stand-offs attached to a common metal chassis. This connection also significantly attenuates common mode noise. C A standard L-bracket and cover is available for mounting which contains all screws, connectors and necessary mounting hardware. Details are on page CHECK. Order part number `NFS40 COVER KIT'. DERATING CURVE (See Note 6, 7, 8 and 9) Output Power (Watts) 35W PEAK POWER, 60 SECONDS International Safety Standard Approvals 25W VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-10674 Licence No. 2559, 1651 UL1950 File No. E136005 CSA 22.2 No. 950 File No. LR41062C/LR50913/LR101320 4W 0W NATURAL CONVECTION COOLING 12.5W DS_NFN25_19980401.PDF 4W MIN. LOAD REQUIRED TO ACHIEVE DESIGN MTBF 0C 10C 20C 30C 40C 50C 60C 70C http://www.artesyn.com PAGE 2 |
Price & Availability of NFN25-7629 |