Part Number Hot Search : 
TNY265PN SHD11 014SBDY RB1212 5RF28 014SBDY STM1815T 014SBDY
Product Description
Full Text Search
 

To Download NFC10-48S15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFC10 SERIES
Single and dual output
* * * * * * * 10 Watts output power Power density 13.3W/in3 2:1 input voltage range UL, CSA and VDE safety approvals (48V input units) Overvoltage protection Extended operating temperature range Fixed switching frequency
The NFC10 offers 10 Watts of output power from a 2 x 1 x 0.375 inch package without derating to 71C. A range of 15 models with 2:1 wide input voltages of 9-18, 18-36 and 36-72VDC and single and dual outputs are offered. Features of the NFC10 series include fixed frequency operation, high MTBF, overvoltage protection and tight load regulation. All of the models have been designed to meet EN60950 (Vin <60VDC) safety requirements. Typical applications are telecommunications, industrial automation and distributed power.
[ 2 YEAR WARRANTY ]
SPECIFICATION
OUTPUT SPECIFICATIONS Line regulation Load regulation Total error band Ripple and noise Transient response Temperature coefficient Overvoltage protection clamp Short circuit protection (See Note 9) INPUT SPECIFICATIONS Input voltage range 12VDC 24VDC 48VDC
All specifications are typical at nominal input, full load at 25C unless otherwise stated GENERAL SPECIFICATIONS 1.0% 1.0% 1.0% typ. 2.0% typ. 3.0% max. 5.0% max. 100mV pk-pk, max. 20mV rms max. 2.0% max. dev., 500s recovery 0.02%/C, max. Efficiency Isolation voltage See table Input/output Fixed Safety 79% to 86% 500VAC/710VDC 400kHz 10% VDE0805, EN60950, IEC950, UL1950 CSA C22.2 No. 950 Thick aluminum alloy, hard black anodized finish UL94V-0 10% glass reinforced polyetherimide GE ULTEM #2110 or equivalent UL94V-0 27g (0.95oz.) MIL-HDBK-217E 760,000 hours
LL to HL, single output LL to HL, dual output FL to 10% FL, singles FL to 10% FL, duals Singles Duals 5Hz to 20MHz 25% step
Switching frequency Approvals and standards See Note 5 Case material Cover material
Single output Dual output
125% Vout 125% Vout total Continuous automatic recovery
Material flammability Weight MTBF
ENVIRONMENTAL SPECIFICATIONS 9 to 18VDC 18 to 36VDC 36 to 72VDC Pi filter Thermal performance Operating ambient -25C to +71C Max. case temperature, +110C max. (See Notes 6, 8) Non-operating amb., -55C to +125C Option, ambient, -40C to +71C (See Note 7) Derating (See curve, None to +71C and Note 8) Cooling Free air convection cooled
Input filter Surge protection Continuous protection 24VDC 48VDC
50V for 100ms 100V for 100ms 75VDC
ETSI requirement for 48V and 60VDC telecoms
International Safety Standard Approvals: 48V input units
VDE0805/EN60950/IEC950 File No. 10401-3336-1077, VDE licence No. 1663 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C/LR50913C/LR101320
PAGE 110
DC/DC CONVERTERS
|
10W DC/DC
10 Watt Wide input DC/DC converters
INPUT VOLTAGE
(1)
OUTPUT VOLTAGE 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 12VDC 15VDC 12VDC 15VDC
OVP 6.2VDC 15VDC 18VDC 30VDC 36VDC 6.2VDC 15VDC 18VDC 30VDC 36VDC 6.2VDC 15VDC 18VDC 30VDC 36VDC
OUTPUT CURRENT 2000mA 833mA 666mA 416mA 333mA 2000mA 833mA 666mA 416mA 333mA 2000mA 833mA 666mA 416mA 333mA
INPUT CURRENT 1085mA 1055mA 1055mA 1055mA 1055mA 535mA 530mA 530mA 520mA 520mA 265mA 260mA 260mA 255mA 255mA
REGULATION
(2)
EFFICIENCY 79% 82% 82% 81% 81% 81% 84% 84% 82% 82% 82% 86% 86% 84% 84%
LINE
(3)
LOAD
(4)
MODEL NUMBER NFC10-12S05 NFC10-12S12 NFC10-12S15 NFC10-12D12 NFC10-12D15 NFC10-24S05 NFC10-24S12 NFC10-24S15 NFC10-24D12 NFC10-24D15 NFC10-48S05 NFC10-48S12 NFC10-48S15 NFC10-48D12 NFC10-48D15
9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC Notes
1 2 3 4 5 6 7
1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0%
1.0% 1.0% 1.0% 2.0% 2.0% 1.0% 1.0% 1.0% 2.0% 2.0% 1.0% 1.0% 1.0% 2.0% 2.0%
8
9
Nominal input voltages are 12VDC, 24VDC and 48VDC. Maximum figure, at full load. Measured from high line to low line. Measured from full load to 10% full load. Designed to meet EN60950 with an input voltage that does not exceed the SELV limit of 60VDC. Maximum case temperature must not be exceeded. Derating curve may be extended or restricted depending on available cooling. Extended operating temperature range is available on the following models: NFC10-12S12, -24S05, -24S12, -24S15. The suffix `-4' must be added to the model number, e.g. NFC10-24S05-4. Derating curve assumes unrestricted natural convection cooling. Higher ambient temperatures are permitted with forced air cooling, if the case temperature does not exceed 110C. Long term continuous operation into a short circuit will compromise the reliability of the unit.
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 SINGLE OUTPUT + Input - Input + Output No Pin - Output DUAL OUTPUT + Input - Input + Output Common - Output
5
0.16 MIN (4.06)
0.37 MAX. (9.50)
DERATING CURVE (See Note 8)
Output Power (Watts)
-25C
10W
71C
0.60 (15.20) 0.200 (5.100)
0.800 (20.300) 3 BOTTOM 1 VIEW 2 5 2.00 (50.80) 4
0.040 DIA. (1.000)
-4 OPTION
0.100 0.500 (2.500) (12.700) 1.00 (25.40)
0W
110C 0C 20C 40C 60C 80C 100C 120C
0.400 (10.200)
-40C -20C
7.600 (0.300)
DIMENSIONS IN INCHES (mm) Tolerance .xx = 0.02 .xxx = 0.005
DS_NFC10_20000101.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 111


▲Up To Search▲   

 
Price & Availability of NFC10-48S15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X