Part Number Hot Search : 
XLR700 FMBN16BE KBU10 TA1414A 00006 HV518 ST37001 01V9A
Product Description
Full Text Search
 

To Download N932C15DC12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO INC
N932
31x23 Features
n n
Switching capacity up to 15A. Suitable for automation system and auxiliary automobile etc.
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1C Au AgNi 15A/14VDC 210W 15VDC 50m Max. 105 107
Max. Switching Current:15A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (67%of rated voltage ) Release voltage VDC(min) (10% of rated voltage) Operate Time ms Max. Release Time ms Max.
Coil resistance 10%
Coil power consumption W
Rated
Max.
12
15.6
120
8
1.2
1.2
10
8
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance1) Dielectric Strength 1) Between contacts Between contact and coil 100M min (at 500VDC) 50Hz 500V 50Hz 500V Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5
Shock resistance 100m/s 2 11ms IEC68-2-27 Test Ea method 1 Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 8N IEC68-2-21 Test Ua2 Solderability IEC68-2-20 Test Ta method 1 230 C2 C 100.5s Ambient Temperature -40~125 C Relative Humidity 85% (at 40 C) IEC68-2-3Test Ca Mass 31g Note: 1). When testing, coil terminals shall be connect ,if coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table IV of IEC255-19-1 and minimum sample size 24.
107
N932
Ordering Information
N932 C 15DC12V D
Coil transient suppression: D:with diod , Nil: without diod Coil rated DC Voltage:12V Contact Rating: 15:15A/14VDC Contact Arrangement :C:1C Part number:N932 Dimensions (Unit: mm)
30 86 85
mm 3.4 9 20 23 31
inch
Dimensions
Mounting (Bottom views)
30 87 85 86 (+)
Wiring diagram (Bottom views)
87 a 87
0.134 0.354 0.787 0.905 1.220
87a
DB LECTRO INC 108


▲Up To Search▲   

 
Price & Availability of N932C15DC12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X