Part Number Hot Search : 
150FGXTU CHV21H80 2SB1236 B04180 00FTA MAX54 ES300XP IFN421
Product Description
Full Text Search
 

To Download N1500-96-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N1500 and N2000 SERIES
Single, and dual output
* * * * * * * * Active harmonic correction to EN61000-3-2 180VAC to 264VAC input voltage range Flexible output voltage configuration Two output power ratings Forced current sharing, all outputs DC OK (including LED) UL, CSA and TUV safety approvals Industry standard 5 x 8 x 11 inch footprint
[ 2 YEAR WARRANTY ]
The N1500 and N2000 series are a range of system-orientated, single or dual output power supplies with output powers of 1500W and 2000W. Harmonically corrected, they operate from 180VAC to 264VAC. World wide safety approvals are standard. Fan cooled and enclosed in the industry standard 5 x 8 x 11 inch form, the N1500 and N2000 series are an ideal choice when the economy and predictable performance of a centralized system power supply are desired. By utilizing dual high current converters, operating independently or together, a wide variety of output voltage and current combinations can be factory configured. The N1500 and N2000 extend the range of the N1000 family. Forced current share provides higher current to satisfy needs in large systems, or to power expansion chassis. Dual output models at 5VDC/12VDC are perfect to power mass storage systems. Other applications might use 5VDC/3.3VDC, both operating at high currents. Single output versions, operating alone or in redundant mode provide an economic power source for distributed systems. System interface signals include AC and DC good, current monitor (V1). OVP, OCP, overtemperature protection, remote enable, margin check inhibit as standard. By combining robust performance and broad range, the N1500 and N2000 series sets the standard for centralized system power supplies.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage adjustability Remote sense
(2)
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 10% Radiated emissions Conducted emissions Harmonic distortion Electrostatic discharge RF field susceptibility Electrical fast transients/bursts Surge susceptibility EN55022/11, FCC part 15 EN55022/11, FCC part 15 EN61000-3-2 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 Level A Level A Conforms Level 3 Level 3 Level 3 Level 3
Accessible at front panel
Open/reverse sense lead protection Compensates for voltage drop of up to 0.5V to the load 0.2%; 10mV min.
Regulation, line or load All outputs, NL-FL at nominal line or all line variations at FL Cross regulation Overshoot/undershoot Transient response Main output 25% step load change at 1A/s
0.2% max. or 10mV between outputs None at turn-on/off 2.0% max. dev., 200s recovery to 1.0% 0.02%/C 0Hz to 20MHz 50mV pk-pk or 1.0% 115 to 130% of nominal
GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage 180VAC, 2kW load 230VAC, full load Input/output Input/chassis Output/output 15ms min. 73% 3000VAC 1500VAC 500VAC 100kHz EN60950, UL1950, CSA C22.2 No. 950 6.9kg (15Ibs) 5 x 8 x 11 inches 127 x 203.2 x 279.4 mm per MIL-HDBK-217E 100,000 hours
Temperature coefficient Ripple and noise Overvoltage protection Overload protection Short circuit protection Thermal protection Current sharing Current monitor (V1) 5.0% 5VDC at full load All outputs
Switching frequency Approvals and standards Weight Size MTBF
Reset by cycling AC
105-115% full load Auto recovery Auto shutdown, AC reset 50% to 100% load 0.5V
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient Non-operating 60CFM 0C to +50C -15C to +85C
INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Input current Power factor Power up time 180 to 264VAC 47Hz to 63Hz
Cooling Relative humidity
Internal DC ball bearing fan 0% to 95% RH 6,000 feet max. 55,000 feet max. 2.4G rms peak
Non-condensing Operating Non-operating 5Hz to 500Hz
Meets IEEE std. 587.1980; 3KV ring wave 230VAC, 2000W 230VAC, 2kW load Full load 13A 0.98 min. 1.0s max.
Altitude Vibration
PAGE 1
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1500-2000W AC/DC
1500 and 2000 Watt AC/DC high wattage power supplies with PFC
MAX. OUTPUT POWER 1500W 1500W 1500W 1500W 1500W 1500W 1500W 1500W 2000W 2000W 2000W 2000W 2000W 2000W 2000W 2000W
(1)
OUTPUT V1 VOLTAGE/CURRENT 3.3V @ 300A 5.0V @ 300A 12V @ 125A 24V @ 62A 28V @ 54A 48V @ 31A 5.0V @ 200A 5.0V @ 200A 5.0V @ 360A 12V @ 150A 24V @ 83A 28V @ 71A 48V @ 42A 5.0V @ 240A 5.0V @ 240A 5.0V @ 240A
OUTPUT V2 VOLTAGE/CURRENT MODEL NUMBER N1500-96-9 N1500-96-1 N1500-96-2 N1500-96-4 N1500-96-5 N1500-96-6 12V @ 50A 24V @ 24A N1500-96-12 N1500-96-14 N2000-96-1 N2000-96-2 N2000-96-4 N2000-96-5 N2000-96-6 12V @ 66A 24V @ 33A 3.3V @ 120A N2000-96-12 N2000-96-14 N2000-96-19
International Safety Standard Approvals
TUV Certificate No. R9172062
VDE0805/EN60950/IEC950 File No. R917062 UL1950 File No. E135734 CSA C22.2 No. 950 Bulletin No. 1402C
http://www.artesyn.com
PAGE 2
1500-2000W AC/DC
|
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
1500 and 2000 Watt AC/DC high wattage power supplies with PFC
Mechanical notes
A AC connector is 3 position terminal block (#8 screws included), mating to #8 ring tongue terminal. B DC output is 5/16-18 studs mating to 5/16 terminal lugs. C J-1 signal connector is Molex 39-30-1140 or equivalent. Mating connector is Molex 39-01-2140 or equivalent. D J-2 signal connector is Molex 39-01-1120 or equivalent. Mating connector is 39-01-2120 or equivalent. E Signal connector contacts are Molex 39-00-0039 or equivalent. F TB1 and J2 are not installed on single output models. G Alternate I/O configurations are available. Please consult factory for further details.
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
OUTPUT PIN CONNECTIONS J1 J2 + Sense (V1) (4) + Sense (V2) Current Monitor (V1) (5) - Sense (V2) Inhibit (5) Current Share (V2) - Sense (V1) (4) Inhibit (5) No Connection N/A No Connection N/A Current Share (5) N/A Remote Adj. (V1) (6) N/A AC Good (5) N/A Chassis Ground N/A Logic Ground N/A Margin (7) N/A No Connection N/A DC OK (5,8) N/A
Notes
1 2 3 4 5 6 7 8 1500W or 2000W max. power. All outputs isolated. Specifications refer to all outputs except as noted (V1). Signal referenced to V1 output neg. sense trim. Use 20AWG or larger twisted pair. Reference to Logic Ground (Pin J1-J11). See Figure 4. See Figure 3. See Figure 5.
12.13 Max. (308.10) 11.00 (279.40) 0.75 (19.05) 6.750 (171.450) AC Input (# 8 Screws)
ACH ACN
5.00 (127.0)
4.00 (101.60)
+ V1 +
0.90 (22.86)
_ V1 J1
1.30 (33.02) 0.50 (12.7)
8-32 x 0.29 (7.37) Deep (4) Both Sides 1.13 (28.70) 2.80 (71.12) 5.75 (146.05) 0.90 (22.86)
Main Output 5/16 - 18 Studs 50 IN-LB Torque Max.
J1
AIRFLOW
PIN 1
1.00 (25.40) 0.90 (22.86)
8.00 (203.2)
8-32 x 0.29 (7.37) Deep (4) Top and Bottom
ALL DIMENSIONS IN INCHES (mm)
PAGE 3
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1500-2000W AC/DC
1500 and 2000 Watt AC/DC high wattage power supplies with PFC
FIG. 1
15V 10K J1-P3
FIG. 2 (Ref. FIG 5)
J1-P9 AC Good, J1-P14 DC OK Low = Power/Output fail High = Power/Output OK External Pull-up Required Sink Current 20mA (On Voltage 0.7V)
FIG. 5
AC Power Fail Signal/DC OK Timing
AC Input Voltage
170Vrms 0V >10ms
AC Good Flag
Close to Enable
>5ms
FIG. 3
Open = Nominal Voltage 5V Tie to +5V for High Margin Tie to Logic Ground (J1-11) For Low Margin.
FIG. 4
Output Voltage
DC Outputs
DC Good Flag
(J1-P8) > 10K
(J1-P12) Margin Sense
STANDARD CONTROL SIGNALS Remote enable DC OK (See Figures 2 and 5) AC power fail signal (See Figure 5) Margin Hi/Lo (V1) (See Figure 3) Remote Adjust (See Figure 4) Current Monitor See Figure 1 Signal remains "Hi" as long as output is 5.0% of nominal. Signal "Hi" when AC >170VAC and "Lo" when <150VAC. Allows 5.0% change in output for system margin checking. The outputs may be remotely adjusted linearly 10%. Analog signal indicates load current in single or parallel operation. 50.5VDC represents FL, resistive load 103k.
DS_N1500/N2000_19980401.PDF
http://www.artesyn.com
PAGE 4


▲Up To Search▲   

 
Price & Availability of N1500-96-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X