Part Number Hot Search : 
08189 TDA7518 IL386D ET192 08189 12864F Z0103NN R14250SE
Product Description
Full Text Search
 

To Download N1000-96-1224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N1000 and N1200 SERIES
Single, dual, triple and quad output
* * * * * * * * Active harmonic correction to EN61000-3-2 90VAC to 264VAC universal input Flexible output voltage configuration Two output power ratings Forced current sharing, all outputs DC OK (including LED) UL, CSA and TUV safety approvals Industry standard 5 x 8 x 11 inch footprint
[ 2 YEAR WARRANTY ]
The N1000 and N1200 series are a range of systems-orientated, one to four output power supplies which provide 1000W or 1200W of continuous power at line voltages from 90VAC to 264VAC. Both series are harmonically corrected and carry world wide safety approvals. Fully enclosed, fan cooled and in the industry standard 5 x 8 x 11 inch form, the N series is an ideal choice when the economy and predictable performance of a centralized system power supply are desired. A unique dual converter architecture isolates the 5VDC logic output and the peripheral voltages. Maximum flexibility is provided as power budgets shift and change during the design cycle or as system upgrades are implemented. This overcomes a major shortfall of many system power supplies which use a single converter. To meet redundancy requirements, each output rail is isolated, individually regulated and features forced current share. System interface signals include AC and DC Good, current monitor (V1), overvoltage, OCP, overtemperature protection, remote enable, margin check and inhibit as standard. By combining robust performance and broad range, the N Series sets the standard for centralized system power supplies.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage adjustability Remote sense
(2)
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 10% Radiated emissions Conducted emissions Harmonic distortion Electrostatic discharge RF field susceptibility Electrical fast transients/bursts Surge susceptibility EN55022/11, FCC part 15 EN55022/11, FCC part 15 EN61000-3-2 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 Level A Level A Conforms Level 3 Level 3 Level 3 Level 3
Accessible at front panel
Open/reverse sense lead protection Compensates for voltage drop of up to 0.5V to the load 0.2%; 10mV min.
Regulation, line or load All outputs, NL-FL at nominal line or all line variations at FL Cross regulation Overshoot/undershoot Transient response Main output 25% step load change at 1A/s
0.2% max. or 10mV between outputs None at turn on/off 2.0% max. dev., 200s recovery to 1.0% 0.02%/C 0Hz to 20MHz 50mV pk-pk or 1% 115 to 130% of nominal
GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage 90VAC, 1KW load 230VAC, full load Input/output Input/chassis Output/output 24ms min. 73% 3000VAC 1500VAC 500VAC 100kHz EN60950, UL1950, CSA C22.2 No. 950 6.9kg (15Ibs) 5 x 8 x 11 inches 127 x 203.2 x 279.4 mm per MIL-HDBK-217E 100,000 hours
Temperature coefficient Ripple and noise Overvoltage protection Overload protection Short circuit protection Thermal protection Current sharing Current monitor (V1) 5.0% 5VDC at full load All outputs
Switching frequency Approvals and standards Weight Size MTBF
Reset by cycling AC
105-115% full load Auto recovery Auto shutdown, AC reset 50% to 100% load 0.5V
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient Non-operating 60CFM 0C to +50C -15C to +85C
INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Input current Power factor Power up time 90 to 264VAC 47Hz to 63Hz Meets IEEE std. 587.1980; 3KV ring wave 120VAC, 1000W 115/230VAC, 1kW load Full load 12A 0.995 min. 1.0s max.
Cooling Relative humidity Altitude Vibration
Internal DC ball bearing fan 0% to 95% RH 6,000 feet max. 55,000 feet max. 2.4G rms peak
Non-condensing Operating Non-operating 5Hz to 500Hz
PAGE 1
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1000-1200W AC/DC
1000 and 1200 Watt AC/DC high wattage power supplies with PFC
MAX. OUTPUT POWER 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1000W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W 1200W
(1)
OUTPUT V1 VOLTAGE/CURRENT 3.3V @ 200A 5.0V @ 200A 5.0V @ 150A 5.0V @ 150A 5.0V @ 150A 5.0V @ 150A 5.0V @ 150A 5.0V @ 150A 5.0V @ 150A 2.0V @ 240A 3.3V @ 240A 5.0V @ 240A 12V @ 100A 24V @ 50A 28V @ 43A 48V @ 25A 5.0V @ 200A 5.0V @ 200A 48V @ 25A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 5.0V @ 175A 24V @ 42A
OUTPUT V2 VOLTAGE/CURRENT
OUTPUT V3 VOLTAGE/CURRENT
OUTPUT V4 VOLTAGE/CURRENT MODEL NUMBER N1000-96-9 N1000-96-1
12V @ 25A 12V @ 30A 12V @ 25A 12V @ 25A 5.0V @ 30A 3.3V @ 30A 24V @ 15A
12V @ 20A 5.0V @10A 12V @ 15A 12V @ 10V 12V @ 20V 12V @ 20A 12V @ 10A 5V @ 10A 24V @ 5.0A 12V @ 10A 12V @ 10A 12V @ 5.0A
N1000-96-122 N1000-96-121 N1000-96-1221 N1000-96-1224 N1000-96-1122 N1000-96-1922 N1000-96-1422 N1200-96-0 N1200-96-9 N1200-96-1 N1200-96-2 N1200-96-4 N1200-96-5 N1200-96-6
12V @ 40A 24V @ 20A 24V @ 20A 12V @ 30A 12V @ 35A 12V @ 30A 3.3V @ 40A 12V @ 30A 12V @ 30A 15V @ 30A 5.0V @ 40A 3.3V @ 40A 24V @ 20A 5.0V @ 40A 12V @ 20A 5V @ 20A 24V @ 15A 12V @ 20A 12V @ 20A 12V @ 10A 15V @ 10A 12V @ 20A 12V @ 20A 12V @ 10A 12V @ 20A 5V @ 10A 24V @ 5A 5V @ 10A 12V @ 10A 12V @ 10A 12V @ 5A 12V @ 10A
N1200-96-12 N1200-96-14 N1200-96-64 N1200-96-122 N1200-96-121 N1200-96-124 N1200-96-192 N1200-96-1221 N1200-96-1224 N1200-96-1331 N1200-96-1122 N1200-96-1922 N1200-96-1422 N1200-96-4122
International Safety Standard Approvals
TUV Certificate No. R9172062
VDE0805/EN60950/IEC950 File No. R917062 UL1950 File No. E135734 CSA C22.2 No. 950 Bulletin No. 1402C
http://www.artesyn.com
PAGE 2
1000-1200W AC/DC
|
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
1000 and 1200 Watt AC/DC high wattage power supplies with PFC
Mechanical notes
A AC connector is 3 position terminal block (#8 screws included), mating to #8 ring tongue terminal. B DC output is 5/16-18 studs mating to 5/16 terminal lugs. C J1 signal connector is Molex 39-30-1140 or equivalent. Mating connector is Molex 39-01-2140 or equivalent. D J2 signal connector is Molex 39-01-1120 or equivalent. Mating connector is 39-01-2120 or equivalent. E Signal connector contacts are Molex 39-00-0039 or equivalent. F Auxiliary DC output(s) are 6 position terminal block (#8 screws included) mating to #8 ring tongue terminal. G TB1 and J2 are not installed on single output models.
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
OUTPUT PIN CONNECTIONS J1 J2 + Sense (V1) (4) + Sense (V2) Current Monitor (V1) (5) - Sense (V2) Inhibit (5) Current Share (V2) - Sense (V1) (4) + Sense (V4) No Connection - Sense (V4) No Connection Current Share (V4) Current Share (5) Remote Adj. (V2) (6) (6) Remote Adj. (V1) Remote Adj. (V3) (6) (5) AC Good Remote Adj. (V4) (6) Chassis Ground Current Share (V3) Logic Ground - Sense (V3) Margin (7) + Sense (V3) No Connection N/A DC OK (5,8) N/A
Notes
1 2 3 4 5 6 7 8 1000W or 1200W max. power. 500/600W max. power (V2 thru V4). All outputs isolated. Specifications refer to all outputs except as noted (V1). Signal referenced to V1 output neg. sense trim. Use 20AWG or larger twisted pair. Reference to Logic Ground (Pin J1-11). See Figure 4. See Figure 3. See Figure 5.
12.13 Max. (308.10) 11.00 (279.40) 0.75 (19.05) 6.750 (171.450) Auxiliary Outputs (# 8 Screws) AC Input (# 8 Screws)
+ v 2 -
ACH ACN
V2 V3 V4
5.00 (127.00)
4.00 (101.60)
T B 1
+ v 3 -
0.90 (22.86)
J 2
+ v 4 -
V1
+
TB1 and J2 are Not Installed on Single Output Models
_ V1 J 1
1.30 (33.02) 0.50 (12.70)
8-32 X 0.29 (7.37) Deep (Max.) (4) Both Sides 1.13 (28.70) 2.80 (71.12) 5.75 (146.05) 0.90 (22.86)
Main Output 5/16 - 18 Studs 50 IN-LB Torque Max.
J1
AIRFLOW
Pin 1
8.00 (203.2) 8-32 x 0.29 (7.37) Deep (Max.) (4) Top and Bottom
J2
Pin 1 ALL DIMENSIONS IN INCHES (mm)
PAGE 3
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
1000-1200W AC/DC
1000 and 1200 Watt AC/DC high wattage power supplies with PFC
FIG. 1
15V 10K J1-P3
FIG. 2 (Ref. FIG 5)
J1-P9 AC Good, J1-P14 DC OK Low = Power/Output fail High = Power/Output OK External Pull-up Required Sink Current 20mA (On Voltage 0.7V)
FIG. 5
AC Power Fail Signal/DC OK Timing
AC Input Voltage
85Vrms 0V >10ms
AC Good Flag
Close to Enable
>5ms
DC Outputs
FIG. 3
Open = Nominal Voltage 5V Tie to +5V for High Margin Tie to Logic Ground (J1-11) For Low Margin.
FIG. 4
Output Voltage (J1-P8) > 10K
DC Good Flag
(J1-P12) Margin Sense
STANDARD CONTROL SIGNALS Remote enable DC OK (See Figures 2 and 5) AC power fail signal (See Figure 5) Margin Hi/Lo (V1) (See Figure 3) Remote Adjust (See Figure 4) Current Monitor See Figure 1 Signal remains "Hi" as long as output is 5.0% of nominal. Signal "Hi" when AC >85VAC and "Lo" when <75VAC. Allows 5.0% change in output for system margin checking. The outputs may be remotely adjusted linearly 10%. Analog signal indicates load current in single or parallel operation. 50.5VDC represents FL, resistive load 103k.
DS_N1000/N1200_19980401.PDF
http://www.artesyn.com
PAGE 4


▲Up To Search▲   

 
Price & Availability of N1000-96-1224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X