Part Number Hot Search : 
GC100 39VF1601 S20S90CR EN8162A VFD10C05 2405D L35GI LT050PS
Product Description
Full Text Search
 

To Download MH302-PCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MH302
Product Features
* * * * * * *
The Communications Edge TM Product Information
PCS/UMTS-band Quad-FET Mixer
Product Description
The MH302 is a passive Quad-MOSFET mixer that provides high dynamic range performance in a low cost 3x3 mm 6-pin DFN (Dual Flat No-Lead) leadfree/green/RoHS-compliant package. WJ's MH302 uses patented techniques to realize +27 dBm Input IP3 at an LO drive level of +13 dBm when used in a simple application circuit with a low-side LO configuration. The LO can also be driven with higher power levels up +20 dBm to achieve higher IP3 performance. This mixer integrates internal circuitry to provide single-ended interfaces for the RF & LO ports. Typical applications include frequency up/down conversion, modulation and demodulation for receivers and transmitters used in 3G UMTS, PCS, and DCS1800 mobile infrastructure.
Functional Diagram
IF1 1 6 IF2
+27 dBm Input IP3 RF 1800 - 2000 MHz IF 200 - 300 MHz Low-side LO configuration +13 dBm LO Drive Level High L-I & L-R Isolation (>30 dB)
Lead-free/green/RoHS-compliant
GND
2
5
GND
LO
3
MH302
4
RF
6-pin 3x3 mm DFN package * No External Bias Required
Applications
* 2.5G/3G GSM/CDMA/WCDMA
Function IF Differential Input LO port RF port IF differential Input Ground
Pin No. 1 3 4 6 2, 5
Specifications
Parameters
RF Frequency Range LO Frequency Range IF Frequency Range SSB Conversion Loss Input IP3 Input IP3 Input IP3 Input 1 dB Compression Point Noise Figure LO Input Drive Level LO-RF Isolation LO-IF Isolation Return Loss: RF Port Return Loss: LO Port Return Loss: IF Port
1. 2. 3. 4. 5.
Units
MHz MHz MHz dB dBm dBm dBm dBm dB dBm dB dB dB dB dB
Minimum
1800 1540 200 +23 +26 +23 +16
Typical
Maximum
2000 1740 300 8.0
Comments
28 29
260 7.5 +25 +27 +25 +18 8 +13 32 35 15 10 15
See note 2 See note 3 RF = 1.8 GHz, See note 4 RF = 1.9 GHz, See note 4 RF = 2.0 GHz, See note 4 See note 5
Data was taken using an application board in a 50 system, with a low side LO at +13 dBm in a downconverting application at 25 C with an IF frequency = 260 MHz. An IF frequency of 260 MHz is a nominal frequency. The IF frequency can be specified by the user within the constraints of the specified minimum and maximum RF & LO frequency range. The conversion loss includes the loss of an IF transformer (M/A COM ETK4-2T, nominal loss 0.7 dB at 260 MHz). Input IP3 is measured using two tones with an input power of +3 dBm / tone separated by 1 MHz. Although the input P1dB level is much higher, the continuous RF input power should not exceed +12 dBm. Operation above +12 dBm may cause permanent damage.
Absolute Maximum Ratings
Parameters
Operating Case Temperature Storage Temperature LO Input Power RF Input Power -40 to +85 C -40 to +125 C +20 dBm +12 dBm
Rating
Ordering Information
Part No.
MH302-G MH302-PCB
Description
PCS/UMTS-band Quad-FET Mixer
(lead-free/green/RoHS-compliant Package)
Fully-Assembled MH302 Application Board
Specifications and information are subject to change without notice
Operation of this device above any of these parameters may cause permanent damage.
WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com
Page 1 of 3 April 2006
MH302
Input IP3 vs RF Frequency +25 C, LO = +13 dBm 30
The Communications Edge TM Product Information
PCS/UMTS-band Quad-FET Mixer
Typical Performance Charts
Input IP3 vs RF Frequency +25 C, IF = 260 MHz 35
45
Isolation vs LO Frequency 25 C, LO = +13 dBm
Input IP3 (dBm)
Input IP3 (dBm)
25
30
Isolation (dB)
40
L-I L-R
20
IF = 300 MHz IF = 260 MHz IF = 200 MHz
25 LO = +17 dBm LO = +15 dBm LO = +13 dBm LO = +11 dBm 1800 1900 2000 2100
35
15
20
30
10 1700
1800
1900
2000
2100
15 1700
25 1440
1540
1640 LO Frequency (MHz)
1740
1840
RF Frequency (MHz)
RF Frequency (MHz)
Conversion Loss vs RF Frequency +25 C, LO = +13 dBm 10 Conversion Loss (dB) Conversion Loss (dB) 9 8 7 6 5 1700 IF = 300 MHz IF = 260 MHz IF = 200 MHz 10 9 8 7 6 5 1700
Conversion Loss vs RF Frequency +25 C, IF = 260 MHz LO = LO = LO = LO = +11 dBm +13 dBm +15 dBm +17 dBm
1800
1900
2000
2100
1800
1900
2000
2100
RF Frequency (MHz)
RF Frequency (MHz)
Return Loss vs RF Frequency +25 C, IF = 260 MHz, LO = +13 dBm 0 LO Return Loss (dB) RF Return Loss (dB) -5 -10 -15 -20 -25 1750 0 -5 -10 -15 -20 -25 1440
Return Loss vs LO Frequency +25 C, LO = +13 dBm 0 IF Return Loss (dB) -5 -10 -15 -20 -25 200
Return Loss vs IF Frequency +25 C, RF = 1900 MHz, LO = +13 dBm
1800
1850
1900
1950
2000
2050
1540
1640
1740
1840
225
250 IF Frequency (MHz)
275
300
RF Frequency (MHz)
LO Frequency (MHz)
Application Circuit
3 2 6-lead 6-pin MLPM DFN
3 x 3 mm
1
T2
LO RF
IF
4
5
6
M/A-Com E-Series, ETK4-2T RF 4:1 Transformer, 2.0 - 1000 MHz
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 2 of 3 April 2006
MH302
The Communications Edge TM Product Information
PCS/UMTS-band Quad-FET Mixer
MH302-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the leads is annealed matte tin over copper. It is compatible with both lead-free (maximum 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes.
Package Information
Product Marking
The component will be laser marked with a model number "G302" designator exactly as shown followed by an assembly date code in location shown by "YYWW". A laser marked lot code will be in the location shown by "XXX" and is unique for every assembly lot. The obsolete tin-lead package is marked with an "M302" designator. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com
G302 YYWW XXX
G302 YYWW XXX *
Functional Schematic Diagram
LO
180o Two-Way Power Divider
IF
RF
180o Two-Way Power Divider
MH302
ESD / MSL Information
ESD Rating: Value: Test: Standard: MSL Rating: Standard: Class 1B Passes at 500 V Human Body Model (HBM) JEDEC Standard JESD22-A114 Level 1 at 260 C convection reflow JEDEC Standard J-STD-020
Specifications and information are subject to change without notice Page 3 of 3 April 2006


▲Up To Search▲   

 
Price & Availability of MH302-PCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X