Part Number Hot Search : 
A3P125 AD1582 AOZ8234 MMSZ5251 MP28128 MC74HC85 KK74A STC6823
Product Description
Full Text Search
 

To Download MBR1060CL-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD MBR1060C
SCHOTTKY BARRIER RECTIFIER DIODES
FEATURES
* Schottky Barrier Chip * Guard Ring Die Construction for Transient Protection * Low Power Loss, High Efficiency * High Surge Capability * High Current Capability and Low Forward Voltage Drop * For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications
DIODE
1 TO-220
SYMBOL
1 3 2 (CASE)
*Pb-free plating product number: MBR1060CL
ORDERING INFORMATION
Order Number Normal Lead Free Plating MBR1060C-TA3-T MBR1060CL-TA3-T Note: Pin Assignment: A: Anode K: Cathode Package TO-220 Pin Assignment 1 2 3 A K A Packing Tube
MBR1060CL-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) TA3: TO-220 (3) L: Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 1
QW-R601-019,A
MBR1060C
ELECTRICAL CHARACTERISTICS RATINGS (Ta=25 , unless otherwise specified)
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Working Peak Reverse Voltage Maximum PMS Reverse Voltage Average Forward Rectified Output Current (Note 1)(TC=105 ) Non-Repetitive Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Repetitive Peak Reverse Surge Current (tP 2.0s) IF=5.0A, TC=125 IF=5.0A, TC=25 Forward Voltage Drop IF=10A, TC=25 TC= 25 Peak Reverse Current at Rated DC Blocking Voltage TC=125 SYMBOL VRRM VR VRWM VR(RMS) IOUT IFSM IRRM VFM RATINGS 60 60 60 42 10 125 1.0 0.70 0.80 0.95 0.1 15 150 -65 ~ +150 -65 ~ +150
DIODE
UNIT V V V V A A A V V V mA mA pF
IRM
Typical Junction Capacitance (Note 2) CJ Operating Temperature TJ Storage Temperature TSTG Notes: 1. Thermal resistance junction to case mounted heat sink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or system s where m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 2
QW-R601-019,A


▲Up To Search▲   

 
Price & Availability of MBR1060CL-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X