Part Number Hot Search : 
74HC6 U1600 T72V3 470K400 MAX41 0601NP0 2SD140 54M00
Product Description
Full Text Search
 

To Download LXM1643-12-62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
DESCRIPTION
KEY FEATURES
WWW .Microsemi .C OM
The LXM1643-12-62 is a Quad 6W Output Direct DriveTM CCFL (Cold Cathode Fluorescent Lamp) Inverter Module specifically designed for driving LCD backlight lamps. It is ideal for driving typical 12.1" to 18.1" TFT panels. LXM1643 modules provides the designer with a vastly superior display brightness range then typical with analog (amplitude control) dimming. The inverter includes a dimming input that permits brightness control from either a DC voltage source or a PWM signal or external Potentiometer. The maximum output current is externally programmable over a range of 5 to 8mA in 1mA steps to allow the inverter to properly match to a wide array of LCD panel lamp current specifications. RangeMAX Digital Dimming Technique provides flicker-free brightness control in any wide range typically (50:1+) dimming application.
The resultant "burst drive" that energizes the lamp was designed specifically to ensure that no premature lamp degradation occurs, while allowing significant power savings at lower dim levels. The modules convert DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. The LXM1643-12-62 inverter is intended for panel assemblies with individual lamp connections, or where lamps are spaced apart from each other. The LXM1643-12-61 inverter should be used for panel applications where lamp pairs are in close proximity and share a common return (low side) wire. Other benefits of this new topology are stable fixed-frequency operation, secondary-side strike-voltage regulation and both open/shorted lamp protection with fault timeout.
PRODUCT HIGHLIGHT
Externally Programmable Maximum Output Current Easy to Use Brightness Control RangeMAX Wide Range Dimming Output Short-Circuit Protection and Automatic Strike-Voltage Regulation and Timeout Fixed Frequency Operation Rated From -20 to 70C UL 60950 E175910 APPLICATIONS High Brightness Displays Desktop Displays Industrial Display Controls BENEFITS Smooth, Flicker Free 2%100% Full-Range Brightness Control Programmable output current allows inverter to mate with a wide variety of LCD panel specifications
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Universal Dimming Input PWM, VDC, or Potentiometer
DC Voltage Source
Potentiometer
PWM Signal
LXM1643-12-62 LXM1643-12-62
Selectable Maximum Output Current 5mA to 8mARMS
PACKAGE ORDER INFO
PART NUMBER LXM1643-12-62
OUTPUT CONNECTORS Four JST SM02B-BHSS-1-TB
INVERTER MATES DIRECTLY TO PANEL CONNECTORS JST BHSR-02VS-1
Copyright 2002 Rev. 1.0, 2003-10-14
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
ABSOLUTE MAXIMUM RATINGS (NOTE 1) Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V Input Power ....................................................................................................................................................................... 30W Output Voltage, no load ............................................................................................................ Internally Limited to 2000VRMS Output Current (each output) ......................................................................................................9.5mARMS (Internally Limited) Output Power (each output) ............................................................................................................................................. 6.0W Input Signal Voltage ( SLEEP Input) ..................................................................................................................... -0.3V to VIN1 Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V Ambient Operating Temperature, zero airflow.....................................................................................................-20C to 70C Storage Temperature Range...............................................................................................................................-40C to 85C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal.
WWW .Microsemi .C OM
RECOMMENDED OPERATING CONDITIONS (R.C.) This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance will be obtained if the module is operated under the condition listed in the `R.C.' column. Min. and Max. columns indicate values beyond which the inverter, although operational, will not function optimally. Parameter Input Supply Voltage Range (Fully Regulated Lamp Current) Input Supply Voltage Range (Functional) Output Power (each output) Linear BRITE Control Input Voltage Range Lamp Operating Voltage Lamp Current (Full Brightness) Operating Ambient Temperature Range Symbol VIN1 PO VBRT_ADJ VLAMP IOLAMP TA Recommended Operating Conditions Min R.C. Max 10.8 10.2 0.5 530 5 -20 12 12 5.0 625 13.2 13.8 6.0* 2.0 730 8 70 Units V W V VRMS mARMS C
*Total output power must not exceed 6W . Higher voltage lamps may require maximum output current to be set lower than 8mARMS
ELECTRICAL CHARACTERISTICS Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
OUTPUT PIN CHARACTERISTICS Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Full Bright Lamp Current (each output) Output Current Lamp to Lamp Deviation Min. Average Lamp Current (each output) Lamp Start Voltage Operating Frequency Burst Frequency Copyright 2002 Rev. 1.0, 2003-10-14 IL(MAX) IL(MAX) IL(MAX) IL(MAX) ILL%DEV IL(MIN) VLS fO fBURST VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Open VBRT_ADJ 0.5VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = ISET2 = Ground -20C < TA < 70C, VIN1 > 10.8VDC VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 12V Output Burst Frequency 4.0 5.0 6.0 7.0 5 6 7 8 3 .30 1500 69 269 1650 72 281 75 279 5.5 6.6 7.7 8.8 10 mARMS mARMS
Symbol
Test Conditions
LXM1643-12-62 Min Typ Max
Units
ELECTRICALS ELECTRICALS
mARMS mARMS % mARMS VRMS kHz Hz Page 2
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
ELECTRICAL CHARACTERISTICS (CONTINUED) Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
BRITE INPUT Input Current Minimum Input for Max. Lamp Current Maximum Input for Min. Lamp Current SLEEP INPUT RUN Mode SLEEP Mode SET1,2 INPUT SET1,2 Low Threshold Input Current POWER CHARACTERISTICS Sleep Current Run Current Efficiency IIN(MIN) IRUN VIN1 = 12VDC, SLEEP < 0.8V VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 625VRMS VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 625VRMS 0.0 10 1750 85 30 ADC mADC % VL ISET VSET 0.4V -300 0.4 V A IBRT VBRT_ADJ VBRT_ADJ VBRT_ADJ = 0VDC VBRT_ADJ = 3VDC IO(LAMP) = Maximum Lamp Current IO(LAMP) = Minimum Lamp Current 0.4 -300 50 2.0 0.5 2.05 ADC ADC VDC VDC
WWW .Microsemi .C OM
Symbol
Test Conditions
LXM1643-12-62 Min Typ Max
Units
VSLEEP VSLEEP
2.0 -0.3
VIN1 0.8
VDC VDC
FUNCTIONAL PIN DESCRIPTION CONN PIN DESCRIPTION CN1 (Molex 53261-1290) Mates with 51021-1200 housing, 50079-8100 pins. Mates with LX9508 input cable assembly CN1-1,2,3 CN1-4,5,6 CN1-7 CN1-8 CN1-9 CN1-10 CN1-11 CN1-12 VIN1 GND AGND NC Main Input Power Supply (10.8V < VIN1 < 13.2V) Power Supply Return Analog Signal Ground No Connect ON/OFF Control. (0V < SLEEP < 0.8 = OFF, SLEEP >= 2.0V = ON Brightness Control (0.5V to 2.0VDC). 2.0VDC gives maximum lamp current. SET1 MSB Connecting this pin to ground decreases the output current (see Table 1)
SLEEP
BRITE SET1 SET2
ELECTRICALS ELECTRICALS
SET2 LSB Connecting this pin to ground decreases the output current (see Table 1) High voltage connection to high Side of lamp. Connect to lamp terminal with shortest lead length. DO NOT connect to Ground. Connection to low side of lamp. Connect to lamp terminal with longer lead length. DO NOT connect to Ground
CN2-CN5 (JST SM02B-BHSS-1-TB) CN2-CN5-1 CN2-CN5-2 VHI1 VLO
Copyright 2002 Rev. 1.0, 2003-10-14
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
TABLE 1 OUTPUT CURRENT SETTINGS SET1 (Pin 11) Open* Open* Ground Ground SET2 (Pin 12) Open* Ground Open* Ground Nominal Output Current 8.0mA 7.0mA 6.0mA 5.0mA PHYSICAL DIMENSIONS LXM1643-12-62
188mm 6mm
0.23in
WWW .Microsemi .C OM
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
182mm 4mm
0.16in 7.165in.
7.40in.
SM02B-BHSS-1-TB (JST) x 4
CN-1 36mm
1.42in. 28mm 0.2mm
1.10in.
4mm
0.16in
94mm
3.70in.
4mm
0.16in.
GROUNDED MOUNTING HOLES
3.18MM .08 DIA.
88mm 0.2mm
3.645in.
88mm 0.2mm
3.645in.
Warning
High Voltage Present at high side of Transformer and Output Connector 8mm Max
0.315in.
4.7mm
0.18in. 1.7mm
0.67in.
PCB tolerances 0.5mm
Weight: (45g) typ.
All dimensions are in millimeters, inches are for reference only. SIMPLIFIED BLOCK DIAGRAM
High Voltage Transformers +3V 10K Controller Comparator + 0.5 2V DC Ramp Z +3V 10K SET 1 +3V 10K Z
V HI
V BRIT E
V IN1
V HI
LAMP
Output Driver
PACKAGE DATA PACKAGE DATA
OV SENSE
SET 2
I SENSE
One of two
Z
Copyright 2002 Rev. 1.0, 2003-10-14
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
LAMP V LO V LO
Ram p Gen
OC SENSE
Page 4
PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
TYPICAL APPLICATION
WWW .Microsemi .C OM
12V DAC or Pot 0.45V 20K to 2.0V 1.8K BRITE V IN1
V Hx V Hx
LXM1643-12-62
V LO x SLEEP SET 1 SET 2 NC NC GND V LO x One of two
The brightness control may be a voltage output DAC or other voltage source, a digital pot or 20K manual pot. The inverter contains an internal 10K pull-up to 3V to bias the pot add a 1.8K resistor to set the lower threshold voltage. A 3.3V Logic Level PWM signal from a micro-controller may also be used as shown in Figure 1A. If you need to turn the inverter ON/OFF remotely, connect to TTL logic signal to the SLEEP input. Connect VHI to high voltage wire from the lamp. Connect VLO to the low voltage wire (wire with thinner insulation). Never connect VLO to circuit ground as this will defeat lamp current regulation. If both lamp wires have heavy high voltage insulation, connect the longest wire to VLO. This wire is typically white. Use the SET1 and SET2 (see Figure 2) inputs to select the desired maximum output current. Using these two pins in combination allows the inverter to match a wide variety of panels from different manufactures. Generally the best lamp lifetime correlates with driving the CCFL at the manufactures nominal current setting. However the SET1 and SET2 inputs allow the user the flexibility to adjust the current to the maximum allowable output current to increase panel brightness at the expense of some reduced lamp life. Although the SET pins are designed such that just leaving them open or grounding them is all that is needed to set the output current, they can also be actively set. Using a open collector or open drain logic signal will allow you to reduce the lamp current for situations where greater dim range is required, as an example in nighttime situations. In conjunction with a light sensor or other timer the panel could be set to higher brightness (maximum output current) for daytime illumination and lower brightness (minimum or typical output current) at nighttime. Since the dim ratio is a factor of both the burst duty cycle and the peak output current, using this technique the effective dim ratio can be increased greater than the burst duty cycle alone. Conversely the SET inputs could be used to overdrive the lamp temporarily to facilitate faster lamp warm up at initial lamp turn on. Of course any possible degradation on lamp life from such practices is the users responsibility since not all lamps are designed to be overdriven. The inverter has a built in fault timeout function. If the output return is open (lamp disconnected or broken) or shorted the inverter will attempt to strike the lamp for several seconds. After about a second without success the inverter will shutdown. In order to restart the inverter it is necessary to toggle the sleep input or cycle the VIN1 input supply. In the timeout shutdown mode input drain current will be about 8mA.
Figure 1 - Brightness Control (Output current set to maximum)
PW M Signal from System P.W .
BRITE
LXM1643-12-62 10us to 125uS
0 < P.W. < 100% of period
Figure 1A - PWM Brightness Control
12V BRITE V IN1
LXM1643-12-62
SLEEP
SET 1
SET 2
GND
One of two
APPLICATION APPLICATION
L 5.0mARMS H 6.0mARMS L 7.0mARMS H 8.0mARMS L=GND; H=Open Figure 2 - Max Output Current (SET1 and SET2 Inputs)
L L H H
Copyright 2002 Rev. 1.0, 2003-10-14
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
PanelMatchTM
INTEGRATED PRODUCTS
LXM1643-12-62
12V Quad 6W CCFL Programmable Inverter Module
PRODUCTION DATASHEET
NOTES
WWW .Microsemi .C OM
NOTES NOTES
PRODUCTION DATA - Information contained in this document is proprietary to Microsemi and is current as of publication date. This document may not be modified in any way without the express written consent of Microsemi. Product processing does not necessarily include testing of all parameters. Microsemi reserves the right to change the configuration and performance of the product and to discontinue product at any time.
Copyright 2002 Rev. 1.0, 2003-10-14
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6


▲Up To Search▲   

 
Price & Availability of LXM1643-12-62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X