Part Number Hot Search : 
40000 92HSG 78R05 1N6711R 120DC TUF505 LX5551 54000
Product Description
Full Text Search
 

To Download LBT14066 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14.4MHz Bandwidth
Part Number: LBT14066
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1.5 dB Bandwidth 25 dB Bandwidth 30 dB Bandwidth 40 dB Bandwidth Group delay Variation(f07.2MHz) Phase Linearity(f07.2MHz) Passband Variation Absolute Delay Ultimate Rejection Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz MHz MHz MHz nsec degree dB usec
Minimum
139.9
Typical
140 27.8
Maximum
140.1 29.3
14.38
14.4 15.35 15.5 16.34 107 10 1 2.26 15.4 16 16.7 130 15 1.5 2.3
dB
35
40 112LT 25
DIP2712 (27.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1
L2
L1=18nH C1=51pF
L2=56nH C2=33pF
C1
C2
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT14066 2005-1-30 2.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14.4MHz Bandwidth
Part Number: LBT14066
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
3 6
2 1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
4 5
LBT14066 2005-1-30 2.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14.4MHz Bandwidth
Part Number: LBT14066
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-27.7436
-24
Passband Respond
Type performance
-37.7436
-25
-26
-47.7436
-27 Magnitude(dB)
-57.7436
-28
-29
-67.7436
-30
-77.7436
-31
-87.7436
-32
120
125
130
135
140
145
150
155
160
132
134
136
138 140 142 Frequency(MHz)
144
146
148
Group Delay Variation
Phase Linearity
SWR
S11
SWR
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT14066 2005-1-30 2.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT14066

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X