Part Number Hot Search : 
K4164 MCT210M LG2041 4744N UF5401 10700416 11DF2 1421G
Product Description
Full Text Search
 

To Download LBT13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
130MHz SAW Filter 4.4MHz Bandwidth
Part Number: LBT13005
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 3 dB Bandwidth f02.6MHz Selectivity f02.8MHz f03.2MHz f07.2MHz Passband Variation Ultimate Rejection f05MHz Absolute delay Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz dB dB dB dB
Minimum
129.9 4.35 25 40 50 55 50 -
Typical
130 28 4.4 28 52 60 60 0.9 60 3.86 112LT 50
Maximum
130.1 30 4.45 1.2 -
dB
dB usec
DIP3512 (35.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration
L1
L2
C1=82pF
C1 C2
C2=82pF L2=12nH
L1=15nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT13005 2004-12-18 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
130MHz SAW Filter 4.4MHz Bandwidth
Part Number: LBT13005
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
INPUT1 OUTPUT5
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT13005 2004-12-18 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
130MHz SAW Filter 4.4MHz Bandwidth
Part Number: LBT13005
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type performance
Passband Respond
Type performance -21
-22
-36.2723
-23
-46.2723
-24
-56.2723
-66.2723
Magnitude(dB)
124 125.5 127 128.5 130 131.5 Frequency(MHz) 133 134.5 136
-25
Magnitude(dB)
-26
-76.2723
-27
-28
-86.2723
-29
-96.2723
-30
-106.2723
-31
128.5
130 Frequency(MHz)
131.5
Wideband Respond
Type performance -27.2854
Group delay Variation(f02.17MHz)
-37.2854
-47.2854
-57.2854 Magnitude(dB)
-67.2854
-77.2854
-87.2854
-97.2854
-107.2854
80.9
160.8
240.7
320.6 400.5 480.4 Frequency(MHz)
560.3
640.2
720.1
Simth Chart S11
Simth Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT13005 2004-12-18 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X