Part Number Hot Search : 
K10A60D MLX902 SMB11 RGF10M IL34C86N R12X09 1C333 AON6516
Product Description
Full Text Search
 

To Download LBT12902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
129.2MHz SAW Filter 6MHz Bandwidth
Part Number: LBT12902
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec
Minimum
129.1 6.15 60
Typical
129.2 27 5.96 6.19 6.91 6.95 6.99 7.02 7.1 1 3.85 70 -2.33 25
Maximum
129.3 28 7 7.4 8.2 16.2 1.5 4 -
dB
KHz/C C
DIP3512 (35.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L2
L1=39nH
OUTPUT 50 C2
L2=47nH C2=36pF
C1=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT12902 2006-8-30 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
129.2MHz SAW Filter 6MHz Bandwidth
Part Number: LBT12902
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5
12.800.5 0.350.05 2.540.2 25.400.2 2.540.2
Package:DIP3512
7.620.2
7.00
5.70
3 6
2 1
4 5
Unit:mm
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT12902 2006-8-30 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
129.2MHz SAW Filter 6MHz Bandwidth
Part Number: LBT12902
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-17.0518
-25
Passband Respond
-27.0518
-37.0518
-25.5
-47.0518
-26
-57.0518
-26.5
-67.0518
-27
-77.0518
-27.5
-87.0518
-28
-97.0518
-28.5
-107.0518
-29
-29.5
114.2
117.2
120.2
123.2
126.2
129.2
132.2
135.2
138.2
141.2
144.2
125
126
127
128
129
130
131
132
133
134
Group Delay Variation(f02.8MHz)
Phase Linearity(f02.8MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT12902 2006-8-30 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT12902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X